Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VM8PF Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about VM8PF Datasheet

  • # Example questions: ➢ What vmebus interface does the vm8pf board utilize, and to what vme specification revision does it conform?
    ➢ What is the maximum input voltage the vm8pf board can handle without potential damage?
    ➢ How many input and output channels does the vm8pf board provide, and what type of signal coupling do they use?

  • Part No.VM8PF
    ManufacturerFREQUENCYDEVICES
    Size254 Kbytes
    Pages2 pages
    DescriptionProgrammable VME Filter Board
    Datasheet Summary with AI

    # Model VM8PF - Programmable VME Filter Board

    ## Description
    · 8-channel VMEbus filter board
    · Software programmable, precision linear analog filtering
    · B-size (6U) VME form factor
    · Accepts up to eight high-level differential signal inputs
    · Provides signal buffering and unity gain filtering for each channel
    · Configurable with 4- or 8-pole filters (D824 or D828)
    · Tuning ranges from 1.0 Hz to 102.4 kHz
    · Supports high- or low-pass transfer functions

    ## Features & Benefits
    · Simultaneous 8-channel sampling
    · Solves precision performance problems
    · Broad range of transfer characteristics
    · Low harmonic distortion and wide signal-to-noise ratio

    ## Applications
    · Engine test and simulation
    · Automotive test cells
    · Aerospace, navigation & sonar
    · Laboratory R&D
    · Acoustic and vibration analysis
    · Satellite & Telecommunications
    · Automatic test equipment (ATE)
    · Industrial process control

    ## Ordering Information
    · Model: VM8PF-8-D828H8E-2

    ## Filter Options
    · Low-Pass: 4-pole D824, 8-pole D828
    · High-Pass: 4-pole D824, 8-pole D828
    · Band-Pass: 2-pole pair 824BP, 4-pole pair 828BP
    · Band-Reject (Notch): 4-pole pair 828BR

    ## Specifications
    · Analog Input:
    - Impedance: 1 MΩ
    - Input Range: +/-10V pk. linear
    - Maximum Input: +/-15V
    - Common Mode Rejection: 70 dB typ. (60dB min.) DC to 1 kHz
    · Analog Output:
    - Impedance: 1 W typ. (10 W max.)
    - Linear Operating Range: +/-10V pk.
    - Channel-to-Channel Crosstalk: -95 dB typ. DC to 100 kHz
    - Maximum Current: +/-2mA
    - Offset Voltage: +/-2mV typ. (trimmable to zero)
    - Short Circuit Protection: Short to Ground
    · Filter Characteristics: Refer to 824 and 828 Series specifications
    · Gain: Low-pass X1, +/-1%; High-pass X1, +/-2%
    · VMEbus: A16/D16, D08(EO) Slave, VME Spec. Rev. C.1
    · Power Supply: +5V from VME Backplane, 3.5A max.
    · Environmental:
    - Operating: 0°C to +70°C
    - Storage: -25°C to +85°C
    - Humidity: 0-95% non-condensing
    · Mechanical:
    - Card Size: VMEbus 6U, 9.17 x 6.3 inches (233 x 160 mm)
    - Input Channels: 8 Differential, DC coupled
    - Output Channels: 8 Single Ended, DC coupled
    - Mating Connectors: 3 x 25-pin "D"
    - Weight: 3 lbs. (1.36 kg)

    # Model VM8PF - Programmable VME Filter Board

    ## Description
    · 8-channel VMEbus filter board
    · Software programmable, precision linear analog filtering
    · B-size (6U) VME form factor
    · Accepts up to eight high-level differential signal inputs
    · Provides signal buffering and unity gain filtering for each channel
    · Configurable with 4- or 8-pole filters (D824 or D828)
    · Tuning ranges from 1.0 Hz to 102.4 kHz
    · Supports high- or low-pass transfer functions

    ## Features & Benefits
    · Simultaneous 8-channel sampling
    · Solves precision performance problems
    · Broad range of transfer characteristics
    · Low harmonic distortion and wide signal-to-noise ratio

    ## Applications
    · Engine test and simulation
    · Automotive test cells
    · Aerospace, navigation & sonar
    · Laboratory R&D
    · Acoustic and vibration analysis
    · Satellite & Telecommunications
    · Automatic test equipment (ATE)
    · Industrial process control

    ## Ordering Information
    · Model: VM8PF-8-D828H8E-2

    ## Filter Options
    · Low-Pass: 4-pole D824, 8-pole D828
    · High-Pass: 4-pole D824, 8-pole D828
    · Band-Pass: 2-pole pair 824BP, 4-pole pair 828BP
    · Band-Reject (Notch): 4-pole pair 828BR

    ## Specifications
    · Analog Input:
    - Impedance: 1 MΩ
    - Input Range: +/-10V pk. linear
    - Maximum Input: +/-15V
    - Common Mode Rejection: 70 dB typ. (60dB min.) DC to 1 kHz
    · Analog Output:
    - Impedance: 1 W typ. (10 W max.)
    - Linear Operating Range: +/-10V pk.
    - Channel-to-Channel Crosstalk: -95 dB typ. DC to 100 kHz
    - Maximum Current: +/-2mA
    - Offset Voltage: +/-2mV typ. (trimmable to zero)
    - Short Circuit Protection: Short to Ground
    · Filter Characteristics: Refer to 824 and 828 Series specifications
    · Gain: Low-pass X1, +/-1%; High-pass X1, +/-2%
    · VMEbus: A16/D16, D08(EO) Slave, VME Spec. Rev. C.1
    · Power Supply: +5V from VME Backplane, 3.5A max.
    · Environmental:
    - Operating: 0°C to +70°C
    - Storage: -25°C to +85°C
    - Humidity: 0-95% non-condensing
    · Mechanical:
    - Card Size: VMEbus 6U, 9.17 x 6.3 inches (233 x 160 mm)
    - Input Channels: 8 Differential, DC coupled
    - Output Channels: 8 Single Ended, DC coupled
    - Mating Connectors: 3 x 25-pin "D"
    - Weight: 3 lbs. (1.36 kg)

    Part No.VM8PF
    ManufacturerFREQUENCYDEVICES
    Size254 Kbytes
    Pages2 pages
    DescriptionProgrammable VME Filter Board