| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 3DD301B Datasheet
# Example questions:
➢ How does the thermal resistance from junction to case affect heat dissipation in this transistor?
➢ Under what conditions is the collector-emitter saturation voltage of 0v specified?
➢ What is the maximum continuous collector current this transistor can handle?
# INCHANGE Semiconductor - isc Silicon NPN Power Transistor 3DD301B
## General Description
· Designed for B/W TV vertical output applications.
· Collector-Emitter Breakdown Voltage: V(BR)CEO = 50V (Min)
· Collector-Emitter Saturation Voltage: VCE(sat) = 2.0V (Max) @ IC = 3A
## Absolute Maximum Ratings (Ta=25°C)
· VCBO: Collector-Base Voltage: 80V
· VCEO: Collector-Emitter Voltage: 50V
· VEBO: Emitter-Base Voltage: 4V
· IC: Collector Current-Continuous: 5A
· PC: Collector Power Dissipation: 30W @ TC=25℃
· TJ: Junction Temperature: 150 ℃
· Tstg: Storage Temperature Range: -55~150 ℃
## Thermal Characteristics
· Rth j-c: Thermal Resistance, Junction to Case: 2.5 ℃/W
## Electrical Characteristics (TC=25°C unless otherwise specified)
· V(BR)CEO: Collector-Emitter Breakdown Voltage: 50V (Min) @ IC= 5mA; IB= 0
· V(BR)EBO: Emitter-Base Breakdown Voltage: 4V @ IE= 1mA; IC= 0
· V(BR)CBO: Collector-Base Breakdown Voltage: 80V @ IC= 5mA; IE= 0
· VCE(sat): Collector-Emitter Saturation Voltage: 2.0V (Max) @ IC= 3A; IB= 0.3A
· ICBO: Collector Cutoff Current: 0.5mA (Max) @ VCB= 50V; IE= 0
· IEBO: Emitter Cutoff Current: 0.1mA (Max) @ VEB= 4V; IC= 0
· hFE: DC Current Gain: 30-250 @ IC= 3A; VCE= 5V
## Website
· www.iscsemi.cn
# INCHANGE Semiconductor - isc Silicon NPN Power Transistor 3DD301B
## General Description
· Designed for B/W TV vertical output applications.
· Collector-Emitter Breakdown Voltage: V(BR)CEO = 50V (Min)
· Collector-Emitter Saturation Voltage: VCE(sat) = 2.0V (Max) @ IC = 3A
## Absolute Maximum Ratings (Ta=25°C)
· VCBO: Collector-Base Voltage: 80V
· VCEO: Collector-Emitter Voltage: 50V
· VEBO: Emitter-Base Voltage: 4V
· IC: Collector Current-Continuous: 5A
· PC: Collector Power Dissipation: 30W @ TC=25℃
· TJ: Junction Temperature: 150 ℃
· Tstg: Storage Temperature Range: -55~150 ℃
## Thermal Characteristics
· Rth j-c: Thermal Resistance, Junction to Case: 2.5 ℃/W
## Electrical Characteristics (TC=25°C unless otherwise specified)
· V(BR)CEO: Collector-Emitter Breakdown Voltage: 50V (Min) @ IC= 5mA; IB= 0
· V(BR)EBO: Emitter-Base Breakdown Voltage: 4V @ IE= 1mA; IC= 0
· V(BR)CBO: Collector-Base Breakdown Voltage: 80V @ IC= 5mA; IE= 0
· VCE(sat): Collector-Emitter Saturation Voltage: 2.0V (Max) @ IC= 3A; IB= 0.3A
· ICBO: Collector Cutoff Current: 0.5mA (Max) @ VCB= 50V; IE= 0
· IEBO: Emitter Cutoff Current: 0.1mA (Max) @ VEB= 4V; IC= 0
· hFE: DC Current Gain: 30-250 @ IC= 3A; VCE= 5V
## Website
· www.iscsemi.cn
| Part No. | 3DD301B |
| Manufacturer | ISC |
| Size | 70 Kbytes |
| Pages | 2 pages |
| Description | isc Silicon NPN Power Transistor |