Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSO-3RLF Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about FSO-3RLF Datasheet

  • # Example questions: ➢ What is the maximum input current (idd) for the fso-2lf series at frequencies between 30.000+ to 66.6667 mhz?
    ➢ What is the operating temperature range for the fso-3lf series?
    ➢ What voltage level is required at inh (pin 1) to achieve a high z output on pin 3?

  • Part No.FSO-3RLF
    ManufacturerFOX
    Size157 Kbytes
    Pages1 page
    Description5.0V/3.0V Plastic HCMOS/TTL Oscillator
    Datasheet Summary with AI

    # FOX Electronics FSO-Series Oscillators Summary

    ## Key Features:

    ️· Oscillator Types: Includes FSO-2LF, FSO-2RLF, FSO-25LF, and FSO-3LF/3RLF/35LF models.
    ️· Vdd Options: Available in 5.0V ± 0.5V and 3.3V ± 0.3V variations.
    ️· Stability: Ranges from ±100PPM to ±50PPM.
    ️· Operating Temperature: -40°C to +85°C (specific models).
    ️· Frequency Range: 1.000 ~ 66.6667 MHz.
    ️· Enable/Disable Function: Uses an enable signal (pin 1) for active or high-Z output (pin 3).
    ️· Bypass Capacitor: Requires a 0.01µF bypass capacitor between VDD (Pin 4) and GND (Pin 2).

    ## Technical Specifications:

    | Feature | FSO-2LF Series | FSO-3LF Series |
    |---|---|---|
    | Input Current (1.000 ~ 30.000 MHz) | 23mA | 9mA |
    | Input Current (30.000+ MHz) | 35mA | 20mA |
    | Output Symmetry | 40% ~ 60% | 40% ~ 60% |
    | Rise Time (1.000 ~ 30.000 MHz) | 8ns | 6ns |

    | Rise Time (30.000+ MHz) | 7ns | 6ns |
    | Fall Time (1.000 ~ 30.000 MHz) | 8ns | 6ns |
    | Fall Time (30.000+ MHz) | 7ns | 6ns |
    | Output Voltage (Voh) | 4.6V Min | 2.9V Min |
    | Output Current (Ioh) | -16mA Min | -4mA Min |
    | Start-up Time | 4ms | 4ms |
    | Enable/Disable Time | 100ns | 100ns |

    Notes:

    ️· Product specifications are subject to change without notice.
    ️· Models operate within a specific range (e.g., -40°C to +85°C). Refer to datasheet for detailed specifications.

    # FOX Electronics FSO-Series Oscillators Summary

    ## Key Features:

    ️· Oscillator Types: Includes FSO-2LF, FSO-2RLF, FSO-25LF, and FSO-3LF/3RLF/35LF models.
    ️· Vdd Options: Available in 5.0V ± 0.5V and 3.3V ± 0.3V variations.
    ️· Stability: Ranges from ±100PPM to ±50PPM.
    ️· Operating Temperature: -40°C to +85°C (specific models).
    ️· Frequency Range: 1.000 ~ 66.6667 MHz.
    ️· Enable/Disable Function: Uses an enable signal (pin 1) for active or high-Z output (pin 3).
    ️· Bypass Capacitor: Requires a 0.01µF bypass capacitor between VDD (Pin 4) and GND (Pin 2).

    ## Technical Specifications:

    Feature FSO-2LF Series FSO-3LF Series
    Input Current (1.000 ~ 30.000 MHz) 23mA 9mA
    Input Current (30.000+ MHz) 35mA 20mA
    Output Symmetry 40% ~ 60% 40% ~ 60%
    Rise Time (1.000 ~ 30.000 MHz) 8ns 6ns
    Rise Time (30.000+ MHz) 7ns 6ns
    Fall Time (1.000 ~ 30.000 MHz) 8ns 6ns
    Fall Time (30.000+ MHz) 7ns 6ns
    Output Voltage (Voh) 4.6V Min 2.9V Min
    Output Current (Ioh) -16mA Min -4mA Min
    Start-up Time 4ms 4ms
    Enable/Disable Time 100ns 100ns

    Notes:

    ️· Product specifications are subject to change without notice.
    ️· Models operate within a specific range (e.g., -40°C to +85°C). Refer to datasheet for detailed specifications.

    Part No.FSO-3RLF
    ManufacturerFOX
    Size157 Kbytes
    Pages1 page
    Description5.0V/3.0V Plastic HCMOS/TTL Oscillator