️· Device Overview: Details on the three comparator ICs, specifying their functions and applications.
️· Absolute Maximum Ratings: Lists the maximum operating conditions for the devices (voltage, current, temperature, etc.).
️· Electrical Characteristics: Provides detailed performance specifications (input bias current, offset voltage, response time, etc.). Specifications vary slightly between the LM193, LM293, and LM393.
️· Applications: Suggests typical applications for the comparators.
️· Pin Configuration: Shows the pinout diagrams for the various package types (DIP8, SO8, TSSOP8, MiniSO8).
️· Typical Application Circuits: Provides example circuits demonstrating how to use the comparators.
️· Package Information: Includes mechanical drawings and dimensions for the different package types.
️· Ordering Information: Lists the available part numbers and package options.
️· Revision History: Tracks changes made to the datasheet over time.
️· Legal Disclaimers: Contains standard legal disclaimers regarding warranties, liability, and usage restrictions.
Key features/variations between the three models:
️· LM193: General-purpose comparator.
️· LM293: Similar to LM193, but with a wider operating temperature range.
️· LM393: Designed for single-supply operation and lower power consumption.
Package options:
️· DIP8
️· SO8
️· TSSOP8
️· MiniSO8
Automotive Grade: Certain models (denoted with "A" or "Y" in the part number) are qualified for automotive applications (AEC-Q100/Q003).
This datasheet is comprehensive, providing engineers with the information they need to select, integrate, and use these comparators in their designs.