| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SMTC2-3000F Datasheet
# Example questions:
➢ How does the vrrm value change across the different smtc2-3000f-xx series (e.g., -16, -18, -20)?
➢ What are the typical applications for the smtc2-3000f thyristor?
➢ What is the maximum allowable rate of change of voltage (dv/dt)cr for the smtc2-3000f?
# Phase Control Thyristor - SMTC2-3000F
## Features & Applications
️· Hermetic metal case with ceramic insulator
️· Capsule packages for double-sided cooling
️· International standard case
️· Amplifying gates
️· Typical Applications: DC motor control, AC motor soft starter, Controlled rectifiers, AC controllers
## Electrical Characteristics
️· ITRMS: 3000A
️· ITAVM (TC=55°C): 3000A
️· ITSM: 38kA
️· (di/dt)cr: 600A/µs
️· (dv/dt)cr: 500-1000V/µs
️· VTM: 2.85V
️· ITM: 5.5kA
️· VTO: 1.35V
️· rT: 0.13mS
️· VGT: 4.5V
️· IGT: 300mA
️· TVJM: 115°C
️· RthJC: 0.009K/W
## Voltage Ratings
| Type | VRSM | V RRM | VDRM |
|---|---|---|---|
| SMTC2-3000F-16 <br> SMTC2-3000F-18 <br> SMTC2-3000F-20 <br> SMTC2-3000F-22 <br> SMTC2-3000F-24 <br> SMTC2-3000F-25 | 1700 <br> 1900 <br> 2100 <br> 2300 <br> 2500 <br> 2600 | 1600 <br> 1800 <br> 2000 <br> 2200 <br> 2400 <br> 2500 |
## Other Characteristics
️· tq (TC=105°C): 40s (KED12), 50s (JED12), 60s (IED12), 80s (HED12)
️· Mounting: Not specified, but designed for double sided cooling.
️· Operating/Storage Temperature: Not specified.
# Phase Control Thyristor - SMTC2-3000F
## Features & Applications
️· Hermetic metal case with ceramic insulator
️· Capsule packages for double-sided cooling
️· International standard case
️· Amplifying gates
️· Typical Applications: DC motor control, AC motor soft starter, Controlled rectifiers, AC controllers
## Electrical Characteristics
️· ITRMS: 3000A
️· ITAVM (TC=55°C): 3000A
️· ITSM: 38kA
️· (di/dt)cr: 600A/µs
️· (dv/dt)cr: 500-1000V/µs
️· VTM: 2.85V
️· ITM: 5.5kA
️· VTO: 1.35V
️· rT: 0.13mS
️· VGT: 4.5V
️· IGT: 300mA
️· TVJM: 115°C
️· RthJC: 0.009K/W
## Voltage Ratings
| Type | VRSM | V RRM | VDRM |
|---|---|---|---|
| SMTC2-3000F-16 <br> SMTC2-3000F-18 <br> SMTC2-3000F-20 <br> SMTC2-3000F-22 <br> SMTC2-3000F-24 <br> SMTC2-3000F-25 | 1700 <br> 1900 <br> 2100 <br> 2300 <br> 2500 <br> 2600 | 1600 <br> 1800 <br> 2000 <br> 2200 <br> 2400 <br> 2500 |
| Part No. | SMTC2-3000F |
| Manufacturer | SEMPO |
| Size | 61 Kbytes |
| Pages | 1 page |
| Description | PHASE CONTROL THYRISTOR |