| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BUV46 Datasheet
# Example questions:
➢ What is the thermal resistance junction-to-case (rthjc) for both the buv46 and buv46a transistors?
➢ What is the typical storage time (ts) for the buv46a transistor when tested under resistive load?
➢ What is the maximum collector-emitter voltage (vces) for the buv46 transistor?
# BUV46 / BUV46A NPN Power Transistors
## Overview
️· High voltage NPN silicon power transistors for fast switching applications.
️· Available in TO-220 plastic package.
️· Preferred types by STMicroelectronics.
## Absolute Maximum Ratings
| Parameter | BUV46 | BUV46A | Unit |
|--------------------------|-------|--------|------|
| Collector-Emitter Voltage (VBE=0) | 850 | 1000 | V |
| Collector-Emitter Voltage (VBE=-2.5V) | 850 | 1000 | V |
| Collector-Emitter Voltage (IB=0) | 400 | 450 | V |
| Emitter-Base Voltage (IC=0) | 7 | 7 | V |
| Collector Current | 5 | 5 | A |
| Base Current | 3 | 3 | A |
| Total Dissipation (Tc=25°C) | 70 | 70 | W |
| Storage Temperature | -65 to 150 | -65 to 150 | °C |
| Junction Temperature (Max) | 150 | 150 | °C |
## Electrical Characteristics (Tcase = 25°C)
| Parameter | Test Conditions | Min | Typ | Max | Unit |
|--------------------------|-----------------------|-----|-----|-----|------|
| Collector Cut-off Current (ICER) | VCE=VCEX | 0.1 | 1 | | mA |
| Collector Cut-off Current (ICEX) | VCE=VCEX, VBE=-2.5V | 0.3 | 2 | | mA |
| Emitter Cut-off Current (IEBO) | VBE=7V | | 1 | | mA |
| Collector-Emitter Sustaining Voltage (VCEO(sus)) | IC=100mA | 400 | 450 | | V |
| Collector-Emitter Saturation Voltage (VCE(sat)) | IC=2.5A, IB=0.5A (BUV46) / IC=2A, IB=0.4A (BUV46A) | 1.5 | | | V |
| Base-Emitter Saturation Voltage (VBE(sat)) | IC=2.5A, IB=0.5A (BUV46) / IC=2A, IB=0.4A (BUV46A) | 1.3 | | | V |
| Turn-On Time (ton) | Resistive Load | 1 | | | µs |
| Storage Time (ts) | Resistive Load | 3 | | | µs |
| Fall Time (tf) | Resistive Load | 0.8 | | | µs |
## Package Information
️· TO-220 plastic package.
️· Detailed mechanical dimensions available in datasheet.
# BUV46 / BUV46A NPN Power Transistors
## Overview
️· High voltage NPN silicon power transistors for fast switching applications.
️· Available in TO-220 plastic package.
️· Preferred types by STMicroelectronics.
## Absolute Maximum Ratings
| Parameter | BUV46 | BUV46A | Unit |
|---|---|---|---|
| Collector-Emitter Voltage (VBE=0) | 850 | 1000 | V |
| Collector-Emitter Voltage (VBE=-2.5V) | 850 | 1000 | V |
| Collector-Emitter Voltage (IB=0) | 400 | 450 | V |
| Emitter-Base Voltage (IC=0) | 7 | 7 | V |
| Collector Current | 5 | 5 | A |
| Base Current | 3 | 3 | A |
| Total Dissipation (Tc=25°C) | 70 | 70 | W |
| Storage Temperature | -65 to 150 | -65 to 150 | °C |
| Junction Temperature (Max) | 150 | 150 | °C |
| Parameter | Test Conditions | Min | Typ | Max | Unit |
|---|---|---|---|---|---|
| Collector Cut-off Current (ICER) | VCE=VCEX | 0.1 | 1 | mA | |
| Collector Cut-off Current (ICEX) | VCE=VCEX, VBE=-2.5V | 0.3 | 2 | mA | |
| Emitter Cut-off Current (IEBO) | VBE=7V | 1 | mA | ||
| Collector-Emitter Sustaining Voltage (VCEO(sus)) | IC=100mA | 400 | 450 | V | |
| Collector-Emitter Saturation Voltage (VCE(sat)) | IC=2.5A, IB=0.5A (BUV46) / IC=2A, IB=0.4A (BUV46A) | 1.5 | V | ||
| Base-Emitter Saturation Voltage (VBE(sat)) | IC=2.5A, IB=0.5A (BUV46) / IC=2A, IB=0.4A (BUV46A) | 1.3 | V | ||
| Turn-On Time (ton) | Resistive Load | 1 | µs | ||
| Storage Time (ts) | Resistive Load | 3 | µs | ||
| Fall Time (tf) | Resistive Load | 0.8 | µs |
| Part No. | BUV46 |
| Manufacturer | STMICROELECTRONICS |
| Size | 47 Kbytes |
| Pages | 4 pages |
| Description | HIGH VOLTAGE NPN SILICON POWER TRANSISTORS |