| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about FPIL Datasheet
# Example questions:
➢ What is the maximum average forward current, if(av), for the fpil series at a case temperature of 55°c?
➢ How does the maximum peak surge current, ifsm, differ between the fpil and mpil series?
➢ What is the dielectric test voltage, in volts rms, that this product is designed to withstand?
# FPIL & MPIL - MiniBridge 40/50 Ampere
## General Description
️· Single-Phase, Full-Wave Bridges
️· Space-saving in-line design
️· Integrally molded heat sink provides low thermal resistance.
️· Product has Underwriters Laboratories component program recognition.
## Models and Ratings
|PRV/LEG|50V|100V|200V|400V|600V|800V|1000V|
|---|---|---|---|---|---|---|---|
|Type No.|FPIL05|FPIL10|FPIL20|FPIL40|FPIL60|FPIL80|FPIL100|
|Type No.|MPIL05|MPIL10|MPIL20|MPIL40|MPIL60|MPIL80|MPIL100|
## Electrical Characteristics (Per Leg, at TA=25°C)
️· Average Forward Current (IF(Av.)): FPIL: 40-50A, MPIL: 40-50A
️· Max. Peak Surge Current (IFSM @ 8.3ms): FPIL: 300A, MPIL: 400A
️· Max. DC Reverse Current @ PRV: 10A
️· Max. DC Reverse Current @ PRV @ 100°C: 100A
️· Forward Voltage Drop (VF @ Duty Cycle 2.0%, Pulse Test, 300μs pulse width): 1.2V
️· Thermal Resistance (Total Bridge): 1.2 °C/W
️· Dielectric Test Voltage: 2500V RMS (50-60Hz)
## Mechanical Outline
️· All dimensions in inches.
️· Dimensions provided for hole size, spacing, and overall size.
## Environmental
️· Storage Temperature Range: -55°C to +175°C
️· Soldering Temperature: Maximum lead/terminal temperature 250°C for 5 seconds at 3/8 inch from case.
## Notes
️· For large capacitive loads, derate by up to 20%.
️· Contact information: 21 Gray Oaks Avenue, Yonkers, NY 10710; Phone: 914-965-4400; Fax: 914-965-5531; Website: [http://www.e-edi.com](http://www.e-edi.com)
# FPIL & MPIL - MiniBridge 40/50 Ampere
## General Description
️· Single-Phase, Full-Wave Bridges
️· Space-saving in-line design
️· Integrally molded heat sink provides low thermal resistance.
️· Product has Underwriters Laboratories component program recognition.
## Models and Ratings
| PRV/LEG | 50V | 100V | 200V | 400V | 600V | 800V | 1000V |
|---|---|---|---|---|---|---|---|
| Type No. | FPIL05 | FPIL10 | FPIL20 | FPIL40 | FPIL60 | FPIL80 | FPIL100 |
| Type No. | MPIL05 | MPIL10 | MPIL20 | MPIL40 | MPIL60 | MPIL80 | MPIL100 |
| Part No. | FPIL |
| Manufacturer | EDI |
| Size | 52 Kbytes |
| Pages | 2 pages |
| Description | 40/50 AMPERE SINGLE-PHASE, FULL-WAVE BRIDGES |