| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about STW21NM50N Datasheet
# Example questions:
➢ What is the maximum drain current this mosfet can handle continuously?
➢ What is the minimum drain-source breakdown voltage specified for this mosfet?
➢ How does the thermal resistance, junction to case, affect heat dissipation from this device?
# isc N-Channel MOSFET Transistor STW21NM50N
## Features
· Drain Current (ID): 18A @ TC = 25℃
· Drain-Source Voltage (VDSS): 500V (Min)
· Static Drain-Source On-Resistance (RDS(on)): 0.19Ω (Max) @ VGS = 10V
## Absolute Maximum Ratings
| SYMBOL | PARAMETER | VALUE | UNIT |
|---|---|---|---|
| VDSS | Drain-Source Voltage | 500 | V |
| VGS | Gate-Source Voltage-Continuous | ±25 | V |
| ID | Drain Current-Continuous | 18 | A |
| IDM | Drain Current-Single Pulse | 72 | A |
| PD | Total Dissipation @TC=25℃ | 140 | W |
| TJ | Max. Operating Junction Temperature | 150 | ℃ |
| Tstg | Storage Temperature | -55~150 | ℃ |
| SYMBOL | PARAMETER | MAX | UNIT |
|---|---|---|---|
| Rth j-c | Thermal Resistance, Junction to Case | 0.89 | ℃/W |
| SYMBOL | PARAMETER | CONDITIONS | MIN | TYP. | MAX | UNIT |
|---|---|---|---|---|---|---|
| V(BR)DSS | Drain-Source Breakdown Voltage | VGS= 0; ID=1.0mA | 500 | -- | -- | V |
| IDSS | Zero Gate Voltage Drain Current | VDS=500V; VGS= 0V | -- | -- | 1 | μA |
| IGSS | Gate-Body Leakage Current | VGS= ±20V;VDS= 0 V | -- | -- | ±100 | nA |
| VGS(th) | Gate Threshold Voltage | VDS= VGS; ID=0.25mA | 2.0 | -- | 4.0 | V |
| RDS(on) | Drain-Source On-Resistance | VGS= 10V; ID= 9A | -- | -- | 0.19 | Ω |
| VSD | Forward On-Voltage | IS= 18A; VGS= 0V | -- | -- | 1.5 | V |
# isc N-Channel MOSFET Transistor STW21NM50N
## Features
· Drain Current (ID): 18A @ TC = 25℃
· Drain-Source Voltage (VDSS): 500V (Min)
· Static Drain-Source On-Resistance (RDS(on)): 0.19Ω (Max) @ VGS = 10V
## Absolute Maximum Ratings
| SYMBOL | PARAMETER | VALUE | UNIT |
|---|---|---|---|
| VDSS | Drain-Source Voltage | 500 | V |
| VGS | Gate-Source Voltage-Continuous | ±25 | V |
| ID | Drain Current-Continuous | 18 | A |
| IDM | Drain Current-Single Pulse | 72 | A |
| PD | Total Dissipation @TC=25℃ | 140 | W |
| TJ | Max. Operating Junction Temperature | 150 | ℃ |
| Tstg | Storage Temperature | -55~150 | ℃ |
| SYMBOL | PARAMETER | MAX | UNIT |
|---|---|---|---|
| Rth j-c | Thermal Resistance, Junction to Case | 0.89 | ℃/W |
| SYMBOL | PARAMETER | CONDITIONS | MIN | TYP. | MAX | UNIT |
|---|---|---|---|---|---|---|
| V(BR)DSS | Drain-Source Breakdown Voltage | VGS= 0; ID=1.0mA | 500 | -- | -- | V |
| IDSS | Zero Gate Voltage Drain Current | VDS=500V; VGS= 0V | -- | -- | 1 | μA |
| IGSS | Gate-Body Leakage Current | VGS= ±20V;VDS= 0 V | -- | -- | ±100 | nA |
| VGS(th) | Gate Threshold Voltage | VDS= VGS; ID=0.25mA | 2.0 | -- | 4.0 | V |
| RDS(on) | Drain-Source On-Resistance | VGS= 10V; ID= 9A | -- | -- | 0.19 | Ω |
| VSD | Forward On-Voltage | IS= 18A; VGS= 0V | -- | -- | 1.5 | V |
| Part No. | STW21NM50N |
| Manufacturer | ISC |
| Size | 350 Kbytes |
| Pages | 2 pages |
| Description | isc N-Channel MOSFET Transistor |