Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6382DTR Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about L6382DTR Datasheet

  • # Example questions: ➢ What happens to the vref pin during the start-up mode, and what is the purpose of this action?
    ➢ What is the primary function of the high-voltage start-up (hvsu) circuit during the start-up mode?
    ➢ What two stable states does the l6382d operate in, and what manages the fault conditions?

  • Part No.L6382DTR
    ManufacturerSTMICROELECTRONICS
    Size297 Kbytes
    Pages22 pages
    DescriptionPower management unit for microcontrolled ballast
    Datasheet Summary with AI

    1. Core Functionality & Modes of Operation

    ️· Power Management: The L6382D is designed to manage power, transitioning between various modes to optimize performance and efficiency. Key modes include:
    - START-UP Mode: Initial phase where the high-voltage generator charges the Vcc capacitor. Most IC functions are disabled except the HV generator and a VREF current sink.
    - OPERATING Mode: Normal operation.
    - SAVE MODE: A low-power state.
    ️· Overcurrent Protection: A parallel asynchronous process is active during operating mode to protect against excessive current.

    2. Key Electrical Characteristics & Parameters

    ️· VCC Startup: The IC needs a VCC voltage to reach approximately 14V before fully starting operations. The HV generator charges a capacitor connected to VCC.
    ️· VREF: The reference voltage is around 3.3V. It has load regulation and temperature compensation. It’s capable of driving up to 30mA.
    ️· Logic Inputs: Compatible with standard logic levels.

    3. Specific Pins and their Functions (important for application)

    ️· VCC: Supply Voltage for the IC.
    ️· VREF: Reference Voltage output.
    ️· VBOOT: Bootstrap capacitor connection for the high-side driver.
    ️· OUT: Output Voltage point (floating).
    ️· Pins 1-4: Logic Inputs
    ️· LGI: Logic Gate Input

    4. Startup Sequence

    1. Power is applied.
    2. The HV generator starts drawing current (about 10mA).
    3. This current, minus the IC's consumption, charges a capacitor connected to VCC.
    4. Once VCC reaches a threshold of approximately 14V, the IC starts operating, and the HV generator is switched off.



    5. Protection Features

    ️· Overcurrent Protection: A key feature for fault tolerance.
    ️· UVLO (Under Voltage Lockout): The L6382D has thresholds for proper operation based on the input voltage. (Refer to figures 4 and 5 for these thresholds vs temperature)



    Important Notes from the Datasheet

    ️· The datasheet provides graphical data to show the relationship between temperature and some key parameters, such as UVLO thresholds, VCC zener voltage, VREF and overcurrent protection. These graphs are critical for proper design and compensation.
    ️· The datasheet provides details on propagation delays, which are critical for high-frequency switching applications.
    ️· The datasheet provides detailed information about the current drive capability for several pins.

    In Summary

    The L6382D appears to be a sophisticated power management IC designed for applications where efficiency, protection, and control are important. The datasheet provides detailed information about its functionality, electrical characteristics, and application requirements. The information above provides a detailed overview of the key functionalities and electrical parameters.

    1. Core Functionality & Modes of Operation

    ️· Power Management: The L6382D is designed to manage power, transitioning between various modes to optimize performance and efficiency. Key modes include:
    - START-UP Mode: Initial phase where the high-voltage generator charges the Vcc capacitor. Most IC functions are disabled except the HV generator and a VREF current sink.
    - OPERATING Mode: Normal operation.
    - SAVE MODE: A low-power state.
    ️· Overcurrent Protection: A parallel asynchronous process is active during operating mode to protect against excessive current.

    2. Key Electrical Characteristics & Parameters

    ️· VCC Startup: The IC needs a VCC voltage to reach approximately 14V before fully starting operations. The HV generator charges a capacitor connected to VCC.
    ️· VREF: The reference voltage is around 3.3V. It has load regulation and temperature compensation. It’s capable of driving up to 30mA.
    ️· Logic Inputs: Compatible with standard logic levels.

    3. Specific Pins and their Functions (important for application)

    ️· VCC: Supply Voltage for the IC.
    ️· VREF: Reference Voltage output.
    ️· VBOOT: Bootstrap capacitor connection for the high-side driver.
    ️· OUT: Output Voltage point (floating).
    ️· Pins 1-4: Logic Inputs
    ️· LGI: Logic Gate Input

    4. Startup Sequence

    1. Power is applied.
    2. The HV generator starts drawing current (about 10mA).
    3. This current, minus the IC's consumption, charges a capacitor connected to VCC.
    4. Once VCC reaches a threshold of approximately 14V, the IC starts operating, and the HV generator is switched off.



    5. Protection Features

    ️· Overcurrent Protection: A key feature for fault tolerance.
    ️· UVLO (Under Voltage Lockout): The L6382D has thresholds for proper operation based on the input voltage. (Refer to figures 4 and 5 for these thresholds vs temperature)



    Important Notes from the Datasheet

    ️· The datasheet provides graphical data to show the relationship between temperature and some key parameters, such as UVLO thresholds, VCC zener voltage, VREF and overcurrent protection. These graphs are critical for proper design and compensation.
    ️· The datasheet provides details on propagation delays, which are critical for high-frequency switching applications.
    ️· The datasheet provides detailed information about the current drive capability for several pins.

    In Summary

    The L6382D appears to be a sophisticated power management IC designed for applications where efficiency, protection, and control are important. The datasheet provides detailed information about its functionality, electrical characteristics, and application requirements. The information above provides a detailed overview of the key functionalities and electrical parameters.

    Part No.L6382DTR
    ManufacturerSTMICROELECTRONICS
    Size297 Kbytes
    Pages22 pages
    DescriptionPower management unit for microcontrolled ballast