1. Core Functionality:
️· Dual Comparator: These ICs contain two independent voltage comparators, each comparing two input voltages.
️· Open-Collector Outputs: The comparator outputs are open-collector, allowing for flexible pull-up configurations and logic interfacing.
️· Wide Supply Voltage Range: Operates from a single supply voltage of +2V to +36V, or dual supplies of ±1V to ±18V.
2. Key Features & Benefits:
️· Low Offset Voltage: Offers low input offset voltage and drift, crucial for accurate comparisons.
️· Fast Response Time: Relatively fast switching speeds.
️· Versatility: Suitable for various applications like voltage monitoring, threshold detection, zero-crossing detection, light-sensitive circuits, and more.
️· Multiple Packaging Options: Available in DIP, SOIC, TSSOP, and MiniSO packages.
️· Temperature Grades: Offered in commercial and industrial temperature ranges.
3. Electrical Characteristics:
️· Detailed specifications for input offset voltage, input bias current, propagation delay, output voltage swing, and other key parameters.
️· Values are provided for various operating conditions (supply voltage, temperature).
4. Applications:
️· The datasheet provides example circuits for common applications demonstrating how to configure the comparators for different functions.
5. Package Information:
️· Detailed mechanical drawings and dimensions for all available package options (DIP, SOIC, TSSOP, MiniSO).
6. Revision History:
️· Tracks changes to the document over time.
In essence, this datasheet is a complete reference guide for engineers and designers who are considering using these dual comparator ICs in their circuits. It provides all the necessary information to understand the ICs' capabilities, specifications, and how to properly implement them in a variety of applications.