Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC487CSW Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LTC487CSW Datasheet

  • # Example questions: ➢ What is the recommended method for providing additional esd protection to ltc’s rs485 products beyond the already included protection, and what component is suggested for this purpose?
    ➢ What triggers this feature, and what limitation exists preventing it from fully protecting against contention faults?
    ➢ What is the primary benefit of using ac coupling for termination resistors in an rs485 network, and how is the capacitor value determined based on cable length?

  • Part No.LTC487CSW
    ManufacturerLINER
    Size113 Kbytes
    Pages8 pages
    DescriptionQuad Low Power RS485 Driver
    Datasheet Summary with AI

    1. Overview

    ️· The LTC487 is a low-power, half-duplex RS-485 transceiver. It's designed for robust data communication over long distances (up to 4000 feet) in noisy environments. It's a driver/receiver combination chip.
    ️· RS-485 is a standard for serial communication; it's often used for industrial applications.
    ️· Half-duplex means data can only be sent in one direction at a time. Think of a walkie-talkie.
    ️· It's part of a family of RS-485 transceivers offered by Linear Technology (now part of Analog Devices).

    2. Features

    ️· Wide Supply Voltage: Operates from a relatively wide voltage range (typically 3.0 to 13.2V).
    ️· Low Power Consumption: Designed for efficiency, important in battery-powered or energy-sensitive applications.
    ️· ESD Protection: Built-in electrostatic discharge (ESD) protection up to 2kV.
    ️· Thermal Shutdown: A safety feature that disables the outputs if the chip gets too hot (to prevent damage due to short circuits or excessive power dissipation).
    ️· Receiver Fail-Safe: The receiver output defaults to a known state (logic 1) when the inputs are open-circuited or when all drivers are disabled.
    ️· Data Rate: Supports data rates up to 10 Mbps (though practical distances are lower).

    3. Applications

    ️· Industrial Networks: Ideal for connecting devices in factories, control systems, and other industrial environments.
    ️· Long-Distance Communication: Suitable for applications requiring communication over long distances, such as connecting remote sensors or actuators.
    ️· Building Automation: Can be used in building management systems for controlling lighting, HVAC, and security.
    ️· Data Acquisition Systems: Used for gathering data from sensors in remote locations.

    4. Key Considerations (and Troubleshooting Tips)

    ️· Cable Termination: This is *critical* for proper operation.
    - Characteristic Impedance: The cable must be terminated with resistors equal to its characteristic impedance (typically 120 ohms). Improper termination causes signal reflections and data errors.
    - AC Coupling: AC coupling capacitors can be used to reduce DC power consumption by eliminating the need for DC termination resistors.
    ️· Cable Length vs. Data Rate: Longer cable lengths require lower data rates to avoid excessive signal attenuation.
    ️· DC Bias: Be aware of the DC bias introduced by termination resistors.
    ️· Thermal Shutdown: While a safety feature, excessive reliance on thermal shutdown indicates a system design issue.
    ️· Receiver Open-Circuit Fail-Safe: Important for knowing the state of the receiver when the bus is idle.
    ️· ESD Protection: Consider external Transient Voltage Suppressors (TVS) diodes for added protection in harsh environments.

    5. Key Terminology

    ️· Transceiver: A combined transmitter and receiver.
    ️· Half-Duplex: Communication in one direction at a time.
    ️· RS-485: A serial communication standard.
    ️· Characteristic Impedance: A cable property that affects signal reflection.
    ️· Attenuation: Loss of signal strength over distance.
    ️· ESD: Electrostatic Discharge
    ️· Transient Voltage Suppressor (TVS): A protective device that clamps voltage spikes.
    ️· AC Coupling: Using capacitors to block DC voltage while allowing AC signals to pass.
    ️· DC Bias: A DC voltage level that affects the signal.

    1. Overview

    ️· The LTC487 is a low-power, half-duplex RS-485 transceiver. It's designed for robust data communication over long distances (up to 4000 feet) in noisy environments. It's a driver/receiver combination chip.
    ️· RS-485 is a standard for serial communication; it's often used for industrial applications.
    ️· Half-duplex means data can only be sent in one direction at a time. Think of a walkie-talkie.
    ️· It's part of a family of RS-485 transceivers offered by Linear Technology (now part of Analog Devices).

    2. Features

    ️· Wide Supply Voltage: Operates from a relatively wide voltage range (typically 3.0 to 13.2V).
    ️· Low Power Consumption: Designed for efficiency, important in battery-powered or energy-sensitive applications.
    ️· ESD Protection: Built-in electrostatic discharge (ESD) protection up to 2kV.
    ️· Thermal Shutdown: A safety feature that disables the outputs if the chip gets too hot (to prevent damage due to short circuits or excessive power dissipation).
    ️· Receiver Fail-Safe: The receiver output defaults to a known state (logic 1) when the inputs are open-circuited or when all drivers are disabled.
    ️· Data Rate: Supports data rates up to 10 Mbps (though practical distances are lower).

    3. Applications

    ️· Industrial Networks: Ideal for connecting devices in factories, control systems, and other industrial environments.
    ️· Long-Distance Communication: Suitable for applications requiring communication over long distances, such as connecting remote sensors or actuators.
    ️· Building Automation: Can be used in building management systems for controlling lighting, HVAC, and security.
    ️· Data Acquisition Systems: Used for gathering data from sensors in remote locations.

    4. Key Considerations (and Troubleshooting Tips)

    ️· Cable Termination: This is *critical* for proper operation.
    - Characteristic Impedance: The cable must be terminated with resistors equal to its characteristic impedance (typically 120 ohms). Improper termination causes signal reflections and data errors.
    - AC Coupling: AC coupling capacitors can be used to reduce DC power consumption by eliminating the need for DC termination resistors.
    ️· Cable Length vs. Data Rate: Longer cable lengths require lower data rates to avoid excessive signal attenuation.
    ️· DC Bias: Be aware of the DC bias introduced by termination resistors.
    ️· Thermal Shutdown: While a safety feature, excessive reliance on thermal shutdown indicates a system design issue.
    ️· Receiver Open-Circuit Fail-Safe: Important for knowing the state of the receiver when the bus is idle.
    ️· ESD Protection: Consider external Transient Voltage Suppressors (TVS) diodes for added protection in harsh environments.

    5. Key Terminology

    ️· Transceiver: A combined transmitter and receiver.
    ️· Half-Duplex: Communication in one direction at a time.
    ️· RS-485: A serial communication standard.
    ️· Characteristic Impedance: A cable property that affects signal reflection.
    ️· Attenuation: Loss of signal strength over distance.
    ️· ESD: Electrostatic Discharge
    ️· Transient Voltage Suppressor (TVS): A protective device that clamps voltage spikes.
    ️· AC Coupling: Using capacitors to block DC voltage while allowing AC signals to pass.
    ️· DC Bias: A DC voltage level that affects the signal.

    Part No.LTC487CSW
    ManufacturerLINER
    Size113 Kbytes
    Pages8 pages
    DescriptionQuad Low Power RS485 Driver