| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 30CPQ040 Datasheet
# Example questions:
➢ What is the maximum allowable junction temperature for this schottky rectifier?
➢ How much forward current can this rectifier handle on average?
➢ What is the maximum instantaneous reverse current when the junction temperature is 25°c?
# Schottky Rectifier 30CPQ040
## Features
️· Low forward voltage drop
️· High frequency operation
## Applications
️· Switching power supplies
️· Converters
️· Freewheeling diodes
️· Reverse battery protection
## Absolute Maximum Ratings
| SYMBOL | PARAMETER | VALUE | UNIT |
|---|---|---|---|
| VRRM | Peak Repetitive Reverse Voltage | 40 | V |
| IF(AV) | Average Rectified Forward Current | 2\*15 | A |
| IFSM | Non-repetitive Peak Surge Current (tp = 5µs sine) | 1020 | A |
| TJ | Junction Temperature | -55~150 | ℃ |
| Tstg | Storage Temperature Range | -55~150 | ℃ |
| SYMBOL | PARAMETER | MAX | UNIT |
|---|---|---|---|
| Rth j-c | Thermal Resistance, Junction to Case | 1.1 | ℃/W |
| SYMBOL | PARAMETER | CONDITIONS | MAX | UNIT |
|---|---|---|---|---|
| VF | Maximum Forward Voltage Drop per Leg | IF= 15A; TJ= 25℃ | 0.54 | V |
| VF | Maximum Forward Voltage Drop per Leg | IF= 30A; TJ= 25℃ | 0.68 | V |
| VF | Maximum Forward Voltage Drop per Leg | IF= 15A; TJ= 125℃ | 0.50 | V |
| VF | Maximum Forward Voltage Drop per Leg | IF= 30A; TJ= 125℃ | 0.64 | V |
| IR | Maximum Instantaneous Reverse Current per Leg | Rated DC Voltage, TJ= 25℃ | 1.75 | mA |
| IR | Maximum Instantaneous Reverse Current per Leg | Rated DC Voltage, TJ= 125℃ | 70 | mA |
# Schottky Rectifier 30CPQ040
## Features
️· Low forward voltage drop
️· High frequency operation
## Applications
️· Switching power supplies
️· Converters
️· Freewheeling diodes
️· Reverse battery protection
## Absolute Maximum Ratings
| SYMBOL | PARAMETER | VALUE | UNIT |
|---|---|---|---|
| VRRM | Peak Repetitive Reverse Voltage | 40 | V |
| IF(AV) | Average Rectified Forward Current | 2\*15 | A |
| IFSM | Non-repetitive Peak Surge Current (tp = 5µs sine) | 1020 | A |
| TJ | Junction Temperature | -55~150 | ℃ |
| Tstg | Storage Temperature Range | -55~150 | ℃ |
| SYMBOL | PARAMETER | MAX | UNIT |
|---|---|---|---|
| Rth j-c | Thermal Resistance, Junction to Case | 1.1 | ℃/W |
| SYMBOL | PARAMETER | CONDITIONS | MAX | UNIT |
|---|---|---|---|---|
| VF | Maximum Forward Voltage Drop per Leg | IF= 15A; TJ= 25℃ | 0.54 | V |
| VF | Maximum Forward Voltage Drop per Leg | IF= 30A; TJ= 25℃ | 0.68 | V |
| VF | Maximum Forward Voltage Drop per Leg | IF= 15A; TJ= 125℃ | 0.50 | V |
| VF | Maximum Forward Voltage Drop per Leg | IF= 30A; TJ= 125℃ | 0.64 | V |
| IR | Maximum Instantaneous Reverse Current per Leg | Rated DC Voltage, TJ= 25℃ | 1.75 | mA |
| IR | Maximum Instantaneous Reverse Current per Leg | Rated DC Voltage, TJ= 125℃ | 70 | mA |
| Part No. | 30CPQ040 |
| Manufacturer | ISC |
| Size | 300 Kbytes |
| Pages | 2 pages |
| Description | Schottky Rectifier |