| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about HTY50-P_07 Datasheet
# Example questions:
➢ What is the maximum primary current this transducer can measure for the hty 100-p model?
➢ How does the temperature coefficient of the output voltage (tcvout) affect the accuracy of the measurement over the operating temperature range?
➢ What is the minimum load resistance required for optimal performance when measuring the analog output voltage?
# Current Transducer HTY 50..100-P
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with galvanic isolation.
## Electrical Data
️· Primary Current Range: 50A - 100A
️· Type: HTY 50-P, HTY 75-P, HTY 100-P
️· Supply Voltage: ±15 V
️· Current Consumption: < ±20 mA
️· Isolation Voltage: 2.5 kV
️· Output Voltage: ±4 V @ ±Ipn, RL = 10 kΩ, TA = 25°C
️· Load Resistance: > 10 kΩ
## Accuracy & Dynamic Performance
️· Accuracy: < ± 1 % of Ipn @ 25°C
️· Linearity Error: < ± 1 % of Ipn
️· Electrical Offset Voltage: < ±30 mV @ 25°C
️· Hysteresis Offset Voltage: < ±15 mV
️· Temperature Coefficient of Offset Voltage: typ. ± 2.0 mV/K, max. ± 3.0 mV/K
️· Response Time: < 7 µs
️· Frequency Bandwidth: DC .. 50 kHz
## General Data
️· Ambient Operating Temperature: -10°C to +75°C
️· Ambient Storage Temperature: -15°C to +85°C
️· Mass: 30 g
## Features & Advantages
️· Measuring Principle: Hall Effect
️· Isolation: Galvanic between primary and secondary circuit (2500 V)
️· Measuring Range: Up to 3 x Ipn
️· Advantages: Easy installation, small size, wide current ratings, high interference immunity
## Applications
️· DC motor drives
️· SMPS
️· AC variable speed drives
️· UPS
️· Battery-supplied applications
️· Inverters
## Safety
️· Must be used according to applicable standards and safety requirements.
️· Risk of electrical shock: certain parts can carry hazardous voltage.
️· Transducer is a built-in device with inaccessible conducting parts after installation. Requires protective housing or shield.
️· Main supply must be disconnectable.
# Current Transducer HTY 50..100-P
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with galvanic isolation.
## Electrical Data
️· Primary Current Range: 50A - 100A
️· Type: HTY 50-P, HTY 75-P, HTY 100-P
️· Supply Voltage: ±15 V
️· Current Consumption: < ±20 mA
️· Isolation Voltage: 2.5 kV
️· Output Voltage: ±4 V @ ±Ipn, RL = 10 kΩ, TA = 25°C
️· Load Resistance: > 10 kΩ
## Accuracy & Dynamic Performance
️· Accuracy: < ± 1 % of Ipn @ 25°C
️· Linearity Error: < ± 1 % of Ipn
️· Electrical Offset Voltage: < ±30 mV @ 25°C
️· Hysteresis Offset Voltage: < ±15 mV
️· Temperature Coefficient of Offset Voltage: typ. ± 2.0 mV/K, max. ± 3.0 mV/K
️· Response Time: < 7 µs
️· Frequency Bandwidth: DC .. 50 kHz
## General Data
️· Ambient Operating Temperature: -10°C to +75°C
️· Ambient Storage Temperature: -15°C to +85°C
️· Mass: 30 g
## Features & Advantages
️· Measuring Principle: Hall Effect
️· Isolation: Galvanic between primary and secondary circuit (2500 V)
️· Measuring Range: Up to 3 x Ipn
️· Advantages: Easy installation, small size, wide current ratings, high interference immunity
## Applications
️· DC motor drives
️· SMPS
️· AC variable speed drives
️· UPS
️· Battery-supplied applications
️· Inverters
## Safety
️· Must be used according to applicable standards and safety requirements.
️· Risk of electrical shock: certain parts can carry hazardous voltage.
️· Transducer is a built-in device with inaccessible conducting parts after installation. Requires protective housing or shield.
️· Main supply must be disconnectable.
| Part No. | HTY50-P_07 |
| Manufacturer | LEM |
| Size | 596 Kbytes |
| Pages | 2 pages |
| Description | Current Transducer |