| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about VUO25-12NO8 Datasheet
# Example questions:
➢ What is the maximum allowable dc current for the module when the case temperature is 85°c?
➢ What is the typical forward voltage drop when a diode is carrying 15a with a case temperature of 25°c?
➢ What is the maximum junction temperature specified for this rectifier bridge?
# ISUM6028, VUO25-12NO8: Three Phase Rectifier Bridge
## Description
· Planar passivated chips
· Blocking voltage up to 1800 V
· Low forward voltage drop
## Absolute Maximum Ratings
| SYMBOL | PARAMETER | VALUE | UNIT |
|---|---|---|---|
| VRRM | Max reverse voltage | 1200 | V |
| IdAV | DC current (TC=85℃, module) | 20 | A |
| IdAVM | DC current (TC=63℃, module) | 25 | A |
| IFSM (50Hz) | TVJ = 45℃, t = 10ms | 380 | A |
| IFSM (60Hz) | VR = 0, t = 8.3ms | 400 | A |
| I2t (50Hz) | TVJ = 45℃, t = 10ms | 725 | A2S |
| I2t (60Hz) | VR = 0, t = 8.3ms | 750 | A2S |
| VISOL | Insulation test voltage (50/60Hz) | 2500 | V~ |
| TJ | Junction Temperature | -40~150 | ℃ |
| Tstg | Storage Temperature Range | -40~150 | ℃ |
| SYMBOL | PARAMETER | MAX | UNIT |
|---|---|---|---|
| Rth j-c (diode) | Thermal Resistance, Junction to Case | 9.3 | ℃/W |
| Rth j-c (module) | Thermal Resistance, Junction to Case | 1.55 | ℃/W |
| Rth j-h (module) | Thermal Resistance, Junction to Heatsink | 10.20 | ℃/W |
| SYMBOL | PARAMETER | CONDITIONS | MAX | UNIT |
|---|---|---|---|---|
| VF | Diode Forward Voltage | IF=12.5A; TC=25℃ | 1.05 | V |
| IR | Reverse Current | VR=1200V; TJ=25℃ | 10 | uA |
| DIM | MIN | MAX |
|---|---|---|
| A | 23.10 | 24.10 |
| B | 23.10 | 24.10 |
| C | 28.20 | 28.80 |
| D | 16.00 | 17.00 |
| E | 22.00 | 25.00 |
| F | 9.40 | 10.00 |
| G | 6.20 | 6.40 |
| H | 0.75 | 0.85 |
# ISUM6028, VUO25-12NO8: Three Phase Rectifier Bridge
## Description
· Planar passivated chips
· Blocking voltage up to 1800 V
· Low forward voltage drop
## Absolute Maximum Ratings
| SYMBOL | PARAMETER | VALUE | UNIT |
|---|---|---|---|
| VRRM | Max reverse voltage | 1200 | V |
| IdAV | DC current (TC=85℃, module) | 20 | A |
| IdAVM | DC current (TC=63℃, module) | 25 | A |
| IFSM (50Hz) | TVJ = 45℃, t = 10ms | 380 | A |
| IFSM (60Hz) | VR = 0, t = 8.3ms | 400 | A |
| I2t (50Hz) | TVJ = 45℃, t = 10ms | 725 | A2S |
| I2t (60Hz) | VR = 0, t = 8.3ms | 750 | A2S |
| VISOL | Insulation test voltage (50/60Hz) | 2500 | V~ |
| TJ | Junction Temperature | -40~150 | ℃ |
| Tstg | Storage Temperature Range | -40~150 | ℃ |
| SYMBOL | PARAMETER | MAX | UNIT |
|---|---|---|---|
| Rth j-c (diode) | Thermal Resistance, Junction to Case | 9.3 | ℃/W |
| Rth j-c (module) | Thermal Resistance, Junction to Case | 1.55 | ℃/W |
| Rth j-h (module) | Thermal Resistance, Junction to Heatsink | 10.20 | ℃/W |
| SYMBOL | PARAMETER | CONDITIONS | MAX | UNIT |
|---|---|---|---|---|
| VF | Diode Forward Voltage | IF=12.5A; TC=25℃ | 1.05 | V |
| IR | Reverse Current | VR=1200V; TJ=25℃ | 10 | uA |
| DIM | MIN | MAX |
|---|---|---|
| A | 23.10 | 24.10 |
| B | 23.10 | 24.10 |
| C | 28.20 | 28.80 |
| D | 16.00 | 17.00 |
| E | 22.00 | 25.00 |
| F | 9.40 | 10.00 |
| G | 6.20 | 6.40 |
| H | 0.75 | 0.85 |
| Part No. | VUO25-12NO8 |
| Manufacturer | ISC |
| Size | 283 Kbytes |
| Pages | 3 pages |
| Description | Three Phase Rectifier Bridge |