Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB2373 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MB2373 Datasheet

  • # Example questions: ➢ What is the minimum setup time required for the data input (ndx) relative to the enable input (ne)?
    ➢ What is the typical maximum propagation delay (tplh) from the data input (ndx) to the output (nqx) at 25°c with a vcc of 5.0v?
    ➢ What package is this chip available in, according to the datasheet?

  • Part No.MB2373
    ManufacturerPHILIPS
    Size115 Kbytes
    Pages11 pages
    DescriptionDual octal transparent latch 3-State
    Datasheet Summary with AI

    Device Overview:

    ️· Function: This is a dual 8-bit D-type latch with 3-state outputs. It's used for storing data.
    ️· Logic Family: LS TTL (Low-power Schottky TTL) – meaning it's designed for lower power consumption compared to standard TTL.
    ️· Package: Available in various packages (details in the document).

    Key Features & Specifications:

    ️· Inputs: D (Data), Enable (E), Output Enable (OE).
    ️· Outputs: Q (Latching Output), Q' (Complementary Output). The 3-state outputs can be either active (driving a signal) or high-impedance (effectively disconnected).
    ️· Transparent Latch: When Enable (E) is HIGH, the latch is transparent, meaning the outputs follow the inputs. When E goes LOW, the latch stores the data present at the inputs at that moment.
    ️· 3-State Outputs: The outputs are disabled (high-impedance) when the Output Enable (OE) is LOW. This allows multiple devices to share a common bus.
    ️· Voltage: Designed for a 5V supply (though the datasheet specifies ranges).
    ️· Propagation Delay: Propagation delays are specified for various transitions (data to output, enable to output, etc.), with typical values around 1.3-4.1ns.
    ️· Power Consumption: Specifications for quiescent supply current (ICCH, ICCL, ICCZ) and additional current per input are given.
    ️· AC Characteristics: Detailed timing parameters like setup time, hold time, enable pulse width are specified.

    Important Sections of the Datasheet:

    ️· Logic Diagram: Shows the internal connections of the latch.
    ️· Pin Configuration: Identifies each pin and its function.
    ️· DC Electrical Characteristics: Specifies the voltage levels and current limits.
    ️· Switching Characteristics (AC Characteristics): Details the timing parameters for signal propagation.
    ️· Test Circuit and Waveforms: Shows how the device is tested and the waveforms used in those tests.
    ️· Package Diagram: Illustrates the physical dimensions of the package.

    Applications:

    This type of latch is commonly used in:

    ️· Data storage
    ️· Buffering
    ️· Multiplexing/Demultiplexing
    ️· Address Decoding
    ️· Bus interfacing



    This is a very thorough datasheet, providing all the necessary information for engineers to design with this device.

    Device Overview:

    ️· Function: This is a dual 8-bit D-type latch with 3-state outputs. It's used for storing data.
    ️· Logic Family: LS TTL (Low-power Schottky TTL) – meaning it's designed for lower power consumption compared to standard TTL.
    ️· Package: Available in various packages (details in the document).

    Key Features & Specifications:

    ️· Inputs: D (Data), Enable (E), Output Enable (OE).
    ️· Outputs: Q (Latching Output), Q' (Complementary Output). The 3-state outputs can be either active (driving a signal) or high-impedance (effectively disconnected).
    ️· Transparent Latch: When Enable (E) is HIGH, the latch is transparent, meaning the outputs follow the inputs. When E goes LOW, the latch stores the data present at the inputs at that moment.
    ️· 3-State Outputs: The outputs are disabled (high-impedance) when the Output Enable (OE) is LOW. This allows multiple devices to share a common bus.
    ️· Voltage: Designed for a 5V supply (though the datasheet specifies ranges).
    ️· Propagation Delay: Propagation delays are specified for various transitions (data to output, enable to output, etc.), with typical values around 1.3-4.1ns.
    ️· Power Consumption: Specifications for quiescent supply current (ICCH, ICCL, ICCZ) and additional current per input are given.
    ️· AC Characteristics: Detailed timing parameters like setup time, hold time, enable pulse width are specified.

    Important Sections of the Datasheet:

    ️· Logic Diagram: Shows the internal connections of the latch.
    ️· Pin Configuration: Identifies each pin and its function.
    ️· DC Electrical Characteristics: Specifies the voltage levels and current limits.
    ️· Switching Characteristics (AC Characteristics): Details the timing parameters for signal propagation.
    ️· Test Circuit and Waveforms: Shows how the device is tested and the waveforms used in those tests.
    ️· Package Diagram: Illustrates the physical dimensions of the package.

    Applications:

    This type of latch is commonly used in:

    ️· Data storage
    ️· Buffering
    ️· Multiplexing/Demultiplexing
    ️· Address Decoding
    ️· Bus interfacing



    This is a very thorough datasheet, providing all the necessary information for engineers to design with this device.

    Part No.MB2373
    ManufacturerPHILIPS
    Size115 Kbytes
    Pages11 pages
    DescriptionDual octal transparent latch 3-State