| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AT30 Datasheet
# Example questions:
➢ What is the recommended packaging quantity for each reel of ceramic chip trimmers?
➢ What is the primary difference between the jr and jr_hv series of ceramic chip trimmers?
➢ What tuning tools are specifically recommended for use with these ceramic chip trimmers, and what type of tip do they have?
Okay, here's a breakdown of the information presented in the provided documents. This is split into sections for clarity.
1. Overview: Knowles Ceramic Chip Trimmer Capacitors
The documents describe Knowles' ceramic chip trimmer capacitors. These are adjustable capacitors used in circuits to fine-tune resonant frequencies or other parameters. They come in two main series:
️· JR and JR_HV Series: Designed for applications needing a high degree of self-resonant frequency (around 2.9GHz).
️· TT-400 & TT-900 Series
2. Series Specifics - JR and JR_HV Series
️· Voltage: DC working voltage up to 350V.
️· HV Designation: Parts designated as "HV" have a green dot to differentiate them.
️· Capacitance Range: Capacitance ranges from 1.5 pF to 50 pF, with specified minimum and maximum values for each capacitance value.
️· Self-Resonant Frequency (SRF): The SRF varies with the capacitance value. The highest SRF is 2.9 GHz for the smallest capacitance value (1.5 pF). The SRF values are listed in the table.
️· Temperature Coefficient: The temperature coefficient varies between 0 ± 200 ppm/°C to -750 ± 500 ppm/°C.
️· Torque: 0.6 in-oz max.
️· Packaging: Supplied on 12mm tape and reel, with 1,000 parts per reel.
️· Tuning Tools: Recommended to use Knowles’ ceramic tipped tools, TT-400 or TT-900.
3. Series Specifics - TT-400 & TT-900
️· These are Knowles’ ceramic tipped tuning tools
️· These are used with both JR and TT series.
4. Key Design & Manufacturing Notes (Both JR/JR_HV and TT/TT_400 series)
️· Solder Pad Layout: Recommended solder paste thickness: 0.15mm.
️· Reflow Soldering: A temperature profile is provided, with the soldering temperature shown as 260°C.
️· General Specifications: Voltage ratings, capacitance ranges, temperature coefficients, and insulation resistance (104 MΩ) are specified.
Let me know if you'd like any of these points elaborated on.
1. Overview: Knowles Ceramic Chip Trimmer Capacitors
The documents describe Knowles' ceramic chip trimmer capacitors. These are adjustable capacitors used in circuits to fine-tune resonant frequencies or other parameters. They come in two main series:
️· JR and JR_HV Series: Designed for applications needing a high degree of self-resonant frequency (around 2.9GHz).
️· TT-400 & TT-900 Series
2. Series Specifics - JR and JR_HV Series
️· Voltage: DC working voltage up to 350V.
️· HV Designation: Parts designated as "HV" have a green dot to differentiate them.
️· Capacitance Range: Capacitance ranges from 1.5 pF to 50 pF, with specified minimum and maximum values for each capacitance value.
️· Self-Resonant Frequency (SRF): The SRF varies with the capacitance value. The highest SRF is 2.9 GHz for the smallest capacitance value (1.5 pF). The SRF values are listed in the table.
️· Temperature Coefficient: The temperature coefficient varies between 0 ± 200 ppm/°C to -750 ± 500 ppm/°C.
️· Torque: 0.6 in-oz max.
️· Packaging: Supplied on 12mm tape and reel, with 1,000 parts per reel.
️· Tuning Tools: Recommended to use Knowles’ ceramic tipped tools, TT-400 or TT-900.
3. Series Specifics - TT-400 & TT-900
️· These are Knowles’ ceramic tipped tuning tools
️· These are used with both JR and TT series.
4. Key Design & Manufacturing Notes (Both JR/JR_HV and TT/TT_400 series)
️· Solder Pad Layout: Recommended solder paste thickness: 0.15mm.
️· Reflow Soldering: A temperature profile is provided, with the soldering temperature shown as 260°C.
️· General Specifications: Voltage ratings, capacitance ranges, temperature coefficients, and insulation resistance (104 MΩ) are specified.
| Part No. | AT30 |
| Manufacturer | KNOWLES |
| Size | 3Mb |
| Pages | 60 pages |
| Description | Introduction to Knowles Precision Devices |