1. Overview & Function:
️· These are dual comparators designed to work with a wide range of power supply voltages (from single 3V supply to dual 32V supplies).
️· They are intended for use as voltage level detectors, voltage window detectors, and zero-crossing detectors.
️· They can also function as temperature sensors.
2. Key Features:
️· Wide Supply Range: Operates from 3V to 32V (single or dual supplies).
️· Low Input Bias Current: Important for high-impedance circuits.
️· Low Input Offset Voltage: Improves accuracy of comparisons.
️· High Speed: Fast response time.
️· Open-Collector Outputs: Allows for "wired-OR" logic and interfacing with various loads.
️· Available in Multiple Packages: DIP-8, SO-8, TSSOP-8, and MiniSO-8.
3. Electrical Characteristics (Important Parameters):
️· Supply Voltage Range: As mentioned above.
️· Input Offset Voltage: (Vio) Affects the accuracy of comparisons.
️· Input Bias Current: (Ib) The current drawn from the input pins.
️· Output Voltage (Saturation Voltage): Voltage levels when the comparator is ON or OFF.
️· Response Time: Indicates how quickly the comparator responds to changes in input voltage.
4. Typical Applications:
️· Voltage Level Detection: Detecting when a voltage reaches a certain threshold.
️· Window Comparators: Detecting when a voltage is within a defined range.
️· Zero-Crossing Detectors: Detecting when a signal crosses zero volts.
️· Temperature Sensors: Using the comparator to detect temperature thresholds with thermistors or other sensors.
5. Package Information:
️· The datasheet details the physical dimensions and pinouts for the DIP-8, SO-8, TSSOP-8, and MiniSO-8 packages.
6. Revision History:
️· The document includes a table listing revisions and changes made over time.
In essence, this document provides all the necessary technical specifications for engineers and designers to use these comparator ICs in their circuits. It covers their electrical characteristics, pin configurations, package details, and potential applications.