Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Datasheet with Chat AI
Datasheet Details
Part No.M95040-RMB3T/G
MfrSTMICROELECTRONICS
Size335 Kbytes
Pages42 pages
Description4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
Datasheet SummaryAI
Key Features & Overview:

️· EEPROM: These are non-volatile memory chips – meaning they retain data even when power is off.
️· SPI Interface: They communicate with a microcontroller or other digital system using the Serial Peripheral Interface (SPI) protocol – a common, high-speed serial communication method.
️· Sizes: Available in 4Kbit (M95040), 2Kbit (M95020), and 1Kbit (M95010) capacities.
️· ECOPACK: Available in lead-free and RoHS-compliant packages for environmental friendliness.

Signal Descriptions (Important for Interfacing):

️· Serial Data Output (Q): Data sent *from* the chip.
️· Serial Data Input (D): Data sent *to* the chip (instructions, addresses, data to write).
️· Serial Clock (C): Timing signal for serial communication.
️· Chip Select (S): Selects/deselects the chip for communication. Crucially, it has safety features during power-up (requires a falling edge *after* VCC is stable).
️· Hold (HOLD): Pauses communication without deselecting the chip.
️· Write Protect (W): Disables write operations to protect data.
️· VCC: Supply voltage (must be stable and within a specified range).
️· VSS: Ground.

Important Considerations:

️· Power-Up Sequence: The document *strongly* emphasizes the importance of a proper power-up sequence. VCC must be stable *before* applying a falling edge to Chip Select (S). The Chip Select (S) signal should be connected to VCC via a pull up resistor to prevent incorrect operation during power on.
️· Write Protection: The Write Protect (W) pin is essential for preventing accidental data corruption.
️· Internal Reset: Includes a power on reset to prevent writes during startup.

In essence: This document provides the essential information needed to understand how to connect and communicate with these EEPROM chips in a digital system. It emphasizes reliable operation and data protection.
M95040-RMB3T/G Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about M95040-RMB3T/G Datasheet.
    Example questions: ➤ What safety feature is built-in to prevent inadvertent write operations during power-up, and how does it function?➤ What must happen with the chip select (s) signal after power-up before the device can be used?➤ What is the purpose of the hold (hold) signal and how does it affect the device's operation?
  • Datasheet Details
    Part No.M95040-RMB3T/G
    ManufacturerSTMICROELECTRONICS
    Size335 Kbytes
    Pages42 pages
    Description4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
    Datasheet Summary AI Expand summary
    Key Features & Overview:

    ️· EEPROM: These are non-volatile memory chips – meaning they retain data even when power is off.
    ️· SPI Interface: They communicate with a microcontroller or other digital system using the Serial Peripheral Interface (SPI) protocol – a common, high-speed serial communication method.
    ️· Sizes: Available in 4Kbit (M95040), 2Kbit (M95020), and 1Kbit (M95010) capacities.
    ️· ECOPACK: Available in lead-free and RoHS-compliant packages for environmental friendliness.

    Signal Descriptions (Important for Interfacing):

    ️· Serial Data Output (Q): Data sent *from* the chip.
    ️· Serial Data Input (D): Data sent *to* the chip (instructions, addresses, data to write).
    ️· Serial Clock (C): Timing signal for serial communication.
    ️· Chip Select (S): Selects/deselects the chip for communication. Crucially, it has safety features during power-up (requires a falling edge *after* VCC is stable).
    ️· Hold (HOLD): Pauses communication without deselecting the chip.
    ️· Write Protect (W): Disables write operations to protect data.
    ️· VCC: Supply voltage (must be stable and within a specified range).
    ️· VSS: Ground.

    Important Considerations:

    ️· Power-Up Sequence: The document *strongly* emphasizes the importance of a proper power-up sequence. VCC must be stable *before* applying a falling edge to Chip Select (S). The Chip Select (S) signal should be connected to VCC via a pull up resistor to prevent incorrect operation during power on.
    ️· Write Protection: The Write Protect (W) pin is essential for preventing accidental data corruption.
    ️· Internal Reset: Includes a power on reset to prevent writes during startup.

    In essence: This document provides the essential information needed to understand how to connect and communicate with these EEPROM chips in a digital system. It emphasizes reliable operation and data protection.