| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PS-HATXAP Datasheet
# Example questions:
➢ What type of sensor is used in this temperature transmitter, and what accuracy class is specified for it?
➢ What probe lengths are available for this temperature transmitter?
➢ What is the acceptable operating temperature range for this device?
# HATXAP Series High Accuracy Temperature Transmitter
## Product Description
️· High accuracy temperature transmitter utilizing a precision sensor encapsulated in a 304 series stainless steel probe.
️· Available in various probe lengths.
️· Provides a high accuracy signal with excellent long-term stability and fast response.
️· Factory calibrated; field adjustments void warranty.
## Installation
️· Duct Mounting: Installed in the side of the duct, probe length should span the duct width.
️· Immersion Applications: Requires appropriate length thermowell.
- T2 series thermowell required.
- T1 series thermowell requires adapter (#0201001092).
- Thermal conductive compound recommended inside thermowell.
## Specifications
️· Sensor Type: 1000Ω Platinum, IEC 751, 385 Alpha, thin film
️· Sensor Accuracy:
- RTD Class A: ±0.15°C (±0.27°F) @ 0°C (32°F)
- RTD 1/3 DIN: ±0.1°C (±0.18°F) @ 0°C (32°F)
- RTD 1/10 DIN: ±0.03°C (±0.054°F) @ 0°C (32°F)
️· Sensing Range: -20 to 100°C (-4 to 212°F)
️· Probe Material: 304 series stainless steel
️· Probe Diameter: 6 mm (0.236”)
️· Standard Probe Lengths: 50, 100, 150, 150, 200, 300, and 400 mm (2”, 4”, 6”, 8”, 12”, and 18”)
️· Output Signal: 4-20 mA, 0-5 Vdc, or 0-10 Vdc (factory configured)
️· Transmitter Accuracy: ±0.1% of span
️· Power Supply:
- 0-5 Vdc: 10-35 Vdc or 10-28 Vdc
- 0-10 Vdc: 15-35 Vdc or 15-28 Vdc
- 4-20 mA: 15-35 Vdc (loop-powered) or 22-28 Vdc
️· Operating Range: -40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
️· Enclosure:
- A: ABS, UL94-V0, IP65 (NEMA 4X)
- E: Same as A, with thread adapter (1/2” NPT to M16) and cable gland fitting
️· Approvals: CE
️· Country of Origin: Canada
## Accessories (E Enclosure Option)
️· Thread adapter (1/2” NPT to M16)
️· Cable gland fitting
## Scaled Ranges and Output Options
| Scaled Range | Output |
|---|---|
| 001 | A |
| 002 | D |
| 003 | E |
# HATXAP Series High Accuracy Temperature Transmitter
## Product Description
️· High accuracy temperature transmitter utilizing a precision sensor encapsulated in a 304 series stainless steel probe.
️· Available in various probe lengths.
️· Provides a high accuracy signal with excellent long-term stability and fast response.
️· Factory calibrated; field adjustments void warranty.
## Installation
️· Duct Mounting: Installed in the side of the duct, probe length should span the duct width.
️· Immersion Applications: Requires appropriate length thermowell.
- T2 series thermowell required.
- T1 series thermowell requires adapter (#0201001092).
- Thermal conductive compound recommended inside thermowell.
## Specifications
️· Sensor Type: 1000Ω Platinum, IEC 751, 385 Alpha, thin film
️· Sensor Accuracy:
- RTD Class A: ±0.15°C (±0.27°F) @ 0°C (32°F)
- RTD 1/3 DIN: ±0.1°C (±0.18°F) @ 0°C (32°F)
- RTD 1/10 DIN: ±0.03°C (±0.054°F) @ 0°C (32°F)
️· Sensing Range: -20 to 100°C (-4 to 212°F)
️· Probe Material: 304 series stainless steel
️· Probe Diameter: 6 mm (0.236”)
️· Standard Probe Lengths: 50, 100, 150, 150, 200, 300, and 400 mm (2”, 4”, 6”, 8”, 12”, and 18”)
️· Output Signal: 4-20 mA, 0-5 Vdc, or 0-10 Vdc (factory configured)
️· Transmitter Accuracy: ±0.1% of span
️· Power Supply:
- 0-5 Vdc: 10-35 Vdc or 10-28 Vdc
- 0-10 Vdc: 15-35 Vdc or 15-28 Vdc
- 4-20 mA: 15-35 Vdc (loop-powered) or 22-28 Vdc
️· Operating Range: -40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
️· Enclosure:
- A: ABS, UL94-V0, IP65 (NEMA 4X)
- E: Same as A, with thread adapter (1/2” NPT to M16) and cable gland fitting
️· Approvals: CE
️· Country of Origin: Canada
## Accessories (E Enclosure Option)
️· Thread adapter (1/2” NPT to M16)
️· Cable gland fitting
## Scaled Ranges and Output Options
| Scaled Range | Output |
|---|---|
| 001 | A |
| 002 | D |
| 003 | E |
| Part No. | PS-HATXAP |
| Manufacturer | GREYSTONE |
| Size | 319 Kbytes |
| Pages | 2 pages |
| Description | HIGH ACCURACY ALL PURPOSE TEMPERATURE TRANSMITTER |