| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MSC1015MP Datasheet
# Example questions:
➢ What is the typical power dissipation (pdiss) of the msc1015mp at a case temperature of 25°c?
➢ What is the maximum collector-base voltage (vcbo) that the msc1015mp can withstand?
➢ What is the input impedance (zin) at a frequency of 1030 mhz?
# MSC1015MP RF & Microwave Transistor
## Description
· Gold-metallized, epitaxial silicon NPN power transistor
· Designed for high-peak power, low-duty cycle applications (IFF, DME, TACAN)
· Packaged in a .280" input-matched stripline package for improved broadband performance and low thermal resistance
## Features
· Applications: IFF, DME, TACAN
· Power Output (typical):
- IFF: 20W (1030-1090 MHz)
- DME: 15W (min) (1025-1150 MHz)
- TACAN: 15W (1090-1215 MHz)
· Metallization: Refractory gold
· Design: Emitter ballasting, low thermal resistance
· VSWR: 20:1 load VSWR capability
· Configuration: Input matched, common base
## Absolute Maximum Ratings (Tcase = 25°C)
| Parameter | Value | Unit |
|---|---|---|
| V CBO (Collector-Base Voltage) | 65 | V |
| V CES (Collector-Emitter Voltage) | 65 | V |
| V EBO (Emitter-Base Voltage) | 3.5 | V |
| IC (Device Current) | 1.5 | A |
| PDISS (Power Dissipation) | 87.5 | W |
| TJ (Junction Temperature) | +200 | °C |
| TSTG (Storage Temperature) | –65 to +150 | °C |
| Symbol | Test Conditions | Min | Typ | Max | Units |
|---|---|---|---|---|---|
| BV CBO | IC = 10 mA, IE = 0 mA | 65 | V | ||
| BV CES | IC = 25 mA, V BE = 0 V | 65 | V | ||
| BV EBO | IE = 1 mA, IC = 0 mA | 3.5 | V | ||
| ICES | V CE = 50 V, IE = 0 mA | 2 | |||
| hFE | V CE = 5 V, IC = 0.1 A | 10 | 200 |
| Symbol | Test Conditions | Min | Typ | Max | Units |
|---|---|---|---|---|---|
| POUT | f = 1025-1150 MHz, PIN = 1.5 W, V CE = 50 V | 15 | W | ||
| GP | f = 1025-1150 MHz, PIN = 1.5 W, V CE = 50 V | 10 | dB | ||
| çC | f = 1025-1150 MHz, PIN = 1.5 W, V CE = 50 V | 30 | % |
| Freq. (MHz) | Z IN (Ω) | Z CL (Ω) |
|---|---|---|
| 960 | 2.5 + j 12.5 | 17.0 + j 15.5 |
| 1030 | 3.5 + j 12.5 | 17.0 + j 14.5 |
| 1090 | 3.0 + j 13.5 | 19.5 + j 12.5 |
| 1150 | 3.5 + j 14.0 | 18.0 + j 12.0 |
| 1215 | 5.0 + j 17.0 | 16.0 + j 12.0 |
# MSC1015MP RF & Microwave Transistor
## Description
· Gold-metallized, epitaxial silicon NPN power transistor
· Designed for high-peak power, low-duty cycle applications (IFF, DME, TACAN)
· Packaged in a .280" input-matched stripline package for improved broadband performance and low thermal resistance
## Features
· Applications: IFF, DME, TACAN
· Power Output (typical):
- IFF: 20W (1030-1090 MHz)
- DME: 15W (min) (1025-1150 MHz)
- TACAN: 15W (1090-1215 MHz)
· Metallization: Refractory gold
· Design: Emitter ballasting, low thermal resistance
· VSWR: 20:1 load VSWR capability
· Configuration: Input matched, common base
## Absolute Maximum Ratings (Tcase = 25°C)
| Parameter | Value | Unit |
|---|---|---|
| V CBO (Collector-Base Voltage) | 65 | V |
| V CES (Collector-Emitter Voltage) | 65 | V |
| V EBO (Emitter-Base Voltage) | 3.5 | V |
| IC (Device Current) | 1.5 | A |
| PDISS (Power Dissipation) | 87.5 | W |
| TJ (Junction Temperature) | +200 | °C |
| TSTG (Storage Temperature) | –65 to +150 | °C |
| Symbol | Test Conditions | Min | Typ | Max | Units |
|---|---|---|---|---|---|
| BV CBO | IC = 10 mA, IE = 0 mA | 65 | V | ||
| BV CES | IC = 25 mA, V BE = 0 V | 65 | V | ||
| BV EBO | IE = 1 mA, IC = 0 mA | 3.5 | V | ||
| ICES | V CE = 50 V, IE = 0 mA | 2 | |||
| hFE | V CE = 5 V, IC = 0.1 A | 10 | 200 |
| Symbol | Test Conditions | Min | Typ | Max | Units |
|---|---|---|---|---|---|
| POUT | f = 1025-1150 MHz, PIN = 1.5 W, V CE = 50 V | 15 | W | ||
| GP | f = 1025-1150 MHz, PIN = 1.5 W, V CE = 50 V | 10 | dB | ||
| çC | f = 1025-1150 MHz, PIN = 1.5 W, V CE = 50 V | 30 | % |
| Freq. (MHz) | Z IN (Ω) | Z CL (Ω) |
|---|---|---|
| 960 | 2.5 + j 12.5 | 17.0 + j 15.5 |
| 1030 | 3.5 + j 12.5 | 17.0 + j 14.5 |
| 1090 | 3.0 + j 13.5 | 19.5 + j 12.5 |
| 1150 | 3.5 + j 14.0 | 18.0 + j 12.0 |
| 1215 | 5.0 + j 17.0 | 16.0 + j 12.0 |
| Part No. | MSC1015MP |
| Manufacturer | ADPOW |
| Size | 96 Kbytes |
| Pages | 3 pages |
| Description | RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS |