| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about EPC-R7200IJ-ALA140 Datasheet
# Example questions:
➢ What is the maximum video resolution and refresh rate supported by the hdmi port?
➢ What are the available options for connecting to a network using this device?
➢ What is the operating temperature range for the epc-r7200?
# EPC-R7200 Industrial Jetson Barebone Box PC
## Features
· NVIDIA Jetson Module compatible Barebone PC
· Industrial and Expandable Design
· HDMI up to 3840 x 2160 at 60Hz resolution
· Dual GbE LAN, 2 USB3.2 Gen 1
· 1 Micro SD Socket & 1 Nano SIM Slot
· 1 M.2 3042 Key B Slot, 1 M.2 2230 Key E Slot
· 4 Rear I/O options for various applications
· Qualified for WISE-DeviceOn Edge AI
## Specifications
· Compatible Modules: NVIDIA Jetson Nano / TX2 NX / Xavier NX
· Graphics: HDMI 2.0, Max Resolution 3840 x 2160 @ 60Hz; NVIDIA Maxwell/Pascal/Volta GPU
· Video Codec: Up to 4K encode/decode
· Ethernet: Dual 10/100/1000 Mbps
· Front I/O: 2 USB3.2 Gen 1, Programmable LED
· Rear I/O: Options include RS-485, RS-232, GbE, USB 2.0, CAN Bus
· Expansion Slots: 1 M.2 2230 Key E, 1 M.2 3042 Key B
· Power Supply: 9-24V DC-in, 5-15W consumption
· Operating Temperature: -20 ~ 60°C / -20 ~ 70°C (with specific Power Mode)
· Operating Humidity: 5% ~ 95% relative humidity
· Dimensions: 152 x 138 x 42 mm
· Mounting: Wall mount, DIN Rail mount
· Weight: 925g
· Operating System: Linux Ubuntu
· Certifications: CE/FCC Class B, RoHS
## Ordering Information
· Models vary in HDMI, LAN, USB, DI/DO, Serial Ports, Micro SD, Nano SIM, and I/O expansion options.
· Temperature range -20 ~ 60°C for all models.
## Packing List
· Heat Spreaders for Xavier NX, TX2 NX, and Nano Modules
## Optional Accessories
· NVIDIA Jetson Nano Module
· NVIDIA Jetson TX2 NX Module
· NVIDIA Jetson Xavier NX Module
· Ubuntu OS License
· Power Supplies
· Power Cords (various regions)
· WiFi/Cellular Modules
· Antennas
## WISE-DeviceOn Edge AI Solution
· Performance Booster: Inference optimization, ONNC compiler, DRAM savings.
· Container & OTA: Streamlined deployment, Docker management, OTA updates.
· Fleet Management: Remote control, Real-time monitoring.
· AI Security: Azure Container Registry, TLS/SSL, Digital Signature.
# EPC-R7200 Industrial Jetson Barebone Box PC
## Features
· NVIDIA Jetson Module compatible Barebone PC
· Industrial and Expandable Design
· HDMI up to 3840 x 2160 at 60Hz resolution
· Dual GbE LAN, 2 USB3.2 Gen 1
· 1 Micro SD Socket & 1 Nano SIM Slot
· 1 M.2 3042 Key B Slot, 1 M.2 2230 Key E Slot
· 4 Rear I/O options for various applications
· Qualified for WISE-DeviceOn Edge AI
## Specifications
· Compatible Modules: NVIDIA Jetson Nano / TX2 NX / Xavier NX
· Graphics: HDMI 2.0, Max Resolution 3840 x 2160 @ 60Hz; NVIDIA Maxwell/Pascal/Volta GPU
· Video Codec: Up to 4K encode/decode
· Ethernet: Dual 10/100/1000 Mbps
· Front I/O: 2 USB3.2 Gen 1, Programmable LED
· Rear I/O: Options include RS-485, RS-232, GbE, USB 2.0, CAN Bus
· Expansion Slots: 1 M.2 2230 Key E, 1 M.2 3042 Key B
· Power Supply: 9-24V DC-in, 5-15W consumption
· Operating Temperature: -20 ~ 60°C / -20 ~ 70°C (with specific Power Mode)
· Operating Humidity: 5% ~ 95% relative humidity
· Dimensions: 152 x 138 x 42 mm
· Mounting: Wall mount, DIN Rail mount
· Weight: 925g
· Operating System: Linux Ubuntu
· Certifications: CE/FCC Class B, RoHS
## Ordering Information
· Models vary in HDMI, LAN, USB, DI/DO, Serial Ports, Micro SD, Nano SIM, and I/O expansion options.
· Temperature range -20 ~ 60°C for all models.
## Packing List
· Heat Spreaders for Xavier NX, TX2 NX, and Nano Modules
## Optional Accessories
· NVIDIA Jetson Nano Module
· NVIDIA Jetson TX2 NX Module
· NVIDIA Jetson Xavier NX Module
· Ubuntu OS License
· Power Supplies
· Power Cords (various regions)
· WiFi/Cellular Modules
· Antennas
## WISE-DeviceOn Edge AI Solution
· Performance Booster: Inference optimization, ONNC compiler, DRAM savings.
· Container & OTA: Streamlined deployment, Docker management, OTA updates.
· Fleet Management: Remote control, Real-time monitoring.
· AI Security: Azure Container Registry, TLS/SSL, Digital Signature.
| Part No. | EPC-R7200IJ-ALA140 |
| Manufacturer | ADVANTECH |
| Size | 1Mb |
| Pages | 3 pages |
| Description | Industrial-Grade Nvidia Jetson Barebone Box PC |