| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about EPC-R3710IO-XAA160 Datasheet
# Example questions:
➢ What wireless communication technologies can be integrated using the mini-pcie slot?
➢ What is the maximum video resolution and refresh rate supported by the hdmi output?
➢ What types of operating systems are compatible with the epc-r3710?
# EPC-R3710
## Introduction
The EPC-R3710 is an Arm-based Box Computer powered by a Rockchip RK3399 ARM processor with dual Cortex-A72 and quad Cortex-A53 cores. It supports 4K display via HDMI and features rich I/O options including dual GbE, serial ports, USB ports, and a Mini-PCIe slot. It is suitable for HMI, IoT gateway, and healthcare applications.
## Features
️· Processor: Rockchip RK3399 (1.8 GHz, dual Cortex-A72 & quad Cortex-A53)
️· Memory: 2 GB LPDDR4 onboard
️· Graphics:
- HDMI 1920x1080 at 60Hz
- OpenGL ES 1.1/2.0/3.1, OpenCL 1.1, DirectX 11
- H.265 decoder up to 4K@60FPS
️· Connectivity:
- Dual 10/100/1000 Mbps GbE
- 1 x USB3.0 Type A, 1 x USB 2.0 Type A
- 1 x Micro SD Socket
- 1 x Mini PCIe slot
- 1 x Nano SIM Slot
️· Operating Systems: Linux, Android
️· Compatible with: UIO40-Express modules (UIO-4030, UIO-4032, UIO-4034)
## Specifications
️· Flash Memory: 16 GB eMMC NAND Flash
️· Ethernet Chipset: RTL8211FSI
️· Watchdog Timer: Yes
️· Rear I/O: 1 x RS-485, 1 x 2-wire RS-232
️· Expansion: 1 Full Size Mini PCIe Slot (with PCIE/USB)
️· Power Supply Voltage: +12V
️· Power Consumption: 11.5W
️· Operating Temperature: 0 ~ 50 °C or -20 ~ 70 °C (depending on model)
️· Operating Humidity: 5% ~ 95% relative humidity
️· Dimensions: 174 x 108 x 41 mm
️· Mounting: Wall mount
## Ordering Information (Example Models)
| Model | Flash | GbE | USB | DI/DO | Serial Ports | Mini PCIe | Operating Temp |
|---|---|---|---|---|---|---|---|
| EPC-R3710NO-XAA100 | 16GB | 2 | 2 | 4/4 | 1 RS-232, 1 RS-485 | 1 | 0 ~ 50 °C |
| EPC-R3710IO-XAA10B* | 16GB | 2 | 2 | 4/4 | 1 RS-232, 1 RS-485 | 1 | -20 ~ 70 °C |
# EPC-R3710
## Introduction
The EPC-R3710 is an Arm-based Box Computer powered by a Rockchip RK3399 ARM processor with dual Cortex-A72 and quad Cortex-A53 cores. It supports 4K display via HDMI and features rich I/O options including dual GbE, serial ports, USB ports, and a Mini-PCIe slot. It is suitable for HMI, IoT gateway, and healthcare applications.
## Features
️· Processor: Rockchip RK3399 (1.8 GHz, dual Cortex-A72 & quad Cortex-A53)
️· Memory: 2 GB LPDDR4 onboard
️· Graphics:
- HDMI 1920x1080 at 60Hz
- OpenGL ES 1.1/2.0/3.1, OpenCL 1.1, DirectX 11
- H.265 decoder up to 4K@60FPS
️· Connectivity:
- Dual 10/100/1000 Mbps GbE
- 1 x USB3.0 Type A, 1 x USB 2.0 Type A
- 1 x Micro SD Socket
- 1 x Mini PCIe slot
- 1 x Nano SIM Slot
️· Operating Systems: Linux, Android
️· Compatible with: UIO40-Express modules (UIO-4030, UIO-4032, UIO-4034)
## Specifications
️· Flash Memory: 16 GB eMMC NAND Flash
️· Ethernet Chipset: RTL8211FSI
️· Watchdog Timer: Yes
️· Rear I/O: 1 x RS-485, 1 x 2-wire RS-232
️· Expansion: 1 Full Size Mini PCIe Slot (with PCIE/USB)
️· Power Supply Voltage: +12V
️· Power Consumption: 11.5W
️· Operating Temperature: 0 ~ 50 °C or -20 ~ 70 °C (depending on model)
️· Operating Humidity: 5% ~ 95% relative humidity
️· Dimensions: 174 x 108 x 41 mm
️· Mounting: Wall mount
## Ordering Information (Example Models)
| Model | Flash | GbE | USB | DI/DO | Serial Ports | Mini PCIe | Operating Temp |
|---|---|---|---|---|---|---|---|
| EPC-R3710NO-XAA100 | 16GB | 2 | 2 | 4/4 | 1 RS-232, 1 RS-485 | 1 | 0 ~ 50 °C |
| EPC-R3710IO-XAA10B* | 16GB | 2 | 2 | 4/4 | 1 RS-232, 1 RS-485 | 1 | -20 ~ 70 °C |
| Part No. | EPC-R3710IO-XAA160 |
| Manufacturer | ADVANTECH |
| Size | 561 Kbytes |
| Pages | 2 pages |
| Description | Rockchip RK3399 Cortex-A72 UIO40-Express Edge AI Box Computer |