Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EPC-R3710NO-XAA140 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about EPC-R3710NO-XAA140 Datasheet

  • # Example questions: ➢ What wireless communication technologies can be integrated using the mini-pcie slot?
    ➢ What is the maximum video resolution and refresh rate supported by the hdmi output?
    ➢ What types of operating systems are compatible with the epc-r3710?

  • Part No.EPC-R3710NO-XAA140
    ManufacturerADVANTECH
    Size561 Kbytes
    Pages2 pages
    DescriptionRockchip RK3399 Cortex-A72 UIO40-Express Edge AI Box Computer
    Datasheet Summary with AI

    # EPC-R3710

    ## Introduction
    The EPC-R3710 is an Arm-based Box Computer powered by a Rockchip RK3399 ARM processor with dual Cortex-A72 and quad Cortex-A53 cores. It supports 4K display via HDMI and features rich I/O options including dual GbE, serial ports, USB ports, and a Mini-PCIe slot. It is suitable for HMI, IoT gateway, and healthcare applications.

    ## Features

    ️· Processor: Rockchip RK3399 (1.8 GHz, dual Cortex-A72 & quad Cortex-A53)
    ️· Memory: 2 GB LPDDR4 onboard
    ️· Graphics:
    - HDMI 1920x1080 at 60Hz
    - OpenGL ES 1.1/2.0/3.1, OpenCL 1.1, DirectX 11
    - H.265 decoder up to 4K@60FPS
    ️· Connectivity:
    - Dual 10/100/1000 Mbps GbE
    - 1 x USB3.0 Type A, 1 x USB 2.0 Type A
    - 1 x Micro SD Socket
    - 1 x Mini PCIe slot
    - 1 x Nano SIM Slot
    ️· Operating Systems: Linux, Android
    ️· Compatible with: UIO40-Express modules (UIO-4030, UIO-4032, UIO-4034)

    ## Specifications

    ️· Flash Memory: 16 GB eMMC NAND Flash
    ️· Ethernet Chipset: RTL8211FSI
    ️· Watchdog Timer: Yes
    ️· Rear I/O: 1 x RS-485, 1 x 2-wire RS-232
    ️· Expansion: 1 Full Size Mini PCIe Slot (with PCIE/USB)
    ️· Power Supply Voltage: +12V
    ️· Power Consumption: 11.5W
    ️· Operating Temperature: 0 ~ 50 °C or -20 ~ 70 °C (depending on model)
    ️· Operating Humidity: 5% ~ 95% relative humidity
    ️· Dimensions: 174 x 108 x 41 mm
    ️· Mounting: Wall mount

    ## Ordering Information (Example Models)

    Model Flash GbE USB DI/DO Serial Ports Mini PCIe Operating Temp
    EPC-R3710NO-XAA100 16GB 2 2 4/4 1 RS-232, 1 RS-485 1 0 ~ 50 °C
    EPC-R3710IO-XAA10B* 16GB 2 2 4/4 1 RS-232, 1 RS-485 1 -20 ~ 70 °C

    *BSMI certification.*

    ## Packing List

    ️· EPC-R3710 box computer
    ️· Mounting bracket

    ## Optional Accessories

    ️· Power supplies (various voltages and wattage)
    ️· Power cords (various plug types)
    ️· LTE/WiFi modules (cellular, WiFi, Bluetooth)
    ️· Antennas and cables
    ️· DIN Rail Kit
    ️· SD card

    # EPC-R3710

    ## Introduction
    The EPC-R3710 is an Arm-based Box Computer powered by a Rockchip RK3399 ARM processor with dual Cortex-A72 and quad Cortex-A53 cores. It supports 4K display via HDMI and features rich I/O options including dual GbE, serial ports, USB ports, and a Mini-PCIe slot. It is suitable for HMI, IoT gateway, and healthcare applications.

    ## Features

    ️· Processor: Rockchip RK3399 (1.8 GHz, dual Cortex-A72 & quad Cortex-A53)
    ️· Memory: 2 GB LPDDR4 onboard
    ️· Graphics:
    - HDMI 1920x1080 at 60Hz
    - OpenGL ES 1.1/2.0/3.1, OpenCL 1.1, DirectX 11
    - H.265 decoder up to 4K@60FPS
    ️· Connectivity:
    - Dual 10/100/1000 Mbps GbE
    - 1 x USB3.0 Type A, 1 x USB 2.0 Type A
    - 1 x Micro SD Socket
    - 1 x Mini PCIe slot
    - 1 x Nano SIM Slot
    ️· Operating Systems: Linux, Android
    ️· Compatible with: UIO40-Express modules (UIO-4030, UIO-4032, UIO-4034)

    ## Specifications

    ️· Flash Memory: 16 GB eMMC NAND Flash
    ️· Ethernet Chipset: RTL8211FSI
    ️· Watchdog Timer: Yes
    ️· Rear I/O: 1 x RS-485, 1 x 2-wire RS-232
    ️· Expansion: 1 Full Size Mini PCIe Slot (with PCIE/USB)
    ️· Power Supply Voltage: +12V
    ️· Power Consumption: 11.5W
    ️· Operating Temperature: 0 ~ 50 °C or -20 ~ 70 °C (depending on model)
    ️· Operating Humidity: 5% ~ 95% relative humidity
    ️· Dimensions: 174 x 108 x 41 mm
    ️· Mounting: Wall mount

    ## Ordering Information (Example Models)

    Model Flash GbE USB DI/DO Serial Ports Mini PCIe Operating Temp
    EPC-R3710NO-XAA100 16GB 2 2 4/4 1 RS-232, 1 RS-485 1 0 ~ 50 °C
    EPC-R3710IO-XAA10B* 16GB 2 2 4/4 1 RS-232, 1 RS-485 1 -20 ~ 70 °C

    *BSMI certification.*

    ## Packing List

    ️· EPC-R3710 box computer
    ️· Mounting bracket

    ## Optional Accessories

    ️· Power supplies (various voltages and wattage)
    ️· Power cords (various plug types)
    ️· LTE/WiFi modules (cellular, WiFi, Bluetooth)
    ️· Antennas and cables
    ️· DIN Rail Kit
    ️· SD card

    Part No.EPC-R3710NO-XAA140
    ManufacturerADVANTECH
    Size561 Kbytes
    Pages2 pages
    DescriptionRockchip RK3399 Cortex-A72 UIO40-Express Edge AI Box Computer