Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.BTL-54NRC-O2-R
MfrDBLECTRO
Size223 Kbytes
Pages3 pages
DescriptionMEGA BRIGHT LED
Datasheet SummaryAI
# MEGA BRIGHT LED BTL-54NRC-XX-X

## Product Features
· Ultra Bright Normal Red Color
· High Light Output
· 5x4mm Diameter Elliptical Package
· Water Clear Lens
· Highly Reliable
· IC Compatible
· Leads without Stand Off

## Applications
· Full Color Display
· Automotive
· Front Panel Indicator
· Special Lighting
· General Purpose LEDs

## Optical & Electrical Characteristics (Ta=25℃)
· Luminous Intensity (Iv): 2500 mcd (min), ±15% tolerance
· Viewing Angle (2θ):
- X: 70°
- y: 30°
· Dominant Wavelength (λD): 620-635 nm, ±2nm tolerance
· DC Forward Voltage (VF): 1.9-2.5V (IF = 20mA)
· DC Reverse Current (IR): 0-10 µA (VR=5V)

## Absolute Maximum Ratings (Ta=25℃)
· Power Rating (PD): 100 mW
· Reverse Voltage (VR): 5 V
· Continuous Forward Current (IF): 30 mA
· Peak Forward Current (IFP): 50 mA (0.1 duty cycle @ 1kHz)
· Operating Temperature Range (Topr): -35 ~ +80 ℃
· Storage Temperature Range (Tstg): -40 ~ +100 ℃
· Lead Soldering Temperature: 260℃ (max 5 seconds)

## Wavelength and Brightness Selection
· Wavelength Bin (Normal Red):
- O1: 620-625 nm
- O2: 625-630 nm
- O3: 630-635 nm
- XX: 620-635 nm
· Brightness Bin:
- P: 1485-1930 mcd
- Q: 1930-2510 mcd
- R: 2510-3265 mcd

## Packaging
· Standard: 1000 pc bulk pack
· Optional: Tape and Reel (specify when ordering)
BTL-54NRC-O2-R Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about BTL-54NRC-O2-R Datasheet.
    Example questions: ➤ What is the typical luminous intensity of this led, and under what forward current is this value measured?➤ If i require leds with a dominant wavelength between 625nm and 630nm, which wavelength bin selection should i choose?➤ What is the acceptable range of reverse voltage that this led can withstand without damage?
  • Datasheet Details
    Part No.BTL-54NRC-O2-R
    ManufacturerDBLECTRO
    Size223 Kbytes
    Pages3 pages
    DescriptionMEGA BRIGHT LED
    Datasheet Summary AI Expand summary
    # MEGA BRIGHT LED BTL-54NRC-XX-X

    ## Product Features
    · Ultra Bright Normal Red Color
    · High Light Output
    · 5x4mm Diameter Elliptical Package
    · Water Clear Lens
    · Highly Reliable
    · IC Compatible
    · Leads without Stand Off

    ## Applications
    · Full Color Display
    · Automotive
    · Front Panel Indicator
    · Special Lighting
    · General Purpose LEDs

    ## Optical & Electrical Characteristics (Ta=25℃)
    · Luminous Intensity (Iv): 2500 mcd (min), ±15% tolerance
    · Viewing Angle (2θ):
    - X: 70°
    - y: 30°
    · Dominant Wavelength (λD): 620-635 nm, ±2nm tolerance
    · DC Forward Voltage (VF): 1.9-2.5V (IF = 20mA)
    · DC Reverse Current (IR): 0-10 µA (VR=5V)

    ## Absolute Maximum Ratings (Ta=25℃)
    · Power Rating (PD): 100 mW
    · Reverse Voltage (VR): 5 V
    · Continuous Forward Current (IF): 30 mA
    · Peak Forward Current (IFP): 50 mA (0.1 duty cycle @ 1kHz)
    · Operating Temperature Range (Topr): -35 ~ +80 ℃
    · Storage Temperature Range (Tstg): -40 ~ +100 ℃
    · Lead Soldering Temperature: 260℃ (max 5 seconds)

    ## Wavelength and Brightness Selection
    · Wavelength Bin (Normal Red):
    - O1: 620-625 nm
    - O2: 625-630 nm
    - O3: 630-635 nm
    - XX: 620-635 nm
    · Brightness Bin:
    - P: 1485-1930 mcd
    - Q: 1930-2510 mcd
    - R: 2510-3265 mcd

    ## Packaging
    · Standard: 1000 pc bulk pack
    · Optional: Tape and Reel (specify when ordering)