| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AM9469 Datasheet
# Example questions:
➢ What is the maximum continuous output current the device can deliver?
➢ What is the maximum permissible reverse voltage that can be applied to the device?
➢ What is the maximum junction temperature specified for this device?
Okay, I've processed the provided text and here's a summary of the key parameters for the device described. This is presented in a more readable table format.
Device Parameters Summary
| Parameter | Value | Unit |
|---|---|---|
| Supply Voltage (VDD_MAX) | 24 | V |
| Reverse Supply Voltage (VREVERSE) | -0.3 | V |
| PWM Logic Voltage (VPWM_MAX) | 7 | V |
| Peak Output Current (IOUT_PEAK) | 1200 | mA |
| Continuous Output Current (IOUT_CONT) | 750 | mA |
| RD Output Current (IRD) | 5 | mA |
| RD Voltage (VRD) | 24 | V |
| FG Output Current (IFG) | 5 | mA |
| FG Voltage (VFG) | 24 | V |
| HB Output Current (IHB) | 10 | mA |
| Power Dissipation (PD) | 3520 | mW |
| Storage Temperature Range (TSTG) | -65 to 150 | °C |
| Junction Temperature (TJ) | 150 | °C |
| Electrostatic Discharge (ESD) Rating (HBM) | 4 | kV |
Notes:
️· HBM: Refers to the Human Body Model, a standard for measuring electrostatic discharge sensitivity.
️· PD: This is the maximum power dissipation rating. Exceeding it could lead to device damage.
️· The specific meaning of "RD," "FG," and "HB" in this context (likely referring to internal signals or outputs) isn't explicitly given, but the table provides their associated current and voltage limits.
Device Parameters Summary
| Parameter | Value | Unit |
|---|---|---|
| Supply Voltage (VDD_MAX) | 24 | V |
| Reverse Supply Voltage (VREVERSE) | -0.3 | V |
| PWM Logic Voltage (VPWM_MAX) | 7 | V |
| Peak Output Current (IOUT_PEAK) | 1200 | mA |
| Continuous Output Current (IOUT_CONT) | 750 | mA |
| RD Output Current (IRD) | 5 | mA |
| RD Voltage (VRD) | 24 | V |
| FG Output Current (IFG) | 5 | mA |
| FG Voltage (VFG) | 24 | V |
| HB Output Current (IHB) | 10 | mA |
| Power Dissipation (PD) | 3520 | mW |
| Storage Temperature Range (TSTG) | -65 to 150 | °C |
| Junction Temperature (TJ) | 150 | °C |
| Electrostatic Discharge (ESD) Rating (HBM) | 4 | kV |
| Part No. | AM9469 |
| Manufacturer | DIODES |
| Size | 977 Kbytes |
| Pages | 16 pages |
| Description | LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER |