| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MSK4362HU Datasheet
# Example questions:
➢ What are the key considerations when selecting a clock frequency for the clock sync input, and what effect does synchronizing to an external clock have on the internal oscillator?
➢ What output states (h, l, or -) are observed when hall a is high, hall b is low, and hall c is low, assuming a 120° hall sensor phasing and a positive icommand?
➢ What are the two methods for powering the msk 4362's voltage regulators, and what are the benefits of using a dropping resistor in series with the +reg in pin?
Document Overview:
This document describes the MSK 3462 motor controller, detailing its pin functions, operational characteristics, and various configuration options. It's targeted at engineers working with motor control systems.
1. Pin Functions & Control Signals
️· Power & Voltage:
- Accepts a motor bus voltage (V+) – Higher voltages may require dropping resistors.
️· Current Control:
- CURRENT COMMAND (+/-): Differential inputs for current control. Scaled at ±3 amps per volt. Max command voltage: ±10V (max 30 amps).
- CURRENT MONITOR: Provides a current viewing signal, scaled at ±3 amps per volt (max 30 amps).
️· Commutation & Hall Sensors:
- HALL A, B, C: Inputs from Hall sensors in the motor.
- 60/120-: Selects commutation scheme (60/300 degree or 120/240 degree). Internally pulled high.
️· Safety & Disable:
- BRAKE: Commands a braking mode, rapidly decelerating the motor. Pulled low for normal operation, pulled high for braking.
- DIS: Disables the output bridge. Pulled high for disable, pulled low for enable.
️· Synchronization:
- CLOCK SYNC: Input for synchronizing to an external clock.
- REFOUT: Provides a regulated 6.25V output for powering Hall devices.
2. Operational Characteristics & Configuration
️· Commutation Table: Provides a detailed truth table for selecting commutation sequences based on Hall sensor states and command signals.
️· Power Dissipation:
- Internal regulators (+15V & -15V) contribute to power dissipation.
- Efficiency of the -15V regulator is 50%.
- Dropping resistors can be used to reduce power dissipation when using higher bus voltages.
️· Variable Speed Operation: By varying Clock speed the motor speed can be varied, but must remain within limits to prevent damage.
3. Key Parameters & Values
️· Motor Bus Voltage (V+): Varies, but higher voltages require adjustments.
️· Current Control Scaling: ±3 amps/volt
️· Maximum Command Voltage: ±10V
️· Maximum Motor Current: 30 amps
️· COMMUTATION schemes: 60/300 degree or 120/240 degree.
️· Regulator Efficiency: 50% (-15V)
️· REFOUT Voltage: 6.25V
️· REFOUT Current: 15mA
Document Overview:
This document describes the MSK 3462 motor controller, detailing its pin functions, operational characteristics, and various configuration options. It's targeted at engineers working with motor control systems.
1. Pin Functions & Control Signals
️· Power & Voltage:
- Accepts a motor bus voltage (V+) – Higher voltages may require dropping resistors.
️· Current Control:
- CURRENT COMMAND (+/-): Differential inputs for current control. Scaled at ±3 amps per volt. Max command voltage: ±10V (max 30 amps).
- CURRENT MONITOR: Provides a current viewing signal, scaled at ±3 amps per volt (max 30 amps).
️· Commutation & Hall Sensors:
- HALL A, B, C: Inputs from Hall sensors in the motor.
- 60/120-: Selects commutation scheme (60/300 degree or 120/240 degree). Internally pulled high.
️· Safety & Disable:
- BRAKE: Commands a braking mode, rapidly decelerating the motor. Pulled low for normal operation, pulled high for braking.
- DIS: Disables the output bridge. Pulled high for disable, pulled low for enable.
️· Synchronization:
- CLOCK SYNC: Input for synchronizing to an external clock.
- REFOUT: Provides a regulated 6.25V output for powering Hall devices.
2. Operational Characteristics & Configuration
️· Commutation Table: Provides a detailed truth table for selecting commutation sequences based on Hall sensor states and command signals.
️· Power Dissipation:
- Internal regulators (+15V & -15V) contribute to power dissipation.
- Efficiency of the -15V regulator is 50%.
- Dropping resistors can be used to reduce power dissipation when using higher bus voltages.
️· Variable Speed Operation: By varying Clock speed the motor speed can be varied, but must remain within limits to prevent damage.
3. Key Parameters & Values
️· Motor Bus Voltage (V+): Varies, but higher voltages require adjustments.
️· Current Control Scaling: ±3 amps/volt
️· Maximum Command Voltage: ±10V
️· Maximum Motor Current: 30 amps
️· COMMUTATION schemes: 60/300 degree or 120/240 degree.
️· Regulator Efficiency: 50% (-15V)
️· REFOUT Voltage: 6.25V
️· REFOUT Current: 15mA
| Part No. | MSK4362HU |
| Manufacturer | MSK |
| Size | 409 Kbytes |
| Pages | 8 pages |
| Description | 30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER |