Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DWM3000 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DWM3000 Datasheet

  • # Example questions: ➢ What is the maximum data throughput achievable with the dwm3000, and what determines this limit?
    ➢ How does the dwm3000 interface with a host processor, and what type of communication protocol is used?
    ➢ What uwb channels does the dwm3000 support, and at what frequencies do they operate?

  • Part No.DWM3000
    ManufacturerQORVO
    Size188 Kbytes
    Pages2 pages
    DescriptionFully integrated UWB transceiver module
    Datasheet Summary with AI

    # DWM3000 UWB Transceiver Module

    ## Overview
    Fully integrated Ultra-Wideband (UWB) transceiver module based on the DW3110 IC. Designed for 2-way ranging or TDoA location systems with 10 cm precision. Supports data rates up to 6.8 Mbps. Compliant with FiRa™ PHY and MAC specifications.

    ## Key Features
    · IEEE 802.15.4-2015 & IEEE 802.15.4z BPRF compliant
    · Supports UWB Channels 5 (6.5 GHz) & 9 (8 GHz)
    · Programmable transmitter output power
    · Fully coherent receiver
    · Complies with FCC & ETSI UWB spectral masks
    · Supply Voltages: VDD3V3 (2.5V – 3.6V), VDD1 (1.62V – 3.6V)
    · Data Rates: 850 kbps, 6.8 Mbps
    · Maximum Packet Length: 1023 bytes
    · SPI interface
    · Pin compatible with DWM1000

    ## Applications
    · Precision Real-Time Location Systems (RTLS)
    · Location-aware Wireless Sensor Networks (WSNs)


    ## Ordering Information
    · DWM3000SB: 5 pcs bag
    · DWM3000SQ: 25 pcs bag
    · DWM3000SR: 100 pcs on a 7” reel
    · DWM3000TR13: 500 pcs on a 13” reel
    · DWM3000EVB: Evaluation Board

    ## Package
    24-Pin, 23x13mm side castellated package.

    # DWM3000 UWB Transceiver Module

    ## Overview
    Fully integrated Ultra-Wideband (UWB) transceiver module based on the DW3110 IC. Designed for 2-way ranging or TDoA location systems with 10 cm precision. Supports data rates up to 6.8 Mbps. Compliant with FiRa™ PHY and MAC specifications.

    ## Key Features
    · IEEE 802.15.4-2015 & IEEE 802.15.4z BPRF compliant
    · Supports UWB Channels 5 (6.5 GHz) & 9 (8 GHz)
    · Programmable transmitter output power
    · Fully coherent receiver
    · Complies with FCC & ETSI UWB spectral masks
    · Supply Voltages: VDD3V3 (2.5V – 3.6V), VDD1 (1.62V – 3.6V)
    · Data Rates: 850 kbps, 6.8 Mbps
    · Maximum Packet Length: 1023 bytes
    · SPI interface
    · Pin compatible with DWM1000

    ## Applications
    · Precision Real-Time Location Systems (RTLS)
    · Location-aware Wireless Sensor Networks (WSNs)

    ## Ordering Information
    · DWM3000SB: 5 pcs bag
    · DWM3000SQ: 25 pcs bag
    · DWM3000SR: 100 pcs on a 7” reel
    · DWM3000TR13: 500 pcs on a 13” reel
    · DWM3000EVB: Evaluation Board

    ## Package
    24-Pin, 23x13mm side castellated package.

    Part No.DWM3000
    ManufacturerQORVO
    Size188 Kbytes
    Pages2 pages
    DescriptionFully integrated UWB transceiver module