| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 232SP9 Datasheet
# Example questions:
➢ What are the dimensions of the 232sp9 surge protector in millimeters?
➢ What size copper wire is recommended for connecting the ground screw to earth ground?
➢ What is the peak pulse power this surge protector can handle, and for how long can it sustain that power?
# Model 232SP9 RS-232 Surge Protector
## Overview
Protects RS-232 ports from voltage peaks caused by lightning and power problems. Uses Transient Voltage Suppressors (TVS) to protect all 9 pins. Inline installation between the data cable and the RS-232 port.
## Features
· 600W Transient Voltage Protection
· Protects All 9 Pins
· Compact Size
· Easy, Inline Installation
## Specifications
· Connectors: DB9 Male, DB9 Female
· Clamping Voltage: 12 Volts
· Peak Pulse Power: 600 Watts @ 1 msec.
· Response Time: Less than 1 Picosecond
· Typical Capacitance: 200 Picofarads
· Ground Screw Size: 10#
· Dimensions: 25.04L x 76.9W x 42.67H mm (0.99L x 3.02W x 1.68H in)
· MTBF: 4268324 hours (MIL117F Parts Count Reliability Prediction)
· Certifications: CE/FCC, 2011/65/EU (Reduction of Hazardous Substance Directive)
## Ordering Information
· Model 232SP9: RS-232 Surge Protector, DB9
## Accessories (Sold Separately)
· 9PAMF6: DB9 male to DB9 female adapter cable, 1.8 m (6 ft.)
· CU15B: Copper grounding strap, 38 x 0.25 mm (1.5 x 0.016 in) - sold by foot length
## Important Notes
· Proper grounding (minimum 12 AWG copper wire) is essential for protection. Use CU15B for longer ground connections.
· Product specifications are subject to change without notice.
# Model 232SP9 RS-232 Surge Protector
## Overview
Protects RS-232 ports from voltage peaks caused by lightning and power problems. Uses Transient Voltage Suppressors (TVS) to protect all 9 pins. Inline installation between the data cable and the RS-232 port.
## Features
· 600W Transient Voltage Protection
· Protects All 9 Pins
· Compact Size
· Easy, Inline Installation
## Specifications
· Connectors: DB9 Male, DB9 Female
· Clamping Voltage: 12 Volts
· Peak Pulse Power: 600 Watts @ 1 msec.
· Response Time: Less than 1 Picosecond
· Typical Capacitance: 200 Picofarads
· Ground Screw Size: 10#
· Dimensions: 25.04L x 76.9W x 42.67H mm (0.99L x 3.02W x 1.68H in)
· MTBF: 4268324 hours (MIL117F Parts Count Reliability Prediction)
· Certifications: CE/FCC, 2011/65/EU (Reduction of Hazardous Substance Directive)
## Ordering Information
· Model 232SP9: RS-232 Surge Protector, DB9
## Accessories (Sold Separately)
· 9PAMF6: DB9 male to DB9 female adapter cable, 1.8 m (6 ft.)
· CU15B: Copper grounding strap, 38 x 0.25 mm (1.5 x 0.016 in) - sold by foot length
## Important Notes
· Proper grounding (minimum 12 AWG copper wire) is essential for protection. Use CU15B for longer ground connections.
· Product specifications are subject to change without notice.
| Part No. | 232SP9 |
| Manufacturer | ADVANTECH |
| Size | 330 Kbytes |
| Pages | 1 page |
| Description | Single-stage Surge Protector ??RS-232, DB9 Connectors |