| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AS1530 Datasheet
# Example questions:
➢ What are the minimum and maximum serial clock frequencies (fsclk) for both the as1530 and as1531?
➢ What is the difference in signal-to-noise plus distortion ratio (sinad) between the as1530 and as1531?
➢ What is the typical ref output voltage for both the as1530 and as1531, and what is the ref short-circuit current?
1. Overview
️· AS1530 & AS1531: These are both Analog-to-Digital Converters (ADCs) from austriamicrosystems. They appear to be targeted at similar applications, but with key differences in their specifications.
2. Key Differences (AS1530 vs AS1531)
| Feature | AS1530 | AS1531 |
|---|---|---|
| Sampling Rate (Conversion Rate) | 300 ksps (kilo samples per second) | 300 ksps |
| Clock Frequency | 4.8 MHz | 4.8 MHz |
| Supply Voltage (Vdd) | 5V | 2.7 - 3.6V |
| Resolution | 12 bits | 12 bits |
| SINAD | 70 dB | 70 dB |
| THD | -81 dB | -81 dB |
| SFDR | 84 dB | 84 dB |
| Full Linear Bandwidth | 350 kHz | 350 kHz |
| Track/Hold Acquisition Time | 520 ns | 520 ns |
| Supply Voltage Range | Higher voltage requirement. | Lower voltage requirement - important for power-sensitive applications. |
| Conversion Time | 3.3 µs | 3.3 µs |
1. Overview
️· AS1530 & AS1531: These are both Analog-to-Digital Converters (ADCs) from austriamicrosystems. They appear to be targeted at similar applications, but with key differences in their specifications.
2. Key Differences (AS1530 vs AS1531)
| Feature | AS1530 | AS1531 |
|---|---|---|
| Sampling Rate (Conversion Rate) | 300 ksps (kilo samples per second) | 300 ksps |
| Clock Frequency | 4.8 MHz | 4.8 MHz |
| Supply Voltage (Vdd) | 5V | 2.7 - 3.6V |
| Resolution | 12 bits | 12 bits |
| SINAD | 70 dB | 70 dB |
| THD | -81 dB | -81 dB |
| SFDR | 84 dB | 84 dB |
| Full Linear Bandwidth | 350 kHz | 350 kHz |
| Track/Hold Acquisition Time | 520 ns | 520 ns |
| Supply Voltage Range | Higher voltage requirement. | Lower voltage requirement - important for power-sensitive applications. |
| Conversion Time | 3.3 µs | 3.3 µs |
| Part No. | AS1530 |
| Manufacturer | AMSCO |
| Size | 980 Kbytes |
| Pages | 29 pages |
| Description | 12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters |