| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SC110-10-M2/4 Datasheet
# Example questions:
➢ What are the accuracy specifications for thermocouple input, and how do they differ for types b, r, s, c, and pr?
➢ What standards and approvals does the sc110 meet regarding emc, low voltage directive, and rohs compliance, and what measurement/installation categories apply?
➢ Describe the differences in external dimensions available for the sc110, and what options affect the depth of the unit?
1. General Overview & Function
️· Device: SC110 Process Controller
️· Type: Designed to monitor and control a process variable (e.g., temperature, pressure, flow) through modulating valve output (MV output).
️· Communication: Supports both Infrared (IR) and Stereo Jack communication for configuration.
️· Backup Mode: Has a backup module for redundancy.
️· Depth Options: Available in 300mm, 400mm, and 600mm depth variants.
2. Technical Specifications
️· Input:
- DC Input: ±0.1% ±1 digit
- Thermocouple Input: ±1°C ±1 digit (some thermocouples have higher inaccuracy)
- RTD Input: ±1°C ±1 digit
- Potentiometer Input: ±0.2% ±1 digit
- Precision Resistor Module (REM4) : ±0.1%
️· Output:
- DC Output: ±0.1%
- MV output setting indicators
️· Accuracy:
- DC Input: ±0.1% ±1 digit
- Thermocouple input: ±1℃ ±1 digit (specific ones are up to ±2℃)
- RTD input: ±1℃ ±1 digit
- Potentiometer input: ±0.2% ±1 digit
- DC output : ±0.1%
- Precision resistor module (REM4) : ±0.1 %
️· Temperature Coefficient: ±0.015%/°C
️· Line Voltage Effect: ±0.1%
️· Calendar Clock Accuracy: ±3 minutes/month
️· RAM Memory Duration (Power Failure): 10 minutes
️· Insulation Resistance: ≥ 100 MΩ with 500 V DC
️· Dielectric Strength:
- Various voltage and time ratings for different terminal combinations (see sheet).
3. Standards & Approvals
️· EU Conformity:
- EMC Directive (EMI & EMS)
- Low Voltage Directive
- Measurement Category II
- Pollution Degree 2
- RoHS Directive
️· Protection: Finger protection (VDE 0660-514)
4. Physical Characteristics
️· Power Input Terminal
️· Mounting: Panel flush mounting (horizontal)
️· Weight: Approximately 2.0 - 3.0 kg (4.41 - 6.61 lb) depending on depth
️· Dimensions: See the dimensional drawing on the document – note the different options for infrared communication and separable terminals.
5. Features (Front Panel)
️· TFT Color LCD with Touch Panel: Displays monitoring and setup information.
️· MV Value Buttons (UP/DOWN): Adjust the modulating valve output.
️· Acceleration Button: Speeds up the valve adjustment.
️· Auto/Manual Selector: Switches control mode.
️· Configurator Jack: Connects to a PC for configuration via software (SFEW3E or SCCFG).
️· Infrared Communication Port: Used for configuration with an IR adapter.
6. Software & Configuration
️· Loop Configuration Builder Software (SFEW3E): Used for configuration and programming.
️· PC Configurator Software (SCCFG): Alternative configuration software.
️· IRDA Communication Adapter (COP-IRDA): Required for infrared communication.
️· PC Configurator Cable (COP-US): Used for configuration via PC.
7. Key Options and Notes
️· /M2, /R: Indicate specific options.
️· /3: 300mm depth
️· /4: 400mm depth
️· /6: 600mm depth
️· /T: Separable terminal option.
In essence, this document provides a comprehensive set of information needed to understand, install, configure, and maintain the SC110 process controller.
1. General Overview & Function
️· Device: SC110 Process Controller
️· Type: Designed to monitor and control a process variable (e.g., temperature, pressure, flow) through modulating valve output (MV output).
️· Communication: Supports both Infrared (IR) and Stereo Jack communication for configuration.
️· Backup Mode: Has a backup module for redundancy.
️· Depth Options: Available in 300mm, 400mm, and 600mm depth variants.
2. Technical Specifications
️· Input:
- DC Input: ±0.1% ±1 digit
- Thermocouple Input: ±1°C ±1 digit (some thermocouples have higher inaccuracy)
- RTD Input: ±1°C ±1 digit
- Potentiometer Input: ±0.2% ±1 digit
- Precision Resistor Module (REM4) : ±0.1%
️· Output:
- DC Output: ±0.1%
- MV output setting indicators
️· Accuracy:
- DC Input: ±0.1% ±1 digit
- Thermocouple input: ±1℃ ±1 digit (specific ones are up to ±2℃)
- RTD input: ±1℃ ±1 digit
- Potentiometer input: ±0.2% ±1 digit
- DC output : ±0.1%
- Precision resistor module (REM4) : ±0.1 %
️· Temperature Coefficient: ±0.015%/°C
️· Line Voltage Effect: ±0.1%
️· Calendar Clock Accuracy: ±3 minutes/month
️· RAM Memory Duration (Power Failure): 10 minutes
️· Insulation Resistance: ≥ 100 MΩ with 500 V DC
️· Dielectric Strength:
- Various voltage and time ratings for different terminal combinations (see sheet).
3. Standards & Approvals
️· EU Conformity:
- EMC Directive (EMI & EMS)
- Low Voltage Directive
- Measurement Category II
- Pollution Degree 2
- RoHS Directive
️· Protection: Finger protection (VDE 0660-514)
4. Physical Characteristics
️· Power Input Terminal
️· Mounting: Panel flush mounting (horizontal)
️· Weight: Approximately 2.0 - 3.0 kg (4.41 - 6.61 lb) depending on depth
️· Dimensions: See the dimensional drawing on the document – note the different options for infrared communication and separable terminals.
5. Features (Front Panel)
️· TFT Color LCD with Touch Panel: Displays monitoring and setup information.
️· MV Value Buttons (UP/DOWN): Adjust the modulating valve output.
️· Acceleration Button: Speeds up the valve adjustment.
️· Auto/Manual Selector: Switches control mode.
️· Configurator Jack: Connects to a PC for configuration via software (SFEW3E or SCCFG).
️· Infrared Communication Port: Used for configuration with an IR adapter.
6. Software & Configuration
️· Loop Configuration Builder Software (SFEW3E): Used for configuration and programming.
️· PC Configurator Software (SCCFG): Alternative configuration software.
️· IRDA Communication Adapter (COP-IRDA): Required for infrared communication.
️· PC Configurator Cable (COP-US): Used for configuration via PC.
7. Key Options and Notes
️· /M2, /R: Indicate specific options.
️· /3: 300mm depth
️· /4: 400mm depth
️· /6: 600mm depth
️· /T: Separable terminal option.
In essence, this document provides a comprehensive set of information needed to understand, install, configure, and maintain the SC110 process controller.
| Part No. | SC110-10-M2/4 |
| Manufacturer | MSYSTEM |
| Size | 437 Kbytes |
| Pages | 12 pages |
| Description | Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER |