Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC110-10-R Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SC110-10-R Datasheet

  • # Example questions: ➢ What are the accuracy specifications for thermocouple input, and how do they differ for types b, r, s, c, and pr?
    ➢ What standards and approvals does the sc110 meet regarding emc, low voltage directive, and rohs compliance, and what measurement/installation categories apply?
    ➢ Describe the differences in external dimensions available for the sc110, and what options affect the depth of the unit?

  • Part No.SC110-10-R
    ManufacturerMSYSTEM
    Size437 Kbytes
    Pages12 pages
    DescriptionSingle Loop Controller Series MULTI-FUNCTION PID CONTROLLER
    Datasheet Summary with AI

    1. General Overview & Function

    ️· Device: SC110 Process Controller
    ️· Type: Designed to monitor and control a process variable (e.g., temperature, pressure, flow) through modulating valve output (MV output).
    ️· Communication: Supports both Infrared (IR) and Stereo Jack communication for configuration.
    ️· Backup Mode: Has a backup module for redundancy.
    ️· Depth Options: Available in 300mm, 400mm, and 600mm depth variants.

    2. Technical Specifications

    ️· Input:
    - DC Input: ±0.1% ±1 digit
    - Thermocouple Input: ±1°C ±1 digit (some thermocouples have higher inaccuracy)
    - RTD Input: ±1°C ±1 digit
    - Potentiometer Input: ±0.2% ±1 digit
    - Precision Resistor Module (REM4) : ±0.1%
    ️· Output:
    - DC Output: ±0.1%
    - MV output setting indicators
    ️· Accuracy:
    - DC Input: ±0.1% ±1 digit
    - Thermocouple input: ±1℃ ±1 digit (specific ones are up to ±2℃)
    - RTD input: ±1℃ ±1 digit
    - Potentiometer input: ±0.2% ±1 digit
    - DC output : ±0.1%
    - Precision resistor module (REM4) : ±0.1 %
    ️· Temperature Coefficient: ±0.015%/°C
    ️· Line Voltage Effect: ±0.1%
    ️· Calendar Clock Accuracy: ±3 minutes/month
    ️· RAM Memory Duration (Power Failure): 10 minutes
    ️· Insulation Resistance: ≥ 100 MΩ with 500 V DC
    ️· Dielectric Strength:
    - Various voltage and time ratings for different terminal combinations (see sheet).

    3. Standards & Approvals

    ️· EU Conformity:
    - EMC Directive (EMI & EMS)
    - Low Voltage Directive
    - Measurement Category II
    - Pollution Degree 2
    - RoHS Directive
    ️· Protection: Finger protection (VDE 0660-514)

    4. Physical Characteristics

    ️· Power Input Terminal
    ️· Mounting: Panel flush mounting (horizontal)
    ️· Weight: Approximately 2.0 - 3.0 kg (4.41 - 6.61 lb) depending on depth
    ️· Dimensions: See the dimensional drawing on the document – note the different options for infrared communication and separable terminals.

    5. Features (Front Panel)

    ️· TFT Color LCD with Touch Panel: Displays monitoring and setup information.
    ️· MV Value Buttons (UP/DOWN): Adjust the modulating valve output.
    ️· Acceleration Button: Speeds up the valve adjustment.
    ️· Auto/Manual Selector: Switches control mode.
    ️· Configurator Jack: Connects to a PC for configuration via software (SFEW3E or SCCFG).
    ️· Infrared Communication Port: Used for configuration with an IR adapter.

    6. Software & Configuration

    ️· Loop Configuration Builder Software (SFEW3E): Used for configuration and programming.
    ️· PC Configurator Software (SCCFG): Alternative configuration software.
    ️· IRDA Communication Adapter (COP-IRDA): Required for infrared communication.
    ️· PC Configurator Cable (COP-US): Used for configuration via PC.

    7. Key Options and Notes

    ️· /M2, /R: Indicate specific options.
    ️· /3: 300mm depth
    ️· /4: 400mm depth
    ️· /6: 600mm depth
    ️· /T: Separable terminal option.

    In essence, this document provides a comprehensive set of information needed to understand, install, configure, and maintain the SC110 process controller.

    1. General Overview & Function

    ️· Device: SC110 Process Controller
    ️· Type: Designed to monitor and control a process variable (e.g., temperature, pressure, flow) through modulating valve output (MV output).
    ️· Communication: Supports both Infrared (IR) and Stereo Jack communication for configuration.
    ️· Backup Mode: Has a backup module for redundancy.
    ️· Depth Options: Available in 300mm, 400mm, and 600mm depth variants.

    2. Technical Specifications

    ️· Input:
    - DC Input: ±0.1% ±1 digit
    - Thermocouple Input: ±1°C ±1 digit (some thermocouples have higher inaccuracy)
    - RTD Input: ±1°C ±1 digit
    - Potentiometer Input: ±0.2% ±1 digit
    - Precision Resistor Module (REM4) : ±0.1%
    ️· Output:
    - DC Output: ±0.1%
    - MV output setting indicators
    ️· Accuracy:
    - DC Input: ±0.1% ±1 digit
    - Thermocouple input: ±1℃ ±1 digit (specific ones are up to ±2℃)
    - RTD input: ±1℃ ±1 digit
    - Potentiometer input: ±0.2% ±1 digit
    - DC output : ±0.1%
    - Precision resistor module (REM4) : ±0.1 %
    ️· Temperature Coefficient: ±0.015%/°C
    ️· Line Voltage Effect: ±0.1%
    ️· Calendar Clock Accuracy: ±3 minutes/month
    ️· RAM Memory Duration (Power Failure): 10 minutes
    ️· Insulation Resistance: ≥ 100 MΩ with 500 V DC
    ️· Dielectric Strength:
    - Various voltage and time ratings for different terminal combinations (see sheet).

    3. Standards & Approvals

    ️· EU Conformity:
    - EMC Directive (EMI & EMS)
    - Low Voltage Directive
    - Measurement Category II
    - Pollution Degree 2
    - RoHS Directive
    ️· Protection: Finger protection (VDE 0660-514)

    4. Physical Characteristics

    ️· Power Input Terminal
    ️· Mounting: Panel flush mounting (horizontal)
    ️· Weight: Approximately 2.0 - 3.0 kg (4.41 - 6.61 lb) depending on depth
    ️· Dimensions: See the dimensional drawing on the document – note the different options for infrared communication and separable terminals.

    5. Features (Front Panel)

    ️· TFT Color LCD with Touch Panel: Displays monitoring and setup information.
    ️· MV Value Buttons (UP/DOWN): Adjust the modulating valve output.
    ️· Acceleration Button: Speeds up the valve adjustment.
    ️· Auto/Manual Selector: Switches control mode.
    ️· Configurator Jack: Connects to a PC for configuration via software (SFEW3E or SCCFG).
    ️· Infrared Communication Port: Used for configuration with an IR adapter.

    6. Software & Configuration

    ️· Loop Configuration Builder Software (SFEW3E): Used for configuration and programming.
    ️· PC Configurator Software (SCCFG): Alternative configuration software.
    ️· IRDA Communication Adapter (COP-IRDA): Required for infrared communication.
    ️· PC Configurator Cable (COP-US): Used for configuration via PC.

    7. Key Options and Notes

    ️· /M2, /R: Indicate specific options.
    ️· /3: 300mm depth
    ️· /4: 400mm depth
    ️· /6: 600mm depth
    ️· /T: Separable terminal option.

    In essence, this document provides a comprehensive set of information needed to understand, install, configure, and maintain the SC110 process controller.

    Part No.SC110-10-R
    ManufacturerMSYSTEM
    Size437 Kbytes
    Pages12 pages
    DescriptionSingle Loop Controller Series MULTI-FUNCTION PID CONTROLLER