Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BML08MH Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BML08MH Datasheet

  • # Example questions: ➢ What is the maximum permissible ambient temperature for the operation of this sensor?
    ➢ How is the electrical connection established with this sensor, detailing the connector type and pin configuration?
    ➢ What is the maximum allowable traverse speed for accurate measurement with this sensor?

  • Part No.BML08MH
    ManufacturerBALLUFF
    Size120 Kbytes
    Pages3 pages
    DescriptionMagnetically Coded Sensors
    Datasheet Summary with AI

    # Magnetically Coded Sensors - BML SGA-AEZ1-LZZZ-TU11-S284 (Order Code: BML08MH)

    ## Basic Features & Application

    ️· Application: Linear/rotary motion
    ️· Series: SGA
    ️· Measuring Principle: Absolute measuring system
    ️· Temperature Sensor Input: Yes
    ️· Approval/Conformity: cURus, CE, EAC, WEEE

    ## Electrical Data

    ️· Connection: M12x1-Male, 12-pin Connector (axial version)
    ️· Polarity Reversal Protection: Yes
    ️· Current Consumption: 75 mA (at 24 VDC)
    ️· Operating Voltage: 10...30 VDC
    ️· Overvoltage Protection: To 36 V
    ️· Power Consumption: ≤ 1.8 W (no load)
    ️· Switch-on Delay: Max. 3300 ms
    ️· Voltage-Proof: Up to 500 V DC (GND to housing)
    ️· Differential Signals: Yes
    ️· Error Signal: Yes
    ️· Interface: DRIVE-CLiQ
    ️· Interface Coding: Binary

    ## Environmental Conditions

    ️· Altitude: Max. 2000 m
    ️· Ambient Temperature: -30...70 °C
    ️· IP Rating: IP67
    ️· Storage Temperature: -30...85 °C
    ️· Overall System Temperature Coefficient: 10.5 ppm/K
    ️· Relative Humidity: ≤ 90 % (non-condensing)

    ## Mechanical Data

    ️· Dimension: 16 x 18.6 x 54 mm
    ️· Weight: 50 g
    ️· Mounting Part: Through-hole 4.3 mm

    ## Range/Distance & Output/Interface

    ️· Measuring Range: 48 m
    ️· Optimal Read Distance: 0.3 mm
    ️· Read Distance: 0.01...1.3 mm
    ️· Resolution: 1 µm
    ️· Repeat Accuracy: ≤ 1 µm
    ️· Traverse Speed: Max. 5 m/s
    ️· Interpolation Factor: 2000

    ## Functional Safety

    ️· MTTF (40 °C): 138 a

    ## Material

    ️· Housing Material: Die-cast zinc, nickel plated/Chrome-plated

    # Magnetically Coded Sensors - BML SGA-AEZ1-LZZZ-TU11-S284 (Order Code: BML08MH)

    ## Basic Features & Application

    ️· Application: Linear/rotary motion
    ️· Series: SGA
    ️· Measuring Principle: Absolute measuring system
    ️· Temperature Sensor Input: Yes
    ️· Approval/Conformity: cURus, CE, EAC, WEEE

    ## Electrical Data

    ️· Connection: M12x1-Male, 12-pin Connector (axial version)
    ️· Polarity Reversal Protection: Yes
    ️· Current Consumption: 75 mA (at 24 VDC)
    ️· Operating Voltage: 10...30 VDC
    ️· Overvoltage Protection: To 36 V
    ️· Power Consumption: ≤ 1.8 W (no load)
    ️· Switch-on Delay: Max. 3300 ms
    ️· Voltage-Proof: Up to 500 V DC (GND to housing)
    ️· Differential Signals: Yes
    ️· Error Signal: Yes
    ️· Interface: DRIVE-CLiQ
    ️· Interface Coding: Binary

    ## Environmental Conditions

    ️· Altitude: Max. 2000 m
    ️· Ambient Temperature: -30...70 °C
    ️· IP Rating: IP67
    ️· Storage Temperature: -30...85 °C
    ️· Overall System Temperature Coefficient: 10.5 ppm/K
    ️· Relative Humidity: ≤ 90 % (non-condensing)

    ## Mechanical Data

    ️· Dimension: 16 x 18.6 x 54 mm
    ️· Weight: 50 g
    ️· Mounting Part: Through-hole 4.3 mm

    ## Range/Distance & Output/Interface

    ️· Measuring Range: 48 m
    ️· Optimal Read Distance: 0.3 mm
    ️· Read Distance: 0.01...1.3 mm
    ️· Resolution: 1 µm
    ️· Repeat Accuracy: ≤ 1 µm
    ️· Traverse Speed: Max. 5 m/s
    ️· Interpolation Factor: 2000

    ## Functional Safety

    ️· MTTF (40 °C): 138 a

    ## Material

    ️· Housing Material: Die-cast zinc, nickel plated/Chrome-plated

    Part No.BML08MH
    ManufacturerBALLUFF
    Size120 Kbytes
    Pages3 pages
    DescriptionMagnetically Coded Sensors