| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about HPR2000 Datasheet
# Example questions:
➢ What is the permissible change in resistance (δr) after a short time overload test?
➢ What types of hazardous substances are vishay products compliant with, according to the document?
➢ What is the duration and temperature used in the endurance test performed at room temperature, and what percentage of the rated power is applied?
# HPR - High Pulse Wirewound Resistors
## Features
· High grade alumina ceramic core
· Withstands 25 kV ignition pulse
· Non-flammable silicone cement coating
· Stainless steel caps terminations
· Meets IEC 60115-1 flammability tests
## Applications
· EMI / RFI noise suppression in automotive ignition
## Electrical Specifications
| Type | Rated Dissipation | Resistance Range | Resistance Tolerance |
|---|---|---|---|
| HPR 1/2 | 0.50 W | 1 kΩ to 5 kΩ | ±10%, ±20% |
| HPR 1 | 1 W | 1 kΩ to 5 kΩ | ±10%, ±20% |
| HPR 2 | 2 W | 1 kΩ to 5 kΩ | ±10%, ±20% |
| Specification | HPR 1/2 | HPR 1 | HPR 2 |
|---|---|---|---|
| Imperial Size | 0411 | 0519 | 0522 |
| Typical Inductance | 22 μH @ 1 MHz, 1 V | 22 μH @ 1 MHz, 1 V | 22 μH @ 1 MHz, 1 V |
| Climatic Category | -55°C / +200°C / 56 days | -55°C / +200°C / 56 days | -55°C / +200°C / 56 days |
| Type | Ø D Max. (mm) | Ø L Max. (mm) | Mass (mg) |
|---|---|---|---|
| HPR0500 | 3.9 | 11.0 | 360 |
| HPR1000 | 5.2 | 18.7 | 993 |
| HPR2000 | 4.8 | 22 | 1135 |
| Product Type | Code | Quantity | Description |
|---|---|---|---|
| HPR0500 | LX | 1000 | Loose in box |
# HPR - High Pulse Wirewound Resistors
## Features
· High grade alumina ceramic core
· Withstands 25 kV ignition pulse
· Non-flammable silicone cement coating
· Stainless steel caps terminations
· Meets IEC 60115-1 flammability tests
## Applications
· EMI / RFI noise suppression in automotive ignition
## Electrical Specifications
| Type | Rated Dissipation | Resistance Range | Resistance Tolerance |
|---|---|---|---|
| HPR 1/2 | 0.50 W | 1 kΩ to 5 kΩ | ±10%, ±20% |
| HPR 1 | 1 W | 1 kΩ to 5 kΩ | ±10%, ±20% |
| HPR 2 | 2 W | 1 kΩ to 5 kΩ | ±10%, ±20% |
| Specification | HPR 1/2 | HPR 1 | HPR 2 |
|---|---|---|---|
| Imperial Size | 0411 | 0519 | 0522 |
| Typical Inductance | 22 μH @ 1 MHz, 1 V | 22 μH @ 1 MHz, 1 V | 22 μH @ 1 MHz, 1 V |
| Climatic Category | -55°C / +200°C / 56 days | -55°C / +200°C / 56 days | -55°C / +200°C / 56 days |
| Type | Ø D Max. (mm) | Ø L Max. (mm) | Mass (mg) |
|---|---|---|---|
| HPR0500 | 3.9 | 11.0 | 360 |
| HPR1000 | 5.2 | 18.7 | 993 |
| HPR2000 | 4.8 | 22 | 1135 |
| Product Type | Code | Quantity | Description |
|---|---|---|---|
| HPR0500 | LX | 1000 | Loose in box |
| Part No. | HPR2000 |
| Manufacturer | VISHAY |
| Size | 87 Kbytes |
| Pages | 4 pages |
| Description | High Pulse Wirewound Resistor, Noise Suppressor |