Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SDA3611DN Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SDA3611DN Datasheet

  • # Example questions: ➢ What is the operating temperature range for the sda3611dn, and what is the storage temperature range?
    ➢ What is the peak pulse power the sda3611dn can withstand, and under what pulse duration is this rating specified?
    ➢ What is the moisture sensitivity level of the sda3611dn, and what standard defines this level?

  • Part No.SDA3611DN
    ManufacturerLEIDITECH
    Size1Mb
    Pages4 pages
    Description1-Line Uni-directional TVS Diode
    Datasheet Summary with AI

    # SDA3611DN TVS Diode

    ## Features

    ️· Ultra-low leakage: nA level
    ️· Operating Voltage: 28V
    ️· Low clamping voltage
    ️· Complies with:
    - IEC 61000-4-2 (ESD): ±30kV (Air), ±25kV (Contact)
    - IEC61000-4-4 (EFT): 40A (5/50ns)
    - IEC61000-4-5 (Lightning): 4A (8/20μs)
    ️· RoHS Compliant

    ## Applications

    ️· Cellular Handsets & Accessories
    ️· Personal Digital Assistants
    ️· Notebooks, Desktops, Servers
    ️· Portable Instrumentation
    ️· Digital Cameras
    ️· Analog Inputs
    ️· Audio Players
    ️· Keypads, LCD Displays
    ️· Laser Diode Protection

    ## Dimensions & Mechanical Characteristics

    ️· Package: DFN1006
    ️· Case Material: “Green” Molding Compound
    ️· Moisture Sensitivity: Level 3 (J-STD-020)
    ️· Outline Dimensions (DFN1006-2): See package outline drawing (various dimensions in mm & inches for A, A1, b, c, D, e, E, L, L1, h, X, Y1, Y2, Y3, Z)

    ## Absolute Maximum Ratings (Tamb = 25°C)

    Parameter Value Unit
    Peak Pulse Power (8/20µs) 300 W
    ESD (Air) ±30 kV
    ESD (Contact) ±25 kV
    Operating Temperature Range -55 to +125 °C
    Storage Temperature Range -55 to +150 °C

    ## Electrical Characteristics (TA = 25°C)

    Part Number V<sub>RWM</sub> (V) V<sub>BR</sub> (V) I<sub>T</sub> (mA) V<sub>C</sub> @ 1A (V) I<sub>R</sub> (μA) (Max) C (pF)
    SDA3611CDN 36 38 1 50 75 4 0.2 30

    ## Characteristic Curves

    ️· Junction Capacitance vs. Reverse Voltage
    ️· Peak Pulse Power vs. Pulse Time
    ️· Clamping Voltage vs. Peak Pulse Current
    ️· Power Derating Curve
    ️· 8 x 20μs Pulse Waveform
    ️· ESD Clamping Voltage (+8 kV Contact per IEC61000-4-2)

    # SDA3611DN TVS Diode

    ## Features

    ️· Ultra-low leakage: nA level
    ️· Operating Voltage: 28V
    ️· Low clamping voltage
    ️· Complies with:
    - IEC 61000-4-2 (ESD): ±30kV (Air), ±25kV (Contact)
    - IEC61000-4-4 (EFT): 40A (5/50ns)
    - IEC61000-4-5 (Lightning): 4A (8/20μs)
    ️· RoHS Compliant

    ## Applications

    ️· Cellular Handsets & Accessories
    ️· Personal Digital Assistants
    ️· Notebooks, Desktops, Servers
    ️· Portable Instrumentation
    ️· Digital Cameras
    ️· Analog Inputs
    ️· Audio Players
    ️· Keypads, LCD Displays
    ️· Laser Diode Protection

    ## Dimensions & Mechanical Characteristics

    ️· Package: DFN1006
    ️· Case Material: “Green” Molding Compound
    ️· Moisture Sensitivity: Level 3 (J-STD-020)
    ️· Outline Dimensions (DFN1006-2): See package outline drawing (various dimensions in mm & inches for A, A1, b, c, D, e, E, L, L1, h, X, Y1, Y2, Y3, Z)

    ## Absolute Maximum Ratings (Tamb = 25°C)

    Parameter Value Unit
    Peak Pulse Power (8/20µs) 300 W
    ESD (Air) ±30 kV
    ESD (Contact) ±25 kV
    Operating Temperature Range -55 to +125 °C
    Storage Temperature Range -55 to +150 °C

    ## Electrical Characteristics (TA = 25°C)

    Part Number V<sub>RWM</sub> (V) V<sub>BR</sub> (V) I<sub>T</sub> (mA) V<sub>C</sub> @ 1A (V) I<sub>R</sub> (μA) (Max) C (pF)
    SDA3611CDN 36 38 1 50 75 4 0.2 30

    ## Characteristic Curves

    ️· Junction Capacitance vs. Reverse Voltage
    ️· Peak Pulse Power vs. Pulse Time
    ️· Clamping Voltage vs. Peak Pulse Current
    ️· Power Derating Curve
    ️· 8 x 20μs Pulse Waveform
    ️· ESD Clamping Voltage (+8 kV Contact per IEC61000-4-2)

    Part No.SDA3611DN
    ManufacturerLEIDITECH
    Size1Mb
    Pages4 pages
    Description1-Line Uni-directional TVS Diode