Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.AOW296
MfrISC
Size328 Kbytes
Pages2 pages
Descriptionisc N-Channel MOSFET Transistor
Datasheet SummaryAI
# isc N-Channel MOSFET Transistor AOW296

## Features
· Drain Current: I D = 70A @ T C = 25℃
· Drain-Source Voltage: V DSS = 100V (Min)
· Gate-Source Voltage: ±20V
· Static Drain-Source On-Resistance: R DS(on) = 9.7mΩ (Max)
· 100% avalanche tested
· Minimum lot-to-lot variations
· Suitable for synchronous rectification

## Absolute Maximum Ratings (Ta=25℃)
SYMBOL PARAMETER VALUE UNIT
VDSS Drain-Source Voltage 100 V
VGS Gate-Source Voltage ±20 V
ID Drain Current-Continuous 70 A
IDM Drain Current-Single Pulsed 180 A
PD Total Dissipation @TC=25℃ 104 W
Tj Max. Operating Junction Temperature -55~150 ℃
Tstg Storage Temperature -55~150 ℃

## Thermal Characteristics
SYMBOL PARAMETER MAX UNIT
Rth(ch-c) Channel-to-case thermal resistance 1.2 ℃/W

## Electrical Characteristics (TC=25℃ unless otherwise specified)
SYMBOL PARAMETER CONDITIONS MIN MAX UNIT
BVDSS Drain-Source Breakdown Voltage VGS=0V; ID = 250μA 100 V
VGS(th) Gate Threshold Voltage VDS=VGS; ID = 250μA 2.3 3.4 V
RDS(on) Drain-Source On-Resistance VGS=10V; ID=20A<br>VGS=10V; ID=20A;TJ=125℃ 9.7<br>16.6 mΩ
IGSS Gate-Source Leakage Current VGS=±20V;VDS=0V ±100 nA
IDSS Drain-Source Leakage Current VDS=100V;VGS=0V<br>VDS=100V;VGS=0V;TJ=55℃ 1<br>5 μA
VSD Diode forward voltage Is=1A; VGS =0V 1 V

## Important Notices
· ISC reserves the right to make changes without notification.
· Products are intended for general electronic equipment.
· Not designed for specialized quality/reliability or hazardous environments.
· ISC makes no warranty or guarantee regarding product suitability.
· ISC disclaims liability for product application or use.
AOW296 Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about AOW296 Datasheet.
    Example questions: ➤ How does the drain-source on-resistance (rds(on)) change when the junction temperature increases from 25°c to 125°c?➤ What is the maximum continuous drain current this mosfet can handle at a case temperature of 25°c?➤ What is the maximum allowable operating junction temperature for this n-channel mosfet?
  • Datasheet Details
    Part No.AOW296
    ManufacturerISC
    Size328 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor
    Datasheet Summary AI Expand summary
    # isc N-Channel MOSFET Transistor AOW296

    ## Features
    · Drain Current: I D = 70A @ T C = 25℃
    · Drain-Source Voltage: V DSS = 100V (Min)
    · Gate-Source Voltage: ±20V
    · Static Drain-Source On-Resistance: R DS(on) = 9.7mΩ (Max)
    · 100% avalanche tested
    · Minimum lot-to-lot variations
    · Suitable for synchronous rectification

    ## Absolute Maximum Ratings (Ta=25℃)
    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 100 V
    VGS Gate-Source Voltage ±20 V
    ID Drain Current-Continuous 70 A
    IDM Drain Current-Single Pulsed 180 A
    PD Total Dissipation @TC=25℃ 104 W
    Tj Max. Operating Junction Temperature -55~150 ℃
    Tstg Storage Temperature -55~150 ℃

    ## Thermal Characteristics
    SYMBOL PARAMETER MAX UNIT
    Rth(ch-c) Channel-to-case thermal resistance 1.2 ℃/W

    ## Electrical Characteristics (TC=25℃ unless otherwise specified)
    SYMBOL PARAMETER CONDITIONS MIN MAX UNIT
    BVDSS Drain-Source Breakdown Voltage VGS=0V; ID = 250μA 100 V
    VGS(th) Gate Threshold Voltage VDS=VGS; ID = 250μA 2.3 3.4 V
    RDS(on) Drain-Source On-Resistance VGS=10V; ID=20A<br>VGS=10V; ID=20A;TJ=125℃ 9.7<br>16.6 mΩ
    IGSS Gate-Source Leakage Current VGS=±20V;VDS=0V ±100 nA
    IDSS Drain-Source Leakage Current VDS=100V;VGS=0V<br>VDS=100V;VGS=0V;TJ=55℃ 1<br>5 μA
    VSD Diode forward voltage Is=1A; VGS =0V 1 V

    ## Important Notices
    · ISC reserves the right to make changes without notification.
    · Products are intended for general electronic equipment.
    · Not designed for specialized quality/reliability or hazardous environments.
    · ISC makes no warranty or guarantee regarding product suitability.
    · ISC disclaims liability for product application or use.