| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about S4A Datasheet
# Example questions:
➢ What is the maximum allowable operating junction temperature (tj) for these diodes?
➢ What test conditions are used to determine the reverse recovery time (trr) as stated in the notes section of the datasheet?
➢ What is the typical junction capacitance (cj) of the s4a through s4m diodes, as specified in the datasheet?
# S4A THRU S4M Surface Mount Rectifiers
## Features
️· For surface mounted applications
️· Glass passivated junction chip
️· Low forward voltage drop
️· High current capability
️· Easy pick and place
️· High surge current capability
️· UL94V-O plastic material
️· High-temperature soldering: 260°C / 10 seconds
## Mechanical Data
️· Case: Molded plastic
️· Terminals: Solder plated
️· Polarity: Indicated by cathode band
️· Packaging: 16mm tape per EIA STD RS-481
️· Weight: 0.21 gram
## Electrical Characteristics (Values vary by Type Number)
️· Voltage Range: 50 to 1000V
️· Current: 4.0A
️· VRRM (Max Recurrent Peak Reverse Voltage): 50-1000V
️· VRMS (Maximum RMS Voltage): 35-700V
️· VDC (Maximum DC Blocking Voltage): 50-1000V
️· I(AV) (Average Forward Rectified Current): 4.0A
️· IFSM (Peak Forward Surge Current): 100A
️· VF (Instantaneous Forward Voltage @ 4.0A): 1.15V
️· IR (Max DC Reverse Current): 10.0µA to 250µA
️· RθJL (Typical Thermal Resistance): 13°C/W
️· RθJA (Typical Thermal Resistance): 47°C/W
️· Trr (Max Reverse Recovery Time): 2.5µs
️· Cj (Typical Junction Capacitance): 60pF
## Operating & Storage Temperatures
️· Operating Temperature Range (TJ): -55 to +150°C
️· Storage Temperature Range (TSTG): -55 to +150°C
## Dimensions
️· Refer to datasheet for detailed dimensions in inches and millimeters. (SMC/DO-214AB package)
## Figures
️· Datasheet contains charts illustrating forward current derating, typical forward characteristics, maximum non-repetitive forward surge current, typical reverse characteristics, and typical junction capacitance.
# S4A THRU S4M Surface Mount Rectifiers
## Features
️· For surface mounted applications
️· Glass passivated junction chip
️· Low forward voltage drop
️· High current capability
️· Easy pick and place
️· High surge current capability
️· UL94V-O plastic material
️· High-temperature soldering: 260°C / 10 seconds
## Mechanical Data
️· Case: Molded plastic
️· Terminals: Solder plated
️· Polarity: Indicated by cathode band
️· Packaging: 16mm tape per EIA STD RS-481
️· Weight: 0.21 gram
## Electrical Characteristics (Values vary by Type Number)
️· Voltage Range: 50 to 1000V
️· Current: 4.0A
️· VRRM (Max Recurrent Peak Reverse Voltage): 50-1000V
️· VRMS (Maximum RMS Voltage): 35-700V
️· VDC (Maximum DC Blocking Voltage): 50-1000V
️· I(AV) (Average Forward Rectified Current): 4.0A
️· IFSM (Peak Forward Surge Current): 100A
️· VF (Instantaneous Forward Voltage @ 4.0A): 1.15V
️· IR (Max DC Reverse Current): 10.0µA to 250µA
️· RθJL (Typical Thermal Resistance): 13°C/W
️· RθJA (Typical Thermal Resistance): 47°C/W
️· Trr (Max Reverse Recovery Time): 2.5µs
️· Cj (Typical Junction Capacitance): 60pF
## Operating & Storage Temperatures
️· Operating Temperature Range (TJ): -55 to +150°C
️· Storage Temperature Range (TSTG): -55 to +150°C
## Dimensions
️· Refer to datasheet for detailed dimensions in inches and millimeters. (SMC/DO-214AB package)
## Figures
️· Datasheet contains charts illustrating forward current derating, typical forward characteristics, maximum non-repetitive forward surge current, typical reverse characteristics, and typical junction capacitance.
| Part No. | S4A |
| Manufacturer | TSC |
| Size | 49 Kbytes |
| Pages | 2 pages |
| Description | 4.0 AMPS. Surface Mount Rectifiers |