Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP20DD Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TP20DD_V01 Datasheet

  • # Example questions: ➢ What is the tolerance for the dimensions of the dip package?
    ➢ What is the typical output voltage accuracy range for the tp20dd series dc-dc converters, as specified in the document?
    ➢ What are the minimum and maximum storage temperatures specified for the tp20dd series?

  • Part No.TP20DD_V01
    ManufacturerTOPPOWER
    Size811 Kbytes
    Pages4 pages
    Description20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
    Datasheet Summary with AI

    # TP20DD Series DC/DC Converters

    ## Overview
    20W, 1.5KVDC isolated, wide input voltage DC/DC converters with dimensions 50.8mm x 40.6mm x 11.2mm. Accuracy up to ±1%. Applications include telecommunications, railway transportation, and instrumentation.

    ## Features
    ️· 20W Output Power
    ️· 2:1 & 4:1 Wide Input Voltage Range
    ️· Input Under Voltage Protection
    ️· Standard & Metal Package
    ️· Operating Temperature: -40°C to +85°C
    ️· Fixed Switching Frequency
    ️· Long-Term Short-Circuit Protection
    ️· High Capacitive Load Capability
    ️· RoHS Compliance
    ️· 1.5KVDC Isolation

    ## Selection Guide
    Numerous models available with varying input voltages (9V-72V), output voltages (3.3V-24V), and single/dual outputs. Available in 2:1 and 4:1 wide input ranges. Detailed tables listing part numbers, input/output voltages, current ratings, and efficiency are provided.

    ## Electrical Characteristics
    ️· Isolation Voltage: 500-1500 VDC
    ️· Insulation Resistance: 100M Ohms
    ️· MTBF: 5 x 10^5 hrs
    ️· Input Voltage Range: Varies by model (9V-72V)
    ️· Output Voltage Accuracy: ±1%
    ️· Ripple & Noise: ±1%
    ️· Switching Frequency: 300 KHz

    ## Environmental Characteristics
    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: -55°C to +125°C
    ️· Humidity: Non-condensing, 5-95%

    ## Mechanical Information
    ️· Dimensions: 50.8mm x 40.6mm x 11.2mm
    ️· Package: DIP Package
    ️· Pinout: Provided for single and dual output configurations.

    ## Recommendations
    ️· Use 47uF-100uF electrolytic capacitors for input filtering.
    ️· Add output capacitors (100uF/A) for digital circuits.
    ️· Ensure case temperature does not exceed maximum rating.

    # TP20DD Series DC/DC Converters

    ## Overview
    20W, 1.5KVDC isolated, wide input voltage DC/DC converters with dimensions 50.8mm x 40.6mm x 11.2mm. Accuracy up to ±1%. Applications include telecommunications, railway transportation, and instrumentation.

    ## Features
    ️· 20W Output Power
    ️· 2:1 & 4:1 Wide Input Voltage Range
    ️· Input Under Voltage Protection
    ️· Standard & Metal Package
    ️· Operating Temperature: -40°C to +85°C
    ️· Fixed Switching Frequency
    ️· Long-Term Short-Circuit Protection
    ️· High Capacitive Load Capability
    ️· RoHS Compliance
    ️· 1.5KVDC Isolation

    ## Selection Guide
    Numerous models available with varying input voltages (9V-72V), output voltages (3.3V-24V), and single/dual outputs. Available in 2:1 and 4:1 wide input ranges. Detailed tables listing part numbers, input/output voltages, current ratings, and efficiency are provided.

    ## Electrical Characteristics
    ️· Isolation Voltage: 500-1500 VDC
    ️· Insulation Resistance: 100M Ohms
    ️· MTBF: 5 x 10^5 hrs
    ️· Input Voltage Range: Varies by model (9V-72V)
    ️· Output Voltage Accuracy: ±1%
    ️· Ripple & Noise: ±1%
    ️· Switching Frequency: 300 KHz

    ## Environmental Characteristics
    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: -55°C to +125°C
    ️· Humidity: Non-condensing, 5-95%

    ## Mechanical Information
    ️· Dimensions: 50.8mm x 40.6mm x 11.2mm
    ️· Package: DIP Package
    ️· Pinout: Provided for single and dual output configurations.

    ## Recommendations
    ️· Use 47uF-100uF electrolytic capacitors for input filtering.
    ️· Add output capacitors (100uF/A) for digital circuits.
    ️· Ensure case temperature does not exceed maximum rating.

    Part No.TP20DD_V01
    ManufacturerTOPPOWER
    Size811 Kbytes
    Pages4 pages
    Description20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters