| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AM93LC86 Datasheet
# Example questions:
➢ Describe the role of the org pin in determining memory organization (x8 vs. x16), and what happens if this pin is left unconnected?
➢ What is the function of the wp (write protect) pin, and how does it affect programming the device?
➢ What are the primary differences between the pdip-8l and sop-8l package types?
1. Overview
️· What it is: The AM93LC86 is a serial EEPROM (Electrically Erasable Programmable Memory). EEPROMs allow data to be electrically erased and reprogrammed, making them useful for storing configuration data, firmware, or other persistent information. The “Serial” designation means data is accessed bit-by-bit using a serial communication protocol.
️· Memory Size: The document doesn't explicitly state the size, but it implies 16K bits (16384 bits).
️· Key Features:
- Serial Interface: Simple connection, requires fewer pins.
- EEPROM: Non-volatile memory – retains data even when power is removed.
- Write Protection: Allows for disabling of writing to the memory.
- Organization Selection: The ORG pin selects between X8 and X16 memory organization.
2. Pinout and Functions
| Pin | Function | Description |
|---|---|---|
| 1 | DI (Data Input) | Serial data input; also used for opcode, address, and data during programming. |
| 2 | DO (Data Output) | Serial data output during read operations. |
| 3 | WP (Write Protect) | Enables or disables write operations. Floated or tied to VCC allows writing; tied to GND inhibits writing. |
| 4 | ORG (Organization) | Selects memory organization: VCC = X16, GND = X8. |
| 5 | VSS | Ground. |
| 6 | VCC | Power Supply. |
| 7 | NC (No Connect) | Not Connected |
1. Overview
️· What it is: The AM93LC86 is a serial EEPROM (Electrically Erasable Programmable Memory). EEPROMs allow data to be electrically erased and reprogrammed, making them useful for storing configuration data, firmware, or other persistent information. The “Serial” designation means data is accessed bit-by-bit using a serial communication protocol.
️· Memory Size: The document doesn't explicitly state the size, but it implies 16K bits (16384 bits).
️· Key Features:
- Serial Interface: Simple connection, requires fewer pins.
- EEPROM: Non-volatile memory – retains data even when power is removed.
- Write Protection: Allows for disabling of writing to the memory.
- Organization Selection: The ORG pin selects between X8 and X16 memory organization.
2. Pinout and Functions
| Pin | Function | Description |
|---|---|---|
| 1 | DI (Data Input) | Serial data input; also used for opcode, address, and data during programming. |
| 2 | DO (Data Output) | Serial data output during read operations. |
| 3 | WP (Write Protect) | Enables or disables write operations. Floated or tied to VCC allows writing; tied to GND inhibits writing. |
| 4 | ORG (Organization) | Selects memory organization: VCC = X16, GND = X8. |
| 5 | VSS | Ground. |
| 6 | VCC | Power Supply. |
| 7 | NC (No Connect) | Not Connected |
| Part No. | AM93LC86 |
| Manufacturer | ANACHIP |
| Size | 215 Kbytes |
| Pages | 12 pages |
| Description | 16384-bits Serial Electrically Erasable PROM |