Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ABSP25 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ABSP25 Datasheet

  • # Example questions: ➢ Under what esd test conditions is the peak voltage measured?
    ➢ What is the maximum storage temperature for this surge protector array?
    ➢ What capacitance value should be expected between any i/o pin and ground?

  • Part No.ABSP25
    ManufacturerABRACON
    Size1Mb
    Pages3 pages
    Description2.5 x 1.0mm SMD SURGE PROTECTOR ARRAY
    Datasheet Summary with AI

    # ABSP25 2.5 x 1.0 x 0.58mm SMD Surge Protector Array

    ## Features & Specifications

    · Description: Ultra miniature ceramic SMD surge protector array.
    · Dimensions: 2.5 x 1.0 x 0.58mm, 2.5 x 1.0mm SMD
    · Compliance: Pb [RoHS] Compliant
    · Package: 4 surge protectors
    · Protection: Outstanding ESD protection
    · Directionality: Bi-directional
    · Capacitance: 0.2pF (typ), 0.3pF (max) between I/O pins; 0.3pF (typ), 0.4pF (max) between any I/O pin and ground
    · Leakage Current: 1µA max.
    · Peak Voltage: 250 (typ) / 500 (max)
    · Clamping Voltage: 30V (typ), 100V (max) DC 12V
    · Rated Voltage: DC 12V

    ## Applications

    · High speed data ports
    · USB 2.0, 3.0
    · IEEE 1394
    · HDMI
    · DVI
    · High speed ethernet

    ## Operating Conditions

    · Operating Temperature: -55°C to +125°C
    · Storage Temperature: -40°C to +85°C

    ## Testing Conditions

    · Capacitance: Frequency: 1MHz ±10%, Voltage: 1Vrms ±0.2Vrms, Temperature: 25°C ±2°C
    · Leakage Current: Voltage: 6Vdc, Temperature: 25°C ±2°C
    · Peak Voltage: IEC61000-4-2, 8kV contact discharge
    · Clamping Voltage: IEC61000-4-2, 8kV contact discharge, measured at 30ns after initiation of pulse.

    ## Important Notes

    · Intended for general commercial and industrial use.
    · Written consent & authorization from Abracon is required for applications requiring high reliability or presenting extreme operating environments.

    # ABSP25 2.5 x 1.0 x 0.58mm SMD Surge Protector Array

    ## Features & Specifications

    · Description: Ultra miniature ceramic SMD surge protector array.
    · Dimensions: 2.5 x 1.0 x 0.58mm, 2.5 x 1.0mm SMD
    · Compliance: Pb [RoHS] Compliant
    · Package: 4 surge protectors
    · Protection: Outstanding ESD protection
    · Directionality: Bi-directional
    · Capacitance: 0.2pF (typ), 0.3pF (max) between I/O pins; 0.3pF (typ), 0.4pF (max) between any I/O pin and ground
    · Leakage Current: 1µA max.
    · Peak Voltage: 250 (typ) / 500 (max)
    · Clamping Voltage: 30V (typ), 100V (max) DC 12V
    · Rated Voltage: DC 12V

    ## Applications

    · High speed data ports
    · USB 2.0, 3.0
    · IEEE 1394
    · HDMI
    · DVI
    · High speed ethernet

    ## Operating Conditions

    · Operating Temperature: -55°C to +125°C
    · Storage Temperature: -40°C to +85°C

    ## Testing Conditions

    · Capacitance: Frequency: 1MHz ±10%, Voltage: 1Vrms ±0.2Vrms, Temperature: 25°C ±2°C
    · Leakage Current: Voltage: 6Vdc, Temperature: 25°C ±2°C
    · Peak Voltage: IEC61000-4-2, 8kV contact discharge
    · Clamping Voltage: IEC61000-4-2, 8kV contact discharge, measured at 30ns after initiation of pulse.

    ## Important Notes

    · Intended for general commercial and industrial use.
    · Written consent & authorization from Abracon is required for applications requiring high reliability or presenting extreme operating environments.

    Part No.ABSP25
    ManufacturerABRACON
    Size1Mb
    Pages3 pages
    Description2.5 x 1.0mm SMD SURGE PROTECTOR ARRAY