| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about US3AC Datasheet
# Example questions:
➢ What is the maximum repetitive peak reverse voltage for the us3bc rectifier?
➢ What are the minimum and maximum dimensions for 'a' in millimeters, according to the package outline?
➢ How does the document specify the current should be derated for capacitive loads?
# US3AC THRU US3MC - Surface Mount Ultrafast Recovery Rectifier
## Features
· Lead-free (compliant with EU RoHS 2011/65/EU)
· Surface mount applications
· Low profile package
· Glass passivated chip junction
· Easy to pick and place
· High efficiency
## Mechanical Data
· Case: SMC
· Terminals: Solderable per MIL-STD-750, Method 20
· Weight: 0.22g / 0.0077oz
## Pinning
· Pin 1: Cathode
· Pin 2: Anode
## Absolute Maximum Ratings and Characteristics
· Single phase, half wave, 60 Hz, resistive or inductive load. (Derate current by 20% for capacitive load.)
| Parameter | Symbols | US3AC | US3BC | US3DC | US3GC | US3JC | US3KC | US3MC | Units | |
|---|---|---|---|---|---|---|---|---|---|---|
| Maximum Repetitive Peak Reverse Voltage | VRRM | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V | |
| Maximum RMS voltage | VRMS | 35 | 70 | 140 | 280 | 420 | 560 | 700 | V | |
| Maximum DC Blocking Voltage | VDC | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V | |
| Maximum Average Forward Rectified Current (at Tc=125 °C) | IF(AV) | 3 | 3 | 3 | 3 | 3 | 3 | 3 | A | |
| Peak Forward Surge Current (8.3ms, Half Sine Wave) | IFSM | 90 | 90 | 90 | 90 | 90 | 90 | 90 | A | |
| Maximum Instantaneous Forward Voltage (at 1A) | VF | 1.0 | 1.0 | 1.0 | 1.3 | 1.65 | 1.65 | 1.65 | V | |
| Maximum DC Reverse Current (Ta=25 °C/Ta=125 °C) | IR | 5/100 | 5/100 | 5/100 | 5/100 | 5/100 | 5/100 | 5/100 | μA | |
| Maximum Reverse Recovery Time | trr | 50 | 50 | 50 | 50 | 75 | 75 | 75 | ns | |
| Typical Thermal Resistance | RθJA/RθJC | 45/15 | 45/15 | 45/15 | 45/15 | 45/15 | 45/15 | 45/15 | ℃/W | |
| Operating/Storage Temperature Range | Tj, Tstg | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | ℃ |
| UNIT | A (max) | C | D | E | E1 | A1 | L | b |
|---|---|---|---|---|---|---|---|---|
| mm | 2.62 | 0.31 | 6.2 | 7.0 | 8.0 | 0.21 | 1.6 | 3.25 |
| mm | 2.00 | 0.15 | 5.6 | 6.5 | 7.6 | 0.05 | 0.9 | 2.75 |
| mil | 103 | 12 | 244 | 276 | 315 | 8.3 | 63 | 128 |
| mil | 79 | 5.9 | 220 | 256 | 299 | 2.0 | 35 | 108 |
# US3AC THRU US3MC - Surface Mount Ultrafast Recovery Rectifier
## Features
· Lead-free (compliant with EU RoHS 2011/65/EU)
· Surface mount applications
· Low profile package
· Glass passivated chip junction
· Easy to pick and place
· High efficiency
## Mechanical Data
· Case: SMC
· Terminals: Solderable per MIL-STD-750, Method 20
· Weight: 0.22g / 0.0077oz
## Pinning
· Pin 1: Cathode
· Pin 2: Anode
## Absolute Maximum Ratings and Characteristics
· Single phase, half wave, 60 Hz, resistive or inductive load. (Derate current by 20% for capacitive load.)
| Parameter | Symbols | US3AC | US3BC | US3DC | US3GC | US3JC | US3KC | US3MC | Units | |
|---|---|---|---|---|---|---|---|---|---|---|
| Maximum Repetitive Peak Reverse Voltage | VRRM | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V | |
| Maximum RMS voltage | VRMS | 35 | 70 | 140 | 280 | 420 | 560 | 700 | V | |
| Maximum DC Blocking Voltage | VDC | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V | |
| Maximum Average Forward Rectified Current (at Tc=125 °C) | IF(AV) | 3 | 3 | 3 | 3 | 3 | 3 | 3 | A | |
| Peak Forward Surge Current (8.3ms, Half Sine Wave) | IFSM | 90 | 90 | 90 | 90 | 90 | 90 | 90 | A | |
| Maximum Instantaneous Forward Voltage (at 1A) | VF | 1.0 | 1.0 | 1.0 | 1.3 | 1.65 | 1.65 | 1.65 | V | |
| Maximum DC Reverse Current (Ta=25 °C/Ta=125 °C) | IR | 5/100 | 5/100 | 5/100 | 5/100 | 5/100 | 5/100 | 5/100 | μA | |
| Maximum Reverse Recovery Time | trr | 50 | 50 | 50 | 50 | 75 | 75 | 75 | ns | |
| Typical Thermal Resistance | RθJA/RθJC | 45/15 | 45/15 | 45/15 | 45/15 | 45/15 | 45/15 | 45/15 | ℃/W | |
| Operating/Storage Temperature Range | Tj, Tstg | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | ℃ |
| UNIT | A (max) | C | D | E | E1 | A1 | L | b |
|---|---|---|---|---|---|---|---|---|
| mm | 2.62 | 0.31 | 6.2 | 7.0 | 8.0 | 0.21 | 1.6 | 3.25 |
| mm | 2.00 | 0.15 | 5.6 | 6.5 | 7.6 | 0.05 | 0.9 | 2.75 |
| mil | 103 | 12 | 244 | 276 | 315 | 8.3 | 63 | 128 |
| mil | 79 | 5.9 | 220 | 256 | 299 | 2.0 | 35 | 108 |
| Part No. | US3AC |
| Manufacturer | YINT |
| Size | 470 Kbytes |
| Pages | 3 pages |
| Description | SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER |