Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPL12A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about GPL12A Datasheet

  • # Example questions: ➢ What are the four operational modes of the gpl12a and briefly describe the power consumption characteristics of each?
    ➢ The rfc (resistor to frequency converter) circuit is mentioned. what is its purpose, and what type of sensors is it designed to work with?
    ➢ What is the function of the 'hckopt' mask option, and what are the two possible settings?

  • Part No.GPL12A
    ManufacturerGENERALPLUS
    Size188 Kbytes
    Pages19 pages
    Description8K Bytes Micro-controller with LCD Driver
    Datasheet Summary with AI

    1. Device Overview: GPL12A Microcontroller

    ️· Type: It's a microcontroller designed for LCD applications and a variety of functions including IR output, audio output and Resistance to Frequency conversion (RFC).
    ️· Core Features:
    - LCD controller/driver (360-dot)
    - Watchdog Timer (WDT)
    - RFC Function (for temperature/humidity sensing)
    - IR Output Control
    - Audio Output
    - Multiple Wakeup/Interrupt sources

    2. Key Technical Specifications

    ️· Operating Voltage: 1.9V to 5.5V (with limitations on CPU speed based on voltage).
    ️· Temperature Range: 0°C to +60°C (operating), -50°C to +150°C (storage).
    ️· Current Consumption: Ranges from a few microamps in standby mode to several milliamps during active operation.
    ️· Input/Output Voltages: Defined input high/low voltage levels.
    ️· Output Current: Defined output current limits for the I/O pins.
    ️· Pull-up/Pull-down Resistors: Internal pull-up and pull-down resistors are present on I/O pins.

    3. Operating Modes

    ️· Operating Mode: All functions active, highest power consumption.
    ️· Wait Mode: CPU halted, other peripherals still running, lower power.
    ️· Halt Mode: CPU and PLL/ROSC halted, 32768Hz functions can remain active.
    ️· Standby Mode: All functions powered off, lowest power consumption.

    4. LCD Controller/Driver

    ️· Supports 360 dots
    ️· Configurable duty cycle (1/3 to 1/12) and bias (1/2 to 1/4).
    ️· Frame rate adjustable between 40Hz and 100Hz.

    5. RFC Function

    ️· Uses a resistor-to-frequency converter circuit for resistance measurement.

    6. IR Output

    ️· Utilizes PLL and a 37.9 kHz output signal for IR transmission.

    7. Mask Options (Configuration)

    ️· HCKOPT: Selects between ROSC and PLL clock sources.
    ️· LCKOPT: Selects between 32768Hz oscillator and crystal.
    ️· LVROFF: Enables or disables Low Voltage Reset.
    ️· LVRLVL: Sets the Low Voltage Reset level.

    8. Default Pin States

    ️· Most I/O pins (IOA, INB) are configured as inputs with pull-down resistors.
    ️· LCD functions (Common and Segment) are initialized to low states.

    In essence, the document describes a versatile microcontroller suitable for LCD-based systems with a range of power management and peripheral capabilities. It provides the key electrical and operational characteristics needed for implementing and troubleshooting designs using the GPL12A.

    1. Device Overview: GPL12A Microcontroller

    ️· Type: It's a microcontroller designed for LCD applications and a variety of functions including IR output, audio output and Resistance to Frequency conversion (RFC).
    ️· Core Features:
    - LCD controller/driver (360-dot)
    - Watchdog Timer (WDT)
    - RFC Function (for temperature/humidity sensing)
    - IR Output Control
    - Audio Output
    - Multiple Wakeup/Interrupt sources

    2. Key Technical Specifications

    ️· Operating Voltage: 1.9V to 5.5V (with limitations on CPU speed based on voltage).
    ️· Temperature Range: 0°C to +60°C (operating), -50°C to +150°C (storage).
    ️· Current Consumption: Ranges from a few microamps in standby mode to several milliamps during active operation.
    ️· Input/Output Voltages: Defined input high/low voltage levels.
    ️· Output Current: Defined output current limits for the I/O pins.
    ️· Pull-up/Pull-down Resistors: Internal pull-up and pull-down resistors are present on I/O pins.

    3. Operating Modes

    ️· Operating Mode: All functions active, highest power consumption.
    ️· Wait Mode: CPU halted, other peripherals still running, lower power.
    ️· Halt Mode: CPU and PLL/ROSC halted, 32768Hz functions can remain active.
    ️· Standby Mode: All functions powered off, lowest power consumption.

    4. LCD Controller/Driver

    ️· Supports 360 dots
    ️· Configurable duty cycle (1/3 to 1/12) and bias (1/2 to 1/4).
    ️· Frame rate adjustable between 40Hz and 100Hz.

    5. RFC Function

    ️· Uses a resistor-to-frequency converter circuit for resistance measurement.

    6. IR Output

    ️· Utilizes PLL and a 37.9 kHz output signal for IR transmission.

    7. Mask Options (Configuration)

    ️· HCKOPT: Selects between ROSC and PLL clock sources.
    ️· LCKOPT: Selects between 32768Hz oscillator and crystal.
    ️· LVROFF: Enables or disables Low Voltage Reset.
    ️· LVRLVL: Sets the Low Voltage Reset level.

    8. Default Pin States

    ️· Most I/O pins (IOA, INB) are configured as inputs with pull-down resistors.
    ️· LCD functions (Common and Segment) are initialized to low states.

    In essence, the document describes a versatile microcontroller suitable for LCD-based systems with a range of power management and peripheral capabilities. It provides the key electrical and operational characteristics needed for implementing and troubleshooting designs using the GPL12A.

    Part No.GPL12A
    ManufacturerGENERALPLUS
    Size188 Kbytes
    Pages19 pages
    Description8K Bytes Micro-controller with LCD Driver