Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXI848 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about IXI848 Datasheet

  • # Example questions: ➢ What resistance value is recommended for a full-scale current of 0.01a?
    ➢ The datasheet mentions output impedance and the impact of external load (rload). what are the output impedances for gain settings of 10 and 50, respectively?
    ➢ What are the two selectable gain options for the ixi848?

  • Part No.IXI848
    ManufacturerIXYS
    Size235 Kbytes
    Pages5 pages
    DescriptionHigh-Side Current Monitor
    Datasheet Summary with AI

    Okay, I've analyzed the provided text related to the IXI848 current sense amplifier. Here's a summary of the key information, organized for clarity:

    1. Device Overview:

    ️· What it is: The IXI848 is a precision current sense amplifier.
    ️· Function: It measures current by sensing the voltage drop across a shunt resistor (RSENSE).
    ️· Input Voltage Range: 2.7V to 40V

    2. Key Features & Specifications:

    ️· Gain Options: Selectable gain of 10 or 50.
    ️· Output Impedance: 33kΩ for gain of 10, 165kΩ for gain of 50. This influences accuracy when driving loads.
    ️· Temperature Coefficient of Resistors: 700 ppm/°C (important for temperature-dependent accuracy).
    ️· Output Configuration: Current source driving a resistor, which allows it to act as a voltage source.

    3. RSENSE Selection & Current Measurement:

    ️· The choice of RSENSE is crucial for accurate current measurement. It should be selected so that the voltage drop across it (and therefore the output of the amplifier) is within a usable range.
    ️· A table is provided showing recommended RSENSE values for different full-scale current measurements (IL). For example, for IL=0.15A, RSENSE would be 1.0 Ohm.

    4. Output Loading Considerations:

    ️· The amplifier's output impedance will influence measurement accuracy if the output is loaded. A high-impedance load is preferred to minimize error.
    ️· Formulas are provided to calculate the percent error introduced by output loading.

    5. Additional Information (from the other pages):

    *The document seems to be missing significant portions, but some tables and data are present. I don't have enough information to create a comprehensive document summary.



    In essence, the IXI848 is a versatile current sense amplifier designed for precision measurements, but careful consideration of RSENSE selection and output loading is necessary for optimal performance.

    1. Device Overview:

    ️· What it is: The IXI848 is a precision current sense amplifier.
    ️· Function: It measures current by sensing the voltage drop across a shunt resistor (RSENSE).
    ️· Input Voltage Range: 2.7V to 40V

    2. Key Features & Specifications:

    ️· Gain Options: Selectable gain of 10 or 50.
    ️· Output Impedance: 33kΩ for gain of 10, 165kΩ for gain of 50. This influences accuracy when driving loads.
    ️· Temperature Coefficient of Resistors: 700 ppm/°C (important for temperature-dependent accuracy).
    ️· Output Configuration: Current source driving a resistor, which allows it to act as a voltage source.

    3. RSENSE Selection & Current Measurement:

    ️· The choice of RSENSE is crucial for accurate current measurement. It should be selected so that the voltage drop across it (and therefore the output of the amplifier) is within a usable range.
    ️· A table is provided showing recommended RSENSE values for different full-scale current measurements (IL). For example, for IL=0.15A, RSENSE would be 1.0 Ohm.

    4. Output Loading Considerations:

    ️· The amplifier's output impedance will influence measurement accuracy if the output is loaded. A high-impedance load is preferred to minimize error.
    ️· Formulas are provided to calculate the percent error introduced by output loading.

    5. Additional Information (from the other pages):

    *The document seems to be missing significant portions, but some tables and data are present. I don't have enough information to create a comprehensive document summary.



    In essence, the IXI848 is a versatile current sense amplifier designed for precision measurements, but careful consideration of RSENSE selection and output loading is necessary for optimal performance.

    Part No.IXI848
    ManufacturerIXYS
    Size235 Kbytes
    Pages5 pages
    DescriptionHigh-Side Current Monitor