| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2SA1080 Datasheet
# Example questions:
➢ What is the minimum collector-emitter breakdown voltage (v(br)ceo) for this transistor?
➢ What is the storage temperature range specified for the 2sa1080?
➢ How does the datasheet define the typical value for dc current gain (hfe)?
# 2SA1080 Silicon PNP Power Transistor
## Description
️· Collector-Emitter Breakdown Voltage: V(BR)CEo = -40V (Min.)
️· Good Linearity of hFE
️· Complement to Type 2SC2530
️· Designed for medium power amplifier applications.
## Absolute Maximum Ratings (Ta=25°C)
️· Collector-Base Voltage (VCBO): -40V
️· Collector-Emitter Voltage (VCEO): -40V
️· Emitter-Base Voltage (VEBO): -7V
️· Collector Current (Ic): -0.5A
️· Collector Power Dissipation (PC): 20W
️· Junction Temperature (Tj): 150°C
️· Storage Temperature Range (Tslg): -65-150°C
## Dimensions (in mm)
️· A: 15.50 - 15.90
️· B: 9.90 - 10.20
️· C: 4.20
️· D: 0.70
️· F: 3.40
️· G: 4.98
️· H: 2.68
️· J: 0.44
️· K: 13.00
️· L: 1.20
️· Q: 2.70
️· R: 2.30
️· S: 1.29
️· U: 6.45
️· V: 8.66
## Electrical Characteristics (Tc=25°C unless otherwise specified)
️· Collector-Emitter Breakdown Voltage (V(BR)CEO): -40V (Min.)
️· Collector-Base Breakdown Voltage (V(BR)CBO): -40V
️· Emitter-Base Breakdown Voltage (V(BR)EBO): -7V
️· Collector-Emitter Saturation Voltage (VcE(sat)): 100 - -0.5V
️· Base-Emitter Saturation Voltage (VBE(sat)): -1.0V
️· Collector Cutoff Current (ICBO): -100nA
️· Collector Cutoff Current (ICEO): -500nA
️· Emitter Cutoff Current (IEBO): -100nA
️· DC Current Gain (HFE): 65 (Typ), 350 (Min)
️· Output Capacitance (COB): -nA
️· Current-Gain – Bandwidth Product (fT): -MHz
# 2SA1080 Silicon PNP Power Transistor
## Description
️· Collector-Emitter Breakdown Voltage: V(BR)CEo = -40V (Min.)
️· Good Linearity of hFE
️· Complement to Type 2SC2530
️· Designed for medium power amplifier applications.
## Absolute Maximum Ratings (Ta=25°C)
️· Collector-Base Voltage (VCBO): -40V
️· Collector-Emitter Voltage (VCEO): -40V
️· Emitter-Base Voltage (VEBO): -7V
️· Collector Current (Ic): -0.5A
️· Collector Power Dissipation (PC): 20W
️· Junction Temperature (Tj): 150°C
️· Storage Temperature Range (Tslg): -65-150°C
## Dimensions (in mm)
️· A: 15.50 - 15.90
️· B: 9.90 - 10.20
️· C: 4.20
️· D: 0.70
️· F: 3.40
️· G: 4.98
️· H: 2.68
️· J: 0.44
️· K: 13.00
️· L: 1.20
️· Q: 2.70
️· R: 2.30
️· S: 1.29
️· U: 6.45
️· V: 8.66
## Electrical Characteristics (Tc=25°C unless otherwise specified)
️· Collector-Emitter Breakdown Voltage (V(BR)CEO): -40V (Min.)
️· Collector-Base Breakdown Voltage (V(BR)CBO): -40V
️· Emitter-Base Breakdown Voltage (V(BR)EBO): -7V
️· Collector-Emitter Saturation Voltage (VcE(sat)): 100 - -0.5V
️· Base-Emitter Saturation Voltage (VBE(sat)): -1.0V
️· Collector Cutoff Current (ICBO): -100nA
️· Collector Cutoff Current (ICEO): -500nA
️· Emitter Cutoff Current (IEBO): -100nA
️· DC Current Gain (HFE): 65 (Typ), 350 (Min)
️· Output Capacitance (COB): -nA
️· Current-Gain – Bandwidth Product (fT): -MHz
| Part No. | 2SA1080 |
| Manufacturer | NJSEMI |
| Size | 182 Kbytes |
| Pages | 2 pages |
| Description | Silicon PNP Power Transistor |