Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE1929 Fiches technique (PDF) - NTE Electronics

NTE1929 Datasheet PDF - NTE Electronics
No de pièce NTE1929
Télécharger  NTE1929 Télécharger

Taille du fichier   26.08 Kbytes
Page   2 Pages
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics
Description 3 Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A

NTE1929 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
NTE1929 Datasheet PDF - NTE Electronics

No de pièce NTE1929
Télécharger  NTE1929 Click to download

Taille du fichier   26.08 Kbytes
Page   2 Pages
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics
Description 3 Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A

NTE1929 Fiches technique (HTML) - NTE Electronics

NTE1929 Datasheet HTML 1Page - NTE Electronics NTE1929 Datasheet HTML 2Page - NTE Electronics

NTE1929 Détails du produit

Description:

The NTE1929 is an adjustable 3–terminal positive voltage regulator in a TO220 type package capable of supplying in excess of 3A over an output voltage range of 1.2V to 33V. This device employes internal current limiting, thermal shutdown, and safe area compensation making the it essentially blow–out proof.

The NTE1929 serves a wide variety of applications including local, on card regulation. This device

also makes an especially simple adjustable switching regulator, a programmable output regulator,

and can also be used as a precision current regulator.



Features:

 Guaranteed 3A Output Current

 Output Adjustable Between 1.2V and 33V

 Load Regulation Typically 0.1%

 Line Regulation Typically 0.005%/V

 Internal Thermal Overload Protection

 Internal Short–Circuit Current Limiting Constant with Temperature

 Floating Operation for High Voltage Applications

 Standard 3–Lead TO220 Type Transistor Package

 Eliminates Stocking many Fixed Voltages




Numéro de pièce similaire - NTE1929

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE192 NTE-NTE192 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Audio Power Output
NTE1920 NTE-NTE1920 Datasheet
25Kb / 2P
   3 Terminal Positive Voltage Regulator 18V, 1.5A
NTE1923 NTE-NTE1923 Datasheet
25Kb / 2P
   3 Terminal Negative Voltage Regulator -18V, 1.5A
NTE1924 NTE-NTE1924 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 24V, 1.5A
NTE1925 NTE-NTE1925 Datasheet
25Kb / 2P
   3 Terminal Negative Voltage Regulator -18V, 1.5A
More results


Description similaire - NTE1929

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE970 NTE-NTE970 Datasheet
25Kb / 2P
   Linear Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
LM350 FAIRCHILD-LM350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
LM350 FAIRCHILD-LM350_09 Datasheet
172Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
NTE Electronics
NTE935 NTE-NTE935 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 32V, 5A
logo
Fairchild Semiconductor
MC78TXX FAIRCHILD-MC78TXX Datasheet
44Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T15TU FAIRCHILD-KA78T15TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T12TU FAIRCHILD-KA78T12TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78TXX FAIRCHILD-KA78TXX Datasheet
42Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T05TU FAIRCHILD-KA78T05TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com