Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVAL-AD7879EBZ Fiches technique (PDF) - Analog Devices

EVAL-AD7879EBZ Datasheet PDF - Analog Devices
No de pièce EVAL-AD7879EBZ
Télécharger  EVAL-AD7879EBZ Télécharger

Taille du fichier   779.27 Kbytes
Page   40 Pages
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage Controller for Touch Screens

EVAL-AD7879EBZ Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
EVAL-AD7879EBZ Datasheet PDF - Analog Devices

No de pièce EVAL-AD7879EBZ
Télécharger  EVAL-AD7879EBZ Click to download

Taille du fichier   779.27 Kbytes
Page   40 Pages
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage Controller for Touch Screens

EVAL-AD7879EBZ Fiches technique (HTML) - Analog Devices

Back Button EVAL-AD7879EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD7879EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD7879EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD7879EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD7879EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD7879EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7879EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7879EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7879EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD7879EBZ Datasheet HTML 10Page - Analog Devices Next Button 

EVAL-AD7879EBZ Détails du produit

GENERAL DESCRIPTION
The AD7879/AD7889 are 12-bit successive approximation analog-to-digital converters (SAR ADCs) with a synchronous serial interface and low on-resistance switches for driving 4-wire resistive touch screens. The AD7879/AD7889 work with a very low power supply—a single 1.6 V to 3.6 V supply—and feature a throughput rate of 105 kSPS. The devices include a shutdown mode that reduces current consumption to less than 6 μA.

FEATURES
    4-wire touch screen interface
    1.6 V to 3.6 V operation
    Median and averaging filter to reduce noise
    Automatic conversion sequencer and timer
    User-programmable conversion parameters
    Auxiliary analog input/battery monitor (0.5 V to 5 V)
    1 optional GPIO
    Interrupt outputs (INT, PENIRQ)
    Touch-pressure measurement
    Wake-up on touch function
    Shutdown mode: 6 μA maximum
    12-ball, 1.6 mm × 2 mm WLCSP
    16-lead, 4 mm × 4 mm LFCSP

APPLICATIONS
    Personal digital assistants
    Smart handheld devices
    Touch screen monitors
    Point-of-sale terminals
    Medical devices
    Cell phones




Numéro de pièce similaire - EVAL-AD7879EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
EVAL-AD7879EBZ AD-EVAL-AD7879EBZ Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
EVAL-AD7879EBZ AD-EVAL-AD7879EBZ Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
More results


Description similaire - EVAL-AD7879EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7879 AD-AD7879 Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
AD7879 AD-AD7879_17 Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
logo
3M Electronics
69-502 3M-69-502 Datasheet
131Kb / 2P
   MicroTouch™ TouchPen System for ClearTek™ II Touch Screens
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4187 AKM-AK4187 Datasheet
448Kb / 36P
   Touch Screen Controller for Dual Touch Gestures
logo
List of Unclassifed Man...
FTAS00-150A5 ETC2-FTAS00-150A5 Datasheet
470Kb / 6P
   Resistive Touch Screens 5-Wire, 4-Wire & Digital Solutions
More results




À propos de Analog Devices


Analog Devices, Inc. (ADI) est une entreprise cotée en bourse qui conçoit, développe et fabrique des circuits intégrés analogiques, de signal mixte et de signal numérique (DSP) (ICS).
L'entreprise a été fondée en 1965 et a son siège à Norwood, Massachusetts.
L'ADI dessert un large éventail d'industries, notamment l'aérospatiale et la défense, l'automobile, les communications, les consommateurs, l'industrie, le médical et le test et la mesure.
Le portefeuille de produits de l'entreprise comprend des convertisseurs de données, des amplificateurs et des comparateurs, des circuits intégrés de gestion de l'alimentation, des microcontrôleurs, des capteurs et des composants radiofréquences (RF) et des micro-ondes, entre autres.
ADI se consacre à l'innovation et à la satisfaction des clients et s'engage à fournir à ses clients des solutions fiables de haute qualité pour répondre à leurs besoins.
En mettant l'accent sur l'efficacité énergétique et la durabilité, ADI est un leader de l'industrie des circuits intégrés analogiques et mixtes, stimulant les progrès technologiques et fournissant des solutions innovantes aux problèmes les plus difficiles du monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com