Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T491C685K035AT Fiches technique (PDF) - Kemet Corporation

T491C685K035AT Datasheet PDF - Kemet Corporation
No de pièce T491C685K035AT
Télécharger  T491C685K035AT Télécharger

Taille du fichier   81.47 Kbytes
Page   1 Pages
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Tantalum, MnO2 Tantalum, T491, 6.8 uF, 10%, 35 V, 6032, SMD, MnO2, Molded, 1.8 Ohms, Height Max = 2.8mm

T491C685K035AT Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
T491C685K035AT Datasheet PDF - Kemet Corporation

No de pièce T491C685K035AT
Télécharger  T491C685K035AT Click to download

Taille du fichier   81.47 Kbytes
Page   1 Pages
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Tantalum, MnO2 Tantalum, T491, 6.8 uF, 10%, 35 V, 6032, SMD, MnO2, Molded, 1.8 Ohms, Height Max = 2.8mm

T491C685K035AT Fiches technique (HTML) - Kemet Corporation

T491C685K035AT Datasheet HTML 1Page - Kemet Corporation

T491C685K035AT Détails du produit

PRODUCT DESCRIPTION
KEMET’s family of solid tantalum chip capacitors is designed and manufactured with the demanding requirements of surface mount technology in mind.
These devices extend the advantages of solid tantalum technology to today’s surface mount circuit applications. Complementing multilayer ceramic chip convenience with capacitance ratings through 1500 µF, tantalum chip capacitors permit circuitdesigners to take full advantage of the benefits of surface mount technology.

SOLID TANTALUM CHIP CAPACITORS
T491 SERIES - Precision Molded Chip

FEATURES
• Meets or Exceeds EIA Standard 535BAAC
• Taped and Reeled per EIA 481-1
• Symmetrical, Compliant Terminations
• Optional Gold-plated Terminations
• Laser-marked Case
• 100% Surge current test on C, D, E, U, V, X sizes
• Halogen Free Epoxy
• Capacitance: 0.1 μF to 1000 μF
• Tolerance: ±10%, ±20%
• Voltage: 2.5-50 VDC
• Extended Range Values
• Low Profile Case Sizes
• RoHS Compliance & Lead Free Terminations
   (See www.kemet.com for transition information)
• Operating Temperature: -55˚C to +125˚C




Numéro de pièce similaire - T491C685K035AT

FabricantNo de pièceFiches techniqueDescription
logo
Cornell Dubilier Electr...
T491C685K016AS-F CDE-T491C685K016AS-F Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
T491C685K020AS-F CDE-T491C685K020AS-F Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
logo
Kemet Corporation
T491C685K020AT KEMET-T491C685K020AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 6.8 uF, 10%, 20 V, 6032, SMD, MnO2, Molded, 1.9 Ohms, Height Max = 2.8mm
logo
Cornell Dubilier Electr...
T491C685K025AS-F CDE-T491C685K025AS-F Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
logo
Kemet Corporation
T491C685K025AT KEMET-T491C685K025AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 6.8 uF, 10%, 25 V, 6032, SMD, MnO2, Molded, 1.9 Ohms, Height Max = 2.8mm
More results


Description similaire - T491C685K035AT

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
T491C685M035AT KEMET-T491C685M035AT Datasheet
74Kb / 1P
   T491, Tantalum, MnO2 Tantalum, 6.8 uF, 20%, 35 VDC, SMD, MnO2, Molded, 1.8 Ohms, 6032, Height Max = 2.8mm
T491C106K010AT KEMET-T491C106K010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 10 V, 6032, SMD, MnO2, Molded, 1.8 Ohms, Height Max = 2.8mm
T491C106K016AH KEMET-T491C106K016AH Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, 1.8 Ohms, Height Max = 2.8mm
T491C156K010AT KEMET-T491C156K010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 15 uF, 10%, 10 V, 6032, SMD, MnO2, Molded, 1.8 Ohms, Height Max = 2.8mm
T491C685K025AT KEMET-T491C685K025AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 6.8 uF, 10%, 25 V, 6032, SMD, MnO2, Molded, 1.9 Ohms, Height Max = 2.8mm
T491C106K016AT KEMET-T491C106K016AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, 1.8 Ohms, Height Max = 2.8mm
T491C106K016AT7280 KEMET-T491C106K016AT7280 Datasheet
81Kb / 1P
   T491, Tantalum, MnO2 Tantalum, 10 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, 1.8 Ohms, Height Max = 2.8mm
T491C685K020AT KEMET-T491C685K020AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 6.8 uF, 10%, 20 V, 6032, SMD, MnO2, Molded, 1.9 Ohms, Height Max = 2.8mm
T491C106K035AT KEMET-T491C106K035AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 35 V, 6032, SMD, MnO2, Molded, 1.6 Ohms, Height Max = 2.8mm
T491C335K035AT KEMET-T491C335K035AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 3.3 uF, 10%, 35 V, 6032, SMD, MnO2, Molded, 2 Ohms, Height Max = 2.8mm
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com