Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T491E476K035AT Fiches technique (PDF) - Kemet Corporation

T491E476K035AT Datasheet PDF - Kemet Corporation
No de pièce T491E476K035AT
Télécharger  T491E476K035AT Télécharger

Taille du fichier   81.11 Kbytes
Page   1 Pages
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Tantalum, MnO2 Tantalum, T491, 47 uF, 10%, 35 V, 7360, SMD, MnO2, Molded, Large Case, 500 mOhms, Height Max = 3.8mm

T491E476K035AT Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
T491E476K035AT Datasheet PDF - Kemet Corporation

No de pièce T491E476K035AT
Télécharger  T491E476K035AT Click to download

Taille du fichier   81.11 Kbytes
Page   1 Pages
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Tantalum, MnO2 Tantalum, T491, 47 uF, 10%, 35 V, 7360, SMD, MnO2, Molded, Large Case, 500 mOhms, Height Max = 3.8mm

T491E476K035AT Fiches technique (HTML) - Kemet Corporation

T491E476K035AT Datasheet HTML 1Page - Kemet Corporation

T491E476K035AT Détails du produit

PRODUCT DESCRIPTION
KEMET’s family of solid tantalum chip capacitors is designed and manufactured with the demanding requirements of surface mount technology in mind.
These devices extend the advantages of solid tantalum technology to today’s surface mount circuit applications. Complementing multilayer ceramic chip convenience with capacitance ratings through 1500 µF, tantalum chip capacitors permit circuitdesigners to take full advantage of the benefits of surface mount technology.

SOLID TANTALUM CHIP CAPACITORS
T491 SERIES - Precision Molded Chip

FEATURES
• Meets or Exceeds EIA Standard 535BAAC
• Taped and Reeled per EIA 481-1
• Symmetrical, Compliant Terminations
• Optional Gold-plated Terminations
• Laser-marked Case
• 100% Surge current test on C, D, E, U, V, X sizes
• Halogen Free Epoxy
• Capacitance: 0.1 μF to 1000 μF
• Tolerance: ±10%, ±20%
• Voltage: 2.5-50 VDC
• Extended Range Values
• Low Profile Case Sizes
• RoHS Compliance & Lead Free Terminations
   (See www.kemet.com for transition information)
• Operating Temperature: -55˚C to +125˚C




Numéro de pièce similaire - T491E476K035AT

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
T491E476M035AH KEMET-T491E476M035AH Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
More results


Description similaire - T491E476K035AT

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
T491E107K020AT KEMET-T491E107K020AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 100 uF, 10%, 20 V, 7360, SMD, MnO2, Molded, Large Case, 500 mOhms, Height Max = 3.8mm
T510E476K035ATE050 KEMET-T510E476K035ATE050 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 47 uF, 10%, 35 V, 7360, SMD, MnO2, Molded, Large Case, Multi-Anode, LowESR, 50 mOhms, Height Max = 3.8mm
T491X476K035AT KEMET-T491X476K035AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 47 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, 600 mOhms, Height Max = 4.3mm
T495E107K025ATE100 KEMET-T495E107K025ATE100 Datasheet
81Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 100 uF, 10%, 25 V, 7360, SMD, MnO2, Molded, Large Case, Low ESR, 100 mOhms, Height Max = 3.8mm
T495E157K020ATE080 KEMET-T495E157K020ATE080 Datasheet
79Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 150 uF, 10%, 20 VDC, SMD, MnO2, Molded, Large Case, Low ESR, 80 mOhms, 7360, Height Max = 3.8mm
T491D476K010AT KEMET-T491D476K010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 47 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491X227K010AT KEMET-T491X227K010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 220 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, 500 mOhms, Height Max = 4.3mm
T491D337K010AT KEMET-T491D337K010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 330 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, 500 mOhms, Height Max = 3.1mm
T491D227K010AT KEMET-T491D227K010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 220 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, 500 mOhms, Height Max = 3.1mm
T491X337K010AT KEMET-T491X337K010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 330 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, 500 mOhms, Height Max = 4.3mm
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com