Fabricant | No de pièce | Fiches technique | Description |
Renesas Technology Corp |
RX231
|
3Mb / 170P |
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
|
RX130
|
1Mb / 116P |
32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
|
RX23T
|
1Mb / 98P |
40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
|
RX113
|
1Mb / 131P |
32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
|
RX111
|
1Mb / 127P |
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
|
RX634
|
902Kb / 106P |
54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
|
R5F52108ADFP
|
782Kb / 92P |
50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
|
RX23E-A
|
1Mb / 98P |
32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
|
RX210
|
6Mb / 223P |
50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
|
RX230
|
3Mb / 170P |
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018 |