Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE1290 Fiches technique (PDF) - NTE Electronics

NTE1290 Datasheet PDF - NTE Electronics
No de pièce NTE1290
Télécharger  NTE1290 Télécharger

Taille du fichier   21.14 Kbytes
Page   2 Pages
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit AM Tuner for Car Radio

NTE1290 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
NTE1290 Datasheet PDF - NTE Electronics

No de pièce NTE1290
Télécharger  NTE1290 Click to download

Taille du fichier   21.14 Kbytes
Page   2 Pages
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit AM Tuner for Car Radio

NTE1290 Fiches technique (HTML) - NTE Electronics

NTE1290 Datasheet HTML 1Page - NTE Electronics NTE1290 Datasheet HTML 2Page - NTE Electronics

NTE1290 Détails du produit

Features:

• Complete 1–Chip AM Tuner

• Good High–Input Characteristics Provided with Automatic Dynamic Range Mag. Control at RF State (THD = 1% Typ. at 130dBµ)

• High AGC FOM (63dB Typ)

• Good Usable Sensitivity (23dBµ Typ.)

• Low Distortion (0.4% Typ. at 74dBµ)

• Good Beat Characteristics (3fi beat = 40dB at 108dBµ Input, at fi = 262.5kHz)

• Large Two–Signal Selectivity (55dB Typ. at Desired 54dBµ)

• Cut–Off Pop Noise at Detuning

• Standard Power Supply Voltage Area is 10.8V through 15.6V (13.2V typ) and Local Oscillation Stopping Voltage is Less Than 6V.



 




Numéro de pièce similaire - NTE1290

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE129 NTE-NTE129 Datasheet
27Kb / 3P
   Silicon Complementary Transistors Audio Output, Video, Driver
NTE1292 NTE-NTE1292 Datasheet
25Kb / 3P
   Integrated Circuit IF Amplifier and Detector
NTE1293 NTE-NTE1293 Datasheet
22Kb / 2P
   Integrated Circuit Dual, Audio Power Amp, 5.8W/Ch
NTE1294 NTE-NTE1294 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 1.2W
NTE1295 NTE-NTE1295 Datasheet
29Kb / 3P
   Integrated Circuit TV Signal Processor
More results


Description similaire - NTE1290

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE1533 NTE-NTE1533 Datasheet
81Kb / 4P
   Integrated Circuit AM Tuner for Car Radio
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
   AM Tuner for Car Radio
logo
STMicroelectronics
TDA7705 STMICROELECTRONICS-TDA7705 Datasheet
427Kb / 42P
   Highly integrated tuner for AM/FM car radio
September 2013 Rev 9
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
   Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7705 STMICROELECTRONICS-TDA7705_10 Datasheet
402Kb / 42P
   Highly integrated tuner for AM/FM car radio
TDA7706 STMICROELECTRONICS-TDA7706 Datasheet
291Kb / 16P
   Highly integrated tuner for AM/FM car-radio
September 2013 Rev 3
TDA7703R STMICROELECTRONICS-TDA7703R Datasheet
229Kb / 32P
   Highly integrated tuner for AM/FM car radio
January 2010
logo
Toshiba Semiconductor
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
   CAR RADIO AM TUNER ONE CHIP AM SYSTEM
logo
KEC(Korea Electronics)
KIA6035P KEC-KIA6035P Datasheet
210Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AM TUNER SYSTEM FOR CAR AUDIO)
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com