Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5711 Fiches technique (PDF) - AVAGO TECHNOLOGIES LIMITED

1N5711 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
No de pièce 1N5711
Télécharger  1N5711 Télécharger

Taille du fichier   264.7 Kbytes
Page   7 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Pico Second Switching Speed

1N5711 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
1N5711 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

No de pièce 1N5711
Télécharger  1N5711 Click to download

Taille du fichier   264.7 Kbytes
Page   7 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Pico Second Switching Speed

1N5711 Fiches technique (HTML) - AVAGO TECHNOLOGIES LIMITED

1N5711 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 1N5711 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 1N5711 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 1N5711 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 1N5711 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 1N5711 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 1N5711 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED

1N5711 Détails du produit

Description/Applications
The 1N5711, 1N5712, 5082-2800/10/11 are passivated Schottky barrier diodes which use a patented “guard ring” design to achieve a high breakdown voltage. Packaged in a low cost glass package, they are well suited for high level detecting, mixing, switching, gating, log or A-D converting, video detecting, frequency discriminating, sampling, and wave shaping.

Features
• Low Turn-On Voltage As Low as 0.34 V at 1 mA
• Pico Second Switching Speed
• High Breakdown Voltage Up to 70 V
• Matched Characteristics Available




Numéro de pièce similaire - 1N5711

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
logo
Shanghai Lunsure Electr...
1N5711 CHENYI-1N5711 Datasheet
82Kb / 2P
   400 mWatt Small Signal Schottky Diode 60 to 70 Volts
logo
Diode Semiconductor Kor...
1N5711 DSK-1N5711 Datasheet
269Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Compensated Deuices Inc...
1N5711 CDI-DIODE-1N5711 Datasheet
25Kb / 2P
   SCHOTTKY BARRIER DIODES
logo
EIC discrete Semiconduc...
1N5711 EIC-1N5711 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER DIODES
More results


Description similaire - 1N5711

FabricantNo de pièceFiches techniqueDescription
logo
MagnaChip Semiconductor...
MBQ60T65PES MGCHIP-MBQ60T65PES Datasheet
590Kb / 8P
   High Speed Fieldstop Trench IGBT Second Generation
logo
List of Unclassifed Man...
LSD2 ETC2-LSD2 Datasheet
78Kb / 2P
   MICRO-SECOND FLASH TUBE FOR HIGH-SPEED PHOTOGRAPHY
logo
BOWIN ELECTRONIC CO.
LS6109 BOWIN-LS6109 Datasheet
99Kb / 9P
   Scroll Second Watch
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FM ROHM-DAP202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FMFH ROHM-BAV99FMFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com